Part Number Hot Search : 
8128A 05ZXPF 1N3040 HV830 G1565 MC96406 ZMM5253 HT68F
Product Description
Full Text Search
 

To Download 2206750P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Subminiature Glass Body
RoHS
Pb
2AG Fast-Acting Fuse 2206P Series
(R)
(R)
The 2AG Fast-Acting fuses are available with axial leads. Axial leaded fuses are board washable. 2AG fuses provide the same performance characteristics as their 3AG counterpart, while occupying one-third the space.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% CSA. Opening Time 4 hours, Minimum 1 hour, Maximum 1 second, Maximum
AGENCY APPROVALS: All ratings are Listed by UL and Certified by AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. INTERRUPTING RATINGS:
0.75-3.0A 0.75-3.0A 10,000 amperes at 125VAC 35 amperes at 250VAC
2206 000P Series
4.7 (.184") 0.635 (.025")
PACKAGING OPTIONS: 2206P Series available on Tape and Reel
per EIA-296. 2206 series available in bulk packaging. For 1000 pieces bulk, add packaging suffix MXP.
ENVIRONMENTAL SPECIFICATIONS: Operating Temperature: -55C to 125C. Shock: MIL-STD-202, Method 213, Test Condition I
(100 G's peak for 6 milliseconds). Vibration: MIL-STD-202, Method 201 (10-55 Hz, 0.06 inches total excursion). Salt Spray: MIL-STD-202 Method 101, Test Condition B (48 hours). Insulation Resistance (After Opening): MIL-STD-202, Method 302, Test Condition B. Resistance to Soldering Heat: (Axial Leaded Fuses): MIL-STD-202, Method 210A, Test Condition B (260C, 3 Seconds). Thermal Shock: MIL-STD-202, Method 107, Test Condition B (-65C to 125C). Moisture Resistance: MIL-STD-202, Method 106 (90-98% RH, 65C). Solderability: (Axial Leaded Fuses): MIL-STD-202, Method 208.
14.48 (.57")
38.1 (1.50") TYP.
Axial Lead Material: Tin coated copper.
ORDERING INFORMATION:
Axial Lead Catalog Number 2206.750P 2206 001P 2206 002P 2206 003P Ampere Rating .750 1 2 3 Voltage Rating 300 300 300 300 Nominal Resistance Cold Ohms 0.340 0.210 0.0699 0.0505 Nominal Melting I 2t A2 Sec. 2.95 5.64 30.0 50.0
PHYSICAL SPECIFICATIONS: Materials: Glass Body, Nickel-Plated Brass Fuse Caps.
(Insulating sleeve option available).
SOLDERING PARAMETERS:
Wave solder -- 500F (260C), 3 seconds Max. Reflow solder -- Not recommended.
PHYSCIALSPECIFICATIONS: Materials: Glass Body, Nickel-Plated Brass Fuse Caps SOLDERING PARAMETERS:
Wave solder- 500F(260C), 3 seconds Max. Reflow solder- Not recommended
w w w. l i t t e l f u s e . c o m
391


▲Up To Search▲   

 
Price & Availability of 2206750P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X