Part Number Hot Search : 
STU40 SP706SEU 470M1 BZX70C11 W10NK60Z 12D05 R12X09 2N1596
Product Description
Full Text Search
 

To Download 1SMA200Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMA4741 - 1SMA200Z
1.0 Watts Surface Mount Silicon Zener Diode SMA/DO-214AC
Features
For surface mounted applications in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Low inductance Typical IR less than 5.0uA above 11V High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Mechanical Data
Case: Molded plastic over passivated junction Terminals: Pure tin plated lead free, solderable per MIL-STD-750, Method 2025 Polarity:Color Band denotes positive end (cathode) Standard packaging: 12mm tape (EIA-481) Weight: 0.002 ounces, 0.064 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=50 C, Derate above o 50 C ( Note 1 ) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) ( Note 2 )
o
Symbol PD IFSM
Value 1.0 6.67 10.0
Units Watts mW/ oC Amps
o
Operating and Storage Temperature Range TJ, TSTG -55 to + 150 C 2 1. Mounted on 5.0mm (0.013mm thick) land areas. Notes: 2. Measured on 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
- 586 -
Version: B07
ELECTRICAL CHARACTERISTICS (TA=25OC
Device (Note 1) 1SMA4741 1SMA4742 1SMA4743 1SMA4744 1SMA4745 1SMA4746 1SMA4747 1SMA4748 1SMA4749 1SMA4750 1SMA4751 1SMA4752 1SMA4753 1SMA4754 1SMA4755 1SMA4756 1SMA4757 1SMA4758 1SMA4759 1SMA4760 1SMA4761 1SMA4762 1SMA4763 1SMA4764 1SMA110Z 1SMA120Z 1SMA130Z 1SMA150Z 1SMA160Z 1SMA180Z 1SMA200Z Device Marking Code 741A 742A 743A 744A 745A 746A 747A 748A 749A 750A 751A 752A 753A 754A 755A 756A 757A 758A 759A 760A 761A 762A 763A 764A 110A 120A 130A 150A 160A 180A 200A
Nominal Zener Voltage
unless otherwise noted) VF=1.2V max, IF=200mA for all types. Surge Current @ O TA = 25 C Ir - mA (Note 5) 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45 -
Test
Vz @ Izt Voltage (Notes 2 & 3) 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
Current IZT mA 23 21 19 17 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 2.3 2.0 1.9 1.7 1.6 1.4 1.2
Maximum Zener Impedance (Note 4) Leakage Current
ZZT @ IZT Ohms 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 450 550 700 1000 1100 1200 1500
ZZK @ IZK Ohms mA 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 6000 6500 7000 8000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR @ VR uA Max Volts 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0
Notes: 1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance
on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when messured at 90 seconds while maintaining the lead temperature (TL) at 30 C 1 C, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having and rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 10.
o o
- 587 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (1SMA4741 THRU 1SMA200Z)
FIG.1- POWER TEMPERATURE DERATING CURVE
PD, MAXIMUM POWER DISSIPATION (WATTS)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
1000 500
IF, FORWARD CURRENT (mA)
1.25
MINIMUM MAXIMUM
1.0
200 100 50 20 10 5 2
o
0.75
0.50
70 C 150 C 25 C 0C
o o
o
0.25
0 0 20 40 60 80 100 120 140
o
1 160 180 200 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
AMBIENT TEMPERATURE( C)
VF, FORWARD VOLTAGE (VOLTS)
FIG.3- EFFECT OF ZENER CURRENT ON ZENER IMPEDANCE
1000
ZZ, DYNAMIC IMPEDANCE (OHMS)
FIG.5- TYPICAL LEAKAGE CURRENT
o
500 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5
TJ = 25 C IZ(rms)= 0.1 IZ(dc) f = 1KHz 47V
10000 7000 5000 2000 1000 700 500 200 100 70 50
IR, LEAKAGE CURRENT ( A)
TYPICAL LEAKAGE CURRENT AT 80% OF NOMINAL BREAKDOWN VOLTAGE
27V 0.8V
20 10 7 5 2 1 0.7 0.5 0.2 0.1 0.07 0.05 0.02 0.01 0.007 0.005 0.002 0.001 3 4 5 6 7 8 9 10 11 12 13 14 15
10
20
50
100
IZ, ZENER CURRENT (mA)
FIG.4- EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
ZZ, DYNAMIC IMPEDANCE (OHMS)
1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 3 5 7
IZ = 1.0mA 5.0mA 20mA
TJ = 25 C IZ(rms)= 0.1 IZ(dc) f = 1KHz
o
+125 C
o
+25 C
o
10
20
30
50 70 100
IZ, ZENER CURRENT (mA)
VZ, NOMINAL ZENER VOLTAGE (VOLTS)
Version: B07
RATINGS AND CHARACTERISTIC CURVES (1SMA4741 THRU 1SMA200Z)
FIG.6- TYPICAL CAPACITANCE versus Vz
400 300 200
C, CAPACITANCE (pF)
FIG.7- TEMPERATURE COEFFICIENTS
a-RANGE FOR UNITS TO 12 VOLTS
OVZ, TEMPERAYURE COEFFICIENT (mV/oC)
+12 +10 +8.0 +6.0 +4.0 +2.0 0 -2.0 -4.0 2 3 4 5 6 7 8 9 10 11 12
VZ, ZENER VOLTAGE (VOLTS)
100
0V BIAS 1.0V BIAS
10 8 4 1
RANGE
VZ @ IZT
50% OF BREAKDOWN BIAS
10
VZ, FORWARD VOLTAGE (VOLTS)
100
FIG.8- TEMPERATURE COEFFICIENTS
b-RANGE FOR UNITS 11 TO 100 VOLTS
FIG.9- EFFECT OF ZENER CURRENT
OVZ, TEMPERAYURE COEFFICIENT (mV/oC)
OVZ, TEMPERAYURE COEFFICIENT (mV/oC)
100 70 50 30 20 10 7 5 3 2 1 10 20 30 50 70 100
VZ, ZENER VOLTAGE (VOLTS)
+6.0
+4.0
VZ @ IZT TJ=25 oC
+2.0
RANGE
VZ @ IZT
20mA
0
0.01mA 1.0mA
NOTE: BELOW 3 VOLTS AND ABOVE a VOLTS CHANGES IN ZENER CURRENT OO NOT AFFECT TEMPERATURE COEFFICIENTS
-2.0
-4.0 3 4 5 6 7 8
VZ, ZENER VOLTAGE (VOLTS)
FIG.10- MAXIMUM SURGE POWER
Ppk, PEAK SURGE POWER IWATTSO
100 70 50 30 20 10 7 5 3 2 1 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000
PW, PULSE WIDTH (ms)
0.8V -10V
NON
11V -9
-RE PET ITIV E
1V N
ON-
REP
5% D
UTY C
ETIT
YCLE
IVE
RECTANGULAR WAVEFORM o TJ = 25 C PRIOR TO INITIAL PULSE
10% DUTY
CYCLE
20% DUTY CYCLE
Version: B07


▲Up To Search▲   

 
Price & Availability of 1SMA200Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X