Part Number Hot Search : 
APM4542K E005264 20020 ZC0805P KSL0M911 SBU10G 2SK531 C431PC
Product Description
Full Text Search
 

To Download 10263-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Caseless Components
Model 10263-3 Hybrid Couplers
3 dB, 90
Applications
* Microstrip Circuits * Divider/Combiners * Switch Networks * Balanced Detectors * Antenna Feeds
Features
* Welded Tab Mount * 2-Way Power Split * Reliable Performance * Handles 200 Watts
Electrical Specifications
Frequency
MHz
Isolation
dB Min/Typ
Insert. Loss
dB Max
VSWR
Max : 1
250 - 500 Amp. Bal.
dB Max
20/25 Phase Bal.
Degrees Max
0.30 Power
Ave. CW Watts
1.20/1.10
0.50
2.0
200
Notes: Electrical specifications apply only with properly designed test fixtures. Testing is done at ambient temperature only. Sample testing is performed to MIL-STD-105, Level 2, AQL 1.0. Test includes coupling, amplitude balance, insertion loss and isolation. If your application requires additional testing, consult Anaren Power rating applies when solder tab/coupler interface has been conformally coated. Impedance: 50 ohms. Meets MIL-E-5400 Class 3 requirements. Additional screening available for military and space applications.
Outline Drawing
Electrical and Mechanical Specifications subject to change without notice.
NOTES: 1. DIMENSIONS ARE IN INCHES OVER (MILLIMETERS) 2. MARKING SHALL BE IN ACCORDANCE WILL MIL-STD-130 3. FINISH: CHEMICAL CONVERSATION COAT (CLEAR) PER MIL-C-5541, CLASS 1A 4. SOLDER TAB: 4.1 MATERIAL:FLAT WIRE, COPPER-061, PER ASTM-B-272 4.2 FINISH: GOLD PLATE PER MIL-G-45204, TYPE 3, GRADE A, CLASS 00. OVER NICKEL SULFAMATE FLASH PER QQ-N-290, CLASS I.
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121 Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
4.1.23


▲Up To Search▲   

 
Price & Availability of 10263-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X