Part Number Hot Search : 
2SK996 BF800 AT54C TP200 20030 BF800 20030 K2520
Product Description
Full Text Search
 

To Download 0997010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Blade Fuses MINI(R) Blade Fuse Fuse Rated 58V
Specifications
Voltage Rating: Interrupting Ratings: Operating Temperature Range:
58 VDC 1000 amperes @ 58 VDC -40C to +125C
Blade Fuses
MINI style fuse for use in 42V Systems. Same Time-Current characteristic as the 32V MINI fuse Fits into standard MINI fuse sockets. Has a rejection feature to prevent fuses with lower voltage rating from being wrongfully inserted into the circuit. Current rating 2A - 30A, 58 VDC max. Sicherung in MINI(R) -Bauform fur 42V Systeme, gleiche ZeitStrom-Charakteristik wie die 32V MINI(R) Sicherung. Die Sicherung passt in Standard-MINI-Sicherungshalter und hat eine Sperrfunktion, die eine versehentliche Verwendung von Sicherungen mit niedrigerer Nennspannung verhindert. Nennstrom 2-30A, 58 VDC max.
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating % des Nennstromes
110 135 200 350 600
Opening Time Min / Max (s) Schmelzcharakteristik Min / Max (s)
100 h / - 750 ms / 600 s 150 ms / 5 s 80 ms / 250 ms 30 ms / 100 ms
Part Number Artikel-Nr.
0997002_ 0997003_ 0997004_ 0997005_ 099707.5_ 0997010_ 0997015_ 0997020_ 0997025_ 0997030_
Current Rating Nennstrom
2A 3A 4A 5A 7.5 A 10 A 15 A 20 A 25 A 30 A
Housing Color Kennfarbe
Typ. Voltage Drop Typ. Spannungsfall
171 mV 153 mV 121 mV 129 mV 135 mV 108 mV 98 mV 96 mV 86 mV 87 mV
Cold Resistance Kaltwiderstand
55.60 m 33.75 m 23.48 m 17.75 m 10.85 m 7.42 m 4.58 m 3.21 m 2.36 m 1.85 m
I t
2.8 As 9.4 As 17 As 25 As 68 As 93 As 270 As 380 As 625 As 1130 As
Last figure of part number = packaging code, see Section "Packaging Index," pg. 157. Corresponding holder see Section "Fuse Holders."
www.littelfuse.com
(c) 2006 Littelfuse * Automotive Circuit Protection Products
Blade Fuses MINI(R) Blade Fuse Fuse Rated 58V
Dimensions in mm / Mae in mm Recommended Mating Cavity
Blade Fuses
(c) 2006 Littelfuse * Automotive Circuit Protection Products
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 0997010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X