Part Number Hot Search : 
MGF4918 1040CT SP236A 06006 MCSO1ELS T113016 MB89475 BD6225
Product Description
Full Text Search
 

To Download 0213125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to IEC Standard
5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 213 Series
(R)
(R)
(R)
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 3 specification for Time Lag Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.200 to 6.3 amperes.
ELECTRICAL CHARACTERISTICS (213 Series):
% of Ampere Rating 150% 210% 275% 400% 1000% Ampere Rating .032 - 6.3 8 - 15 .032 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 2 minutes, Maximum 0.2 sec., Min.; 10 sec. Max. 0.6 sec., Min.; 10 sec. Max. .04 sec., Min.; 3 sec. Max. .15 sec., Min.; 3 sec. Max. .01 sec., Min.; 0.3 sec. Max. 0.02 sec., Min.; 0.3 sec. Max.
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C)
INTERRUPTING RATINGS: 35 amperes or 10 x rated current;
(whichever is greater) to a maximum 100A @ 250 VAC, unity power factor.
Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B PHYSICAL SPECIFICATIONS: Material: Body: Glass
ORDERING INFORMATION:
213 Surge Withstand
Cartridge Catalog Number Ampere Rating Voltage Rating Nominal Resistance Cold Ohms Nominal Melting I2t A2Sec.
0213.200 0213.250 0213.315 0213.400 0213.500 0213.630 0213.800 0213001. 02131.25 021301.6 0213002. 021302.5 02133.15 0213004. 0213005. 021306.3
.200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
1.60 1.05 0.848 0.535 0.370 0.275 0.165 0.117 0.081 0.055 0.044 0.030 0.022 0.017 0.011 0.008
0.350 0.555 1.14 1.35 2.90 4.80 9.42 19.20 27.15 44.2 92.7 138.0 226.5 202 314 600
w w w. l i t t e l f u s e . c o m
413
AXIAL LEAD AND CARTRIDGE FUSES
Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
11
11
Axial Lead and Cartridge Fuses
Designed to IEC Standard
5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 213 Series
(R)
(R)
(R)
Agency Approvals
Agency Approvals Certificate No Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D 2002010207007597 2003010207045592 Ampere Range
20+0.5
0213 000
1A - 6.3A
5.1+0.6 5.1+0.6
5.2+0.1 -0.2
Certificate No.
200mA - 6.3A 5A
0213 000 XE
40 22.5 MAX
5.8 MAX
(R)
Recognised File No. E10480 Guide No. JDYX2
(R)
0.65 All dimensions in mm
File No. Acc. Class No. Licence No. File No.
029862 LR1422-30 KM41462 9905092, 9923025, 304515 200mA - 6.3A
Notes: * Ratings above 6.3A have 0.8 mm dia lead
Average Time Current Curves
10000
1000
100
TIME IN SECONDS
10
1
0.1
0.01
0.001 0.1
0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A
1
10 CURRENT IN AMPERES
100
1000
414
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 0213125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X