Part Number Hot Search : 
2SA11 SE809 Z84C2010 THN6702 OP181GP GAANU SBL1650 4AHCT1
Product Description
Full Text Search
 

To Download ZTTCVZTTCS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZTACS, ZTTCS and ZTTCV Series
8.00MHz to 50.00MHz
Part Number Frequency Range (MHz) Frequency Tolerance (%)
Lead-Free RoHS Compliant
Revision: 2000-B
CALIBER
Electronics Inc.
Resonant Resistance (ohms)
Temperature Characteristics of Oscillation Frequency (%) 0.3 0.3 0.3 0.3 H 1.60.3 1.20.3 P1
Aging Rate (%)
ZTACS (MT) ZTACS (MX) ZTACV (MX) ZTACV (MX) Type
8.00-13.00 13.01-50.00 8.00-12.00 13.01-50.00 Dimensions (mm)
0.5 0.5 0.5 0.5 L 4.70.2 3.70.2
25 40 25 40 W 4.10.2 3.010.2
0.5 0.5 0.5 0.5 P1 1.00.4 0.90.3
ZTACS (MT/MX) ZTACV (MX)
ZTACS Series
8.00-20.00MHz 20.01-25.99MHz 26.00-50.00MHz
30pF 0.1pF 15pF 0.1pF 5pF 0.1pF
Load Capacitance (pF) is for circuit testing only. L
W
H
Part Number
Frequency Range (MHz)
Frequency Tolerance (%)
Resonant Resistance (ohms)
Temperature Characteristics of Oscillation Frequency (%) 0.3 0.3 0.3 0.3 P1 1.00.4 0.90.3 P2 0.80.4 0.70.3
P1 P2
Aging Rate (%)
ZTTCS (MT) ZTTCS (MX) ZTTCV (MT) ZTTCV (MX) Type
8.00-13.00 13.01-50.00 8.00-12.00 13.01-50.00 Dimensions L (mm) 4.70.2 3.70.2 30pF 0.1pF 15pF 0.1pF 5pF 0.1pF
0.5 0.5 0.5 0.5 W 4.10.2 3.010.2 H
25 40 25 40
0.5 0.5 0.5 0.5 P3 1.850.2 1.580.2
P3
ZTTCS (MT/MX ZTTCV(MX) ZTTCS Series 8.00-20.00MHz 20.01-25.99MHz 26.00-50.00MHz ZTACV Series
1.60.3 1.20.3
Load Capacitance (pF) is for built in capacitors only. Load Capacitance (pF) is for built in capacitors only.
W
20.01-25.99MHz 26.00-50.00MHz
15pF 0.1pF 5pF 0.1pF
H L
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of ZTTCVZTTCS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X