Part Number Hot Search : 
M4004 MSC24A P1203 SDN0080G DRF1401 TA8220HQ IRFU3505 TS080501
Product Description
Full Text Search
 

To Download XC62HR6001DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC62H Series
Positive Voltage Regulators (Output ON/OFF)
ETR0312_001
GENERAL DESCRIPTION
The XC62H series are highly precise, low power consumption, positive voltage regulators, manufactured using CMOS and laser trimming technologies. The series consists of a high precision voltage reference, an error correction circuit, and an output driver with current limitation. By way of the CE function, with output turned off, the series enters standby. In the stand-by mode, power consumption is greatly reduced. SOT-25 (150mW), SOT-89-5 (500mW) and USP-6B (100mW) packages are available. In relation to the CE function, as well as the positive logic XC62HR series, a negative logic XC62HP series (custom) is also available.
APPLICATIONS
Battery powered equipment Voltage supplies for cellular phones Cameras, Video recorders Palmtops
FEATURES
Maximum Output Current : 165mA (within max.power dissipation, VOUT=3.0V) Output Voltage Range : 2.0V ~ 6.0V in 100mV increments (1.5V ~ 1.9V semi-custom) Highly Accurate : Set-up Voltage 2% (1% for semi-custom products) Low Power Consumption : 3.0A (TYP.) (VOUT=3.0, Output enabled) : 0.1A (TYP.) (Output disabled) Output Voltage Temperature Characteristics : 100ppm / (TYP.) Line Regulation Small Dropout : 0.2% / V (TYP.) : 0.18V @ 60mA : 0.58V @ 160mA Ultra Small Packages : SOT-25 (150mW) mini-mold SOT-89-5 (500mW) mini-power mold USP-6B (100mW) CMOS Low Power Consumption
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
1/19
XC62H Series
PIN CONFIGURATION
*The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VIN pin.
PIN ASSIGNMENT
PIN NUMBER SOT-25 1 2 3 4 5 SOT-89-5 4 2 3 1 5 USP-6B 2, 5 1 6 4 3 PIN NAME (NC) VIN CE VSS VOUT FUNCTION No Connection Supply Voltage Input Chip Enable Ground Regulated Output Voltage
FUNCTION
SERIES XC62HR XC62HP CE H L H L VOLTAGE OUTPUT ON OFF OFF ON
H = High level L = Low level
PRODUCT CLASSIFICATION
Ordering Information
XC62H DESIGNATOR DESCRIPTION CE Pin Logic Output Voltage Temperature Characteristics Output Voltage Accuracy SYMBOL R P 20~60 0 1 2 M P D R L DESCRIPTION : Positive : Negative (Custom) :e.g. VOUT 3.0V =3, =0 VOUT 5.0V =5, =0 : + 100ppm (TYP.) : + 1% (semi-custom) : + 2% : SOT-23 : SOT-89-5 : USP-6B : Embossed tape, standard feed : Embossed tape, reverse feed
Package Type
Device Orientation
2/19
XC62H
Series
BLOCK DIAGRAM
3/19
XC62H Series
ABSOLUTE MAXIMUM RATINGS
Ta=25 PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage SOT-25 Power Dissipation SOT-89-5 USP-6B Operating Temperature Range Storage Temperature Range Topr Tstg Pd SYMBOL VIN IOUT VOUT VCE RATINGS 12.0 500 VSS -0.3 ~ VIN +1.3 VSS -0.3 ~ VIN +1.3 150 500 100 -30 ~ +80 -40 ~ +25 mW UNITS V mA V V
ELECTRICAL CHARACTERISTICS
XC62HR2002 VOUT(T)=2.0V PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage
(*3) (*1)
Ta=25 SYMBOL VOUT (E)
(*2)
CONDITIONS IOUT=40mA VIN=3.0V VIN=3.0V, VOUT(E)1.8V VIN=3.0V 1mAIOUT60mA IOUT=40mA IOUT=100mA VIN=VCE=3.0V VIN=3.0V, VCE=VSS IOUT=40mA 3.0VVIN10.0V IOUT=40mA -30Topr80
MIN. 1,960 115 1.5 -0.2
TYP. 2,000 45 180 580 2.9 0.2 100 -0.05
MAX. 2,040 90 360 880 7.9 0.1 0.3 10.0 0.25 0.1 0
UNITS V mA mV mV mV A A %/V V ppm / V V A A
CIRCUI T 1 1 1 1 1 2 2 1 1 1 1 2 2
IOUT max VOUT
Vdif1 Vdif2 Supply Current 1 ISS1 Supply Current 2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
VCE=VIN VCE=VSS
NOTE: *1: VOUT(T)=Specified output voltage . *2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif= {VIN1 (*5)-VOUT1 (*4)} *4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
4/19
XC62H
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC62HR3002 VOUT(T)=3.0V PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage
(*3) (*1)
Ta=25 SYMBOL VOUT (E)
(*2)
CONDITIONS IOUT=40mA VIN=4.0V VIN=4.0V, VOUT(E)2.7V VIN=4.0V 1mAIOUT80mA IOUT=60mA IOUT=160mA VIN=VCE=4.0V VIN=4.0V, VCE=VSS IOUT=40mA 4.0VVIN10.0V IOUT=40mA -30Topr80
MIN. 2,940 165 1.5 -0.2
TYP. 3,000 45 180 580 3.0 0.2 100 -0.05
MAX. 3,060 90 360 880 8.0 0.1 0.3 10.0 0.25 0.1 0
UNITS CIRCUIT V mA mV mV mV A A %/V V ppm / V V A A 1 1 1 1 1 2 2 1 1 1 1 2 2
IOUT max VOUT
Vdif1 Vdif2 Supply Current 1 ISS1 Supply Current 2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
VCE=VIN VCE=VSS
XC62HR4002 VOUT(T)=4.0V PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage
(*3)
(*1)
Ta=25 SYMBOL VOUT (E)
(*2)
CONDITIONS IOUT=40mA VIN=5.0V VIN=5.0V, VOUT(E)3.6V VIN=5.0V 1mAIOUT100mA IOUT=80mA IOUT=180mA VIN=VCE=5.0V VIN=5.0V, VCE=VSS IOUT=40mA 5.0VVIN10.0V IOUT=40mA -30Topr80
MIN. 3,920 200 1.5 -0.2
TYP. 4,000 45 170 560 3.1 0.2 100 -0.05
MAX. 4,080 90 340 840 8.1 0.1 0.3 10.0 0.25 0.1 0
UNITS CIRCUIT V mA mV mV mV A A %/V V ppm / V V A A 1 1 1 1 1 2 2 1 1 1 1 2 2
IOUT max VOUT
Vdif1 Vdif2 Supply Current 1 ISS1 Supply Current 2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
VCE=VIN VCE=VSS
NOTE: *1: VOUT(T)=Specified output voltage . *2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif= {VIN1 (*5)-VOUT1 (*4)} *4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
5/19
XC62H Series
ELECTRICAL CHARACTERISTICS (Continued)
XC62HR5002 VOUT(T)=5.0V PARAMETER Output Voltage Maximum Output Current Load Regulation Dropout Voltage
(*3) (*1)
Ta=25 SYMBOL VOUT (E)
(*2)
CONDITIONS IOUT=40mA VIN=6.0V VIN=6.0V, VOUT(E)4.5V VIN=6.0V 1mAIOUT100mA IOUT=100mA IOUT=200mA VIN=VCE=6.0V VIN=6.0V, VCE=VSS IOUT=40mA 6.0VVIN10.0V IOUT=40mA -30Topr80
MIN. 4,900 220 1.5 -0.2
TYP. 5,000 40 165 540 3.1 0.2 100 -0.05
MAX. 5,100 80 320 820 8.1 0.1 0.3 10.0 0.25 0.1 0
UNITS CIRCUIT V mA mV mV mV A A %/V V ppm / V V A A 1 1 1 1 1 2 2 1 1 1 1 2 2
IOUT max VOUT
Vdif1 Vdif2 Supply Current1 ISS1 Supply Current2 ISS2 VOUT Line Regulation VINVOUT Input Voltage VIN Output Voltage VOUT Temperature Characteristics ToprVOUT CE "High" Voltage VCEH CE "Low" Voltage VCEL CE "High" Current ICEH CE "Low" Current ICEL
VCE=VIN VCE=VSS
NOTE: *1: VOUT(T)=Specified output voltage . *2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif= {VIN1 (*5)-VOUT1 (*4)} *4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased.
6/19
XC62H
Series
TYPICAL APPLICATION CIRCUIT
Standard Circuit
TEST CIRCUITS
Circuit 1
Circuit 2
7/19
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
(2) Output Voltage vs. Input Voltage
8/19
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current
9/19
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) CE Pin Threshold Voltage vs. Input Voltage
(5) Supply Current vs. Input Voltage
10/19
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Supply Current vs. Input Voltage (Continued)
(6) Output Voltage vs. Ambient Temperature
11/19
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Supply Current vs. Ambient Temperature
(8) Input Transient Response 1
12/19
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Transient Response 1 (Continued)
(9) Input Transient Response 2
13/19
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Input Transient Response 2 (Continued)
(10) Load Transient Response
14/19
XC62H
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Load Transient Response (Continued)
(11) CE Pin Transient Response
15/19
XC62H Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) CE Pin Transient Response (Continued)
(12) Ripple Rejection Rate
16/19
XC62H
Series
PACKAGING INFORMATION
SOT-25 SOT-89-5
USP-6B
17/19
XC62H Series
REFERENCE PATTERN LAYOUT DIMENSIONS
USP-6B Note: Recommended metal mask design
MARKING RULE
SOT-25, SOT-89-5
5 4
Represents integer of the output voltage MARK 0 1 2 3 4 5 6 7 VOLTAGE (V) 0.x 1.x 2.x 3.x 4.x 5.x 6.x 7.x 8.x 9.x MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) 0.x 1.x 2.x 3.x 4.x 5.x 6.x 7.x 8.x 9.x
1
2
3
SOT-25 (TOP VIEW)
5
2
4
8 9
Represents decimal number of the output voltage MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) x.0 x.1 x.2 x.3 x.4 x.5 x.6 x.7 x.8 x.9 MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) x.0 x.1 x.2 x.3 x.4 x.5 x.6 x.7 x.8 x.9
1
2
SOT-89-5 (TOP VIEW)
3
Based on internal standards Represents assembly lot number. 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
18/19
XC62H
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
19/19


▲Up To Search▲   

 
Price & Availability of XC62HR6001DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X