Part Number Hot Search : 
LNK364GN D9288B BD710 BCR8P FR1002A RF2153 ESAD33N A1384
Product Description
Full Text Search
 

To Download WSH131 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WSH131
Omnipolar Hall Effect Switch IC Features: Operates from 2.4V to 26V supply voltage Operation with North or South Pole On-chip Hall Sensor and driver On-chip temperature compensation circuitry minimizes shifts in On/Off points temperature and supply voltage On-chip voltage regulator to stabilize On/Off switch point Wide range operating temperature -40 ~ 125 Easily Manufacturability with magnet pole independence South or North magnetic field: Output Low No magnetic field : Output High. Functional Description: WSH131 is designed to integrate pole independent Hall sensor with output driver together on the same chip. Either North or South magnetic field with sufficient strength will turn the output on (low). In the absence of a magnetic field, output is off (high). The polarity independence allow WSH131 to easily replace reed switches for superior reliability and case of manufacturing. To improve stability, it includes a temperature compensated voltage regulator, a differential amplifier, a Hysteresis controller and a open-collector output driver capable of sinking up to 20mA current load. The temperature-dependent bias increases the supply voltage of the hall plates and adjusts the switching points to the decreasing induction of magnets at higher temperatures. Subsequently, the output can keep switching on/off on more precise switch point regardless to the ambient temperature. WSH131 are rated for operation over temperature range from -40 C to 125 C and voltage ranges from 2.4V to 26V. Pin Descriptions: Name P/I/O Vdd P Gnd P Vout O
Pin# 1 2 3
Description Positive Power Supply Ground Output Pin
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2007/8/29(Rev. B) 1
WSH131
Absolute Maximum Rating (at Ta=25 C) Supply Voltage Vcc -------------------------Output breakdown Voltage Vout(breakdown) --------------Magnetic flux density B -------------------------Output ON Current (continuous) Ic -------------------------Operating Temperature Range Storage Temperature Range Package Power Dissipation Ta -------------------------Ts -------------------------Pd -------------------------26V 30V Unlimited 20mA (-40C to +125C) (-65C to +150C) 350mw
Electrical Characteristics: (T=+25C, Vcc=2.4V to 26V) Characteristic Symbol Test Conditions Min Typ Max Units Supply Voltage Vcc V 2.4 26 Output Saturation Vout Vcc=12V,Ic=10mA V 0.2 0.6 Voltage (sat) B > Bop Output Leakage Ileakage Vcc=12V, BWinson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2007/8/29(Rev. B) 2
WSH131
Magnetic Characteristics: Characteristic Operating Point Operating Point Hysteresis Window Symbol Bop Brp Bhys Grade A B A B Min. 20 20 10 10 10 30 Typ. Max. 100 150 Unit Guass Guass Guass Guass Guass
Ps: indicate direction of magnetic field1mT=10 Guass
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2007/8/29(Rev. B) 3
WSH131
Package Information:
TO-92S:
SOT-23:
Winson reserves the right to make changes to improve reliability or manufacturability. (c)Winson, 2007/8/29(Rev. B) 4


▲Up To Search▲   

 
Price & Availability of WSH131

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X