Part Number Hot Search : 
S1100 UT54A 74F154 ADT5200 K2828 HAL518K PL14P4BD CY7C1049
Product Description
Full Text Search
 

To Download VKC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 3 WATT Modular DC/DC Converters
Wide 4 : 1 Input Range Regulated Outputs 500V Isolation Full EMI Shielding Standard Pinouts
Unit measures 0.8"W x 1.25"L x 0.4"H
VKC03
series
Model Number
SINGLE OUTPUT VKC03-24S05 VKC03-48S05 VKC03-24S12 VKC03-48S12 VKC03-24S15 VKC03-48S15 DUAL OUTPUT VKC03-24D05 VKC03-48D05 VKC03-24D12 VKC03-48D12 VKC03-24D15 VKC03-48D15
Output Voltage
Output mAmps
Input Range
5 VDC 12 VDC 15 VDC
500 500 250 250 200 200 +/-250 +/-250 +/-125 +/-125 +/-100 +/-100
9-36VDC 18-72VDC 9-36VDC 18-72VDC 9-36VDC 18-72VDC 9-36VDC 18-72VDC 9-36VDC 18-72VDC 9-36VDC 18-72VDC
+/-5 VDC +/-12 VDC +/-15 VDC
Order On-Line!
WWW.ASTRODYNE.COM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 3 WATT Modular DC/DC Converters
INPUT SPECIFICATIONS
Input Voltage Ranges: 24 VDC Nominal 48 VDC Nominal 9-36 VDC 18-72 VDC
VKC03
series
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature Storage Temperature Maximum Case Temp MTBF -25 to +71 DegC(FL) -55 to +125 DegC * 110 DegC * 1214 kHrs MIL-HDBK-217F TA=25C FL
OUTPUT SPECIFICATIONS
Voltage and Current Load Regulation 25% - FL Line Regulation Temperature Coefficient Ripple/Noise(Single/Dual) Voltage Stability Voltage Balance, Dual Short Circuit Protection See Selection Chart singles: +/- 0.2% duals: +/-1% +/- 0.2% +/-0.02%/DegC 50mV Pk-Pk, typ +/-2% +/-2% Continuous, self-recovering
PHYSICAL SPECIFICATIONS
Case Material Construction Weight Nickel-Coated Copper Non-Conductive Base Fully Encapsulated 0.5 oz, (14g)
GENERAL SPECIFICATIONS
On/Off Control (Ref to - Input pin) Logic "1"/Open=ON Logic "0"/GND=OFF 500VDC 300 pF 10000 M Ohms 77%, typ 300Khz
Input-Out Isolation In/Out Capacitance Isolation Resistance Efficiency Switching Frequency
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
I s o l a t e d a n d R e gulated 3 WATT Modular DC/DC Converters
MECHANICAL DIMENSIONS
Pin size is 0.02(0.5) Dia or 0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
VKC03
Single Outputs Dual Outputs
+ Input + Input N/C N/C - Output + Output N/C Control - Input - Input + Input + Input Common Common N/C - Output + Output Control - Input - Input
series
Pin #
1 2 10 11 12 13 15 20 23 24
0.18(4.6)
24 23
1.25 (31.8)
1 2
0.70 (17.8) 0.10 (2.5)
20 BOTTOM VIEW
15 13
10 11 12
0.15 (3.8) 0.40 (10.2)
0.60(15.2) 0.80(20.3)
OUTPUT DERATING CURVE
OUTPUT POW ER (%)
VKC03-48S05 Derating Curve
100 75 50 25
Nature convection
50 60 70 80 90 100
0 -40 -25 -10 0
AMBIENT TEMPERATURE (C)
WWW.ASTRODYNE.COM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of VKC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X