![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ECM Surface Mount Power Inductors UCR UCR Series ECM Series Small PCB Area Low 1.3mm Height Option Up to 8 Amp Low Cost Typical Reel Size 1500pcs Previously UC-XXXX-C type, surface mount inductors. The UCR series comes in three package sizes each with their own individual benefits. The range features some of the smallest footprint sizes available for product of its type, and all are ferrite sheilded. Suitable applications include power supplies for PDA, VTR,OA equipment, LCD display, and DC/DC converters. COMPONENT OUTLINE DIMENSIONS ECM Type UCR1608 UCR3316 UCR5022 Inductance Range 1.0uH~10mH 1.0uH~47uH 10uH~1.0mH A (mm) 6.60 12.95 18.54 B 4.45 9.40 15.24 C 1.27 5.20 7.11 D 1.02 2.54 2.54 E 4.32 7.62 7.62 ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary. Issue 2 ECM Surface Mount Power Inductors ECM Part L (H) Tol % RDC MAX ( ) IDC IN (A) UCR1608 Series UCR1608T-1R0 UCR1608T-1R5 UCR1608T-2R2 UCR1608T-3R3 UCR1608T-4R7 UCR1608T-6R8 UCR1608T-100 UCR1608T-150 UCR1608T-220 UCR1608T-330 UCR1608T-470 UCR1608T-680 UCR1608T-101 UCR1608T-151 UCR1608T-221 UCR1608T-331 UCR1608T-471 UCR1608T-681 UCR1608T-102 UCR1608T-152 UCR1608T-222 UCR1608T-332 UCR1608T-472 UCR1608T-682 UCR1608T-103 1.0 @100 kHz 1.5 @ 100kHz 2.2 @100 kHz 3.3 @100 kHz 4.7 @ 100kHz 6.8 @100 kHz 10 @100 kHz 15 @100 kHz 22 @100 kHz 33 @100 kHz 47 @100 kHz 68 @100 kHz 100 @100 kHz 150 @100 kHz 220 @100 kHz 330 @100 kHz 470 @100 kHz 680 @100 kHz 1000 @100 kHz 1500 @100 kHz 2200 @100 kHz 3300 @100 kHz 4700 @100 kHz 6800 @100 kHz 10000 @100 kHz M M M M M M M M M M M M M M M M M M M M M M M M M 0.04 0.05 0.05 0.06 0.06 0.07 0.08 0.09 0.11 0.19 0.23 0.29 0.48 0.59 0.77 1.40 1.80 2.20 3.40 4.20 8.50 11.00 13.90 25.00 32.80 3.00 2.80 1.80 1.60 1.40 1.20 1.00 0.80 0.70 0.60 0.50 0.40 0.30 0.26 0.22 0.20 0.19 0.18 0.15 0.12 0.10 0.08 0.06 0.04 0.02 UCR3316 Series UCR3316T-1R0 UCR3316T-1R5 UCR3316T-2R2 UCR3316T-3R3 UCR3316T-4R7 UCR3316T-6R8 UCR3316T-100 UCR3316T-150 UCR3316T-220 UCR3316T-330 UCR3316T-470 1.0 @100 kHz 1.5 @100 kHz 2.2 @100 kHz 3.3 @100 kHz 4.7 @100 kHz 6.8 @100 kHz 10 @100 kHz 15 @100 kHz 22 @100 kHz 33 @100 kHz 47 @100 kHz M M M M M M M M M M M 0.02 0.02 0.03 0.04 0.05 0.08 0.10 0.15 0.21 0.33 0.47 5.60 5.20 5.00 3.90 3.20 2.80 2.40 2.00 1.60 1.40 1.00 TOLERANCE; M=20%. ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary. Issue 2 ECM Surface Mount Power Inductors ECM Part L (H) Tol % RDC MAX ( ) IDC IN (A) UCR5022 Series UC5022T-100 UC5022T-150 UC5022T-220 UC5022T-330 UC5022T-470 UC5022T-680 UC5022T-101 UC5022T-151 UC5022T-221 UC5022T-331 UC5022T-471 UC5022T-681 UC5022T-102 10 @100 kHz 15 @100 kHz 22 @100 kHz 33 @100 kHz 47 @100 kHz 68 @100 kHz 100 @100 kHz 150 @100 kHz 220 @100 kHz 330 @100 kHz 470 @100 kHz 680 @100 kHz 1000 @100 kHz M M M M M M M M M M M M M 0.04 0.05 0.06 0.08 0.10 0.14 0.21 0.29 0.47 0.78 1.08 1.40 2.01 8.00 7.00 6.00 5.00 4.00 3.00 2.40 2.10 1.90 1.10 1.10 0.96 0.80 TOLERANCE; M=20%. ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary. Issue 2 |
Price & Availability of UCR1608T-1R0
![]() |