Part Number Hot Search : 
UFS1200 13191 ES3HB B0737 1SMB170A 70M6T CS5460A 02M166VL
Product Description
Full Text Search
 

To Download TD62501PFG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TD62501~507PG/FG
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62501PG,TD62501FG,TD62502PG,TD62502FG,TD62503PG,TD62503FG,TD62504PG TD62504FG,TD62505PG,TD62505FG,TD62506PG,TD62506FG,TD62507PG,TD62507FG
7ch Single Driver
TD62501PG/FG, TD62502PG/FG, TD62503PG/FG, TD62504PG/FG Common emitter TD62505PG/FG, TD62506PG/FG Common collector TD62507PG/FG Isolated
TD62501PG, TD62502PG, TD62503PG, TD62504PG, TD62505PG, TD62506PG, TD62507PG
The TD62501PG/FG Series are comprised of seven or five NPN transistor arrays. For proper operation, the substrate (SUB) must be connected to the most negative voltage. Applications include relay, hammer, lamp and display (LED) drivers. The suffix (G) appended to the part number represents a Lead (Pb)-Free product.
TD62501FG, TD62502FG, TD62503FG, TD62504FG, TD62505FG, TD62506FG, TD62507FG
Features
* * * * * * * * * Output current (single output) 200 mA (max) High sustaining voltage output 35 V (min) Inputs compatible with various types of logic. TD62501PG/FG, TD62505PG/FG and TD62507PG/FG : Using external resistor*** General Purpose TD62502PG/FG : RIN = 10.5 k + 7 V Zener Diode*** 14 to 25 V P-MOS TD62503PG/GF, TD62506PG/FG : RIN = 2.7 k*** TTL, 5 V C-MOS TD62504PG/FG: RIN = 10.5 k*** 6 to 15 V P-MOS, C-MOS Package Type-PG: DIP-16 pin Package Type-FG: SOP-16 pin Weight DIP16-P-300-2.54A: 1.11g (typ.) SOP16-P-225-1.27: 0.16g (typ.)
1
2006-06-14
TD62501~507PG/FG
Pin Assignment (top view)
TD62501PG/FG, TD62502PG/FG TD62503PG/FG, TD62504PG/FG O1 16 O2 15 O3 14 O4 13 O5 12 O6 11 O7 10 NC 9 TD62505PG/FG, TD62506PG/FG
O1 16
O2 15
O3 14
O4 13
O5 12
O6 11
O7 COM-C 10 9
1 I1 TD62507PG/FG E5 16
2 I2
3 I3
4 I4
5 I5
6 I6
7 8 I7 COM-E
1 I1
2 I2
3 I3
4 I4
5 I5
6 I6
7 I7
8 SUB
B5 15
C4 14
E4 13
B4 12
B3 11
E3 10
C3 9
*: NC pin assignment The NC pin is not assigned to an internal chip of these products; hence, no need to assign necessarily. If it is needed, Toshiba recommends that you connect the NC pin to the common emitter (GND).
1 C5
2 C1
3 E1
4 5 6 B1 SUB C2
7 E2
8 B2
Schematics (each driver)
TD62501PG/FG Output Input (*) (*) (*) (*) (*) (*) Common emitter
TD62502PG/FG Output Input (*) 7V 10.5 k 10 k (*) (*) (*) (*) (*) Common emitter
TD62503PG/FG TD62504PG/FG Output Input (*) R1 10 k (*) (*) (*) (*) (*) Common emitter
TD62503PG/FG TD62504PG/FG
R1 = 2.7 k, R1 = 10.5 k
: Parasitic diodes Note: The input and output parasitic diodes cannot be used as clamp diodes.
2
2006-06-14
TD62501~507PG/FG
Schematics (Each driver)
TD62505PG/FG Common collector (*) (*) (*) (*) (*) (*)
SUB TD62506PG/FG
Output
Common collector Input (*) SUB Output TD62507PG/FG 2.7 k (*) (*) (*) (*) (*)
(*) (*) (*)
(*) (*)
(*) (*)
(*) (*)
(*)
GND (SUB)
: Parasitic diodes Note: The input and output parasitic diodes cannot be used as clamp diodes.
Absolute Maximum Ratings (Ta = 25C)
Characteristics Collector-emitter voltage Collector-base voltage Collector current Input voltage Input current Isolation voltage Power dissipation Operating temperature Storage temperature PG FG Symbol VCEO VCBO IC VIN (Note 1) VIN (Note 2) IIN (Note 3) VSUB PD Topr Tstg Rating 35 50 200 -0.5 to 45 -0.5 to 30 25 35 1.0 0.625 (Note 4) -40 to 85 -55 to 150 Unit V V mA/ch V mA V W C C
Note 1: TD62506PG/FG Note 2: TD62502PG/FG, TD62503PG/FG, TD62504PG/FG Note 3: TD62501PG/FG, TD62505PG/FG, TD62507PG/FG Note 4: On Glass Epoxy PCB (30 x 30 x 1.6 mm Cu 50%)
3
2006-06-14
TD62501~507PG/FG
Recommended Operating Conditions (Ta = -40 to 85C)
Characteristics Collector-emitter voltage Collector-base voltage Collector current Input voltage Input voltage (Output on) TD62506PG/FG TD62502PG/FG TD62503PG/FG TD62504PG/FG TD62502PG/FG Input voltage (Output off) TD62503PG/FG TD62504PG/FG TD62501PG/FG Input current TD62505PG/FG TD62507PG/FG Power dissipation PG FG PD (Note 1) 0.360 0.325 W IIN 0 10 mA VIN (OFF) IC 10 A VIN (ON) IIN = 1 mA, IC = 10 mA Symbol VCEO VCBO IC VIN Condition Min 0 0 0 0 14.0 2.4 7.0 0 0 0 Typ. Max 35 50 150 35 25 25 25 7.0 0.4 0.8 V V Unit V V mA/ch V
Note 1: 30 x 30 x 1.6 mm Cu 50%
Electrical Characteristics (Ta = 25C)
Characteristics Output leakage current Collector-emitter saturation voltage (Note 2) (Note 3) Symbol ICEX VCE (sat) Test Circuit 1 2 Test Condition VCE = 25 V, VIN = 0 V IIN = 1 mA, IC = 10 mA IIN = 3 mA, IC = 150 mA (Note 1) VCE = 10 V, IC = 10 mA VOUT = 35 V, RL = 3.3 k CL = 15 pF Min 70 50 Typ. 50 200 Max 10 0.2 0.8 V Unit A
DC Current transfer ratio Turn-on delay Turn-off delay
hFE tON tOFF
2 4 4
ns ns
Note 1: Except TD62502PG/FG Only Note 2: Only TD62501PG/FG, TD62505PG/FG, TD62506PG/FG, TD62507PG/FG Note 3: Only TD62502PG/FG, TD62503PG/FG, TD62504PG/FG
4
2006-06-14
TD62501~507PG/FG
Test Circuit
1. ICEX 2. hFE, VCE (sat)
IIN Open VIN ICEX VCE IC VCE, VCE (sat) IC hFE = IIN
3. VIN (ON)
IIN VIN (ON) IC
4. tON, tOFF
Input Pulse generator (Note 1) R1 (Note 2) B E VOUT = 35 V C RL = 3.3 k Output CL = 15 pF (Note 3) Input 10% tON Output 50% tr 90% 50% 50 s 90% 50% 10% tOFF VOH 50% VOL tf VIH
0
Note 1: Pulse width 50 s, Duty cycle 10% Output impedance 50 , tr 5 ns, tf 10 ns Note 2: See below Input Condition
Type Number TD62501PG/FG TD62502PG/FG TD62503PG/FG TD62504PG/FG TD62505PG/FG TD62506PG/FG TD62507PG/FG R1 2.7 k 0 0 0 2.7 k 0 2.7 k VIH 3V 15 V 3V 10 V 3V 3V 3V
Note 3: CL includes probe and jig capacitance
Precautions for Using
This IC does not integrate protection circuits such as overcurrent and overvoltage protectors. Thus, if excess current or voltage is applied to the IC, the IC may be damaged. Please design the IC so that excess current or voltage will not be applied to the IC. Utmost care is necessary in the design of the output line, VCC and GND line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
5
2006-06-14
TD62501~507PG/FG
IC - IB
120 TD62501PG/FG TD62505PG/FG TD62507PG/FG Emitter grounded Ta = 25C VCE = 3 V 60 120 0.7
IC - VCE
0.6 TD62501PG/FG TD62505PG/FG TD62507PG/FG Emitter grounded Ta = 25C 0.4 60 0.3 40 0.2 20 IB = 0.1 mA
100
100
(mA)
(mA)
0.5 80
Collector current IC
40
20
0 0
Collector current IC
0.8
80
0.2
0.4
0.6
0 0
10
20
30
Base current
IB (mA)
Collector-emitter voltage
VCE
(V)
VBE - IB
1.0 1.2 (1)
PD - Ta
(1) Type-PG FREE AIR (2) Type-FG ON PCB 30 x 30 x 1.6 mm Cu 50% On glass Epoxy PCB (3) Type-FG FREE AIR
VBE (V)
0.8 VCE = 3 V 0.6
PD (W)
1.0
0.8 (2) 0.6 (3) 0.4
Base-emitter voltage
TD62501PG/FG 0.4 TD62505PG/FG TD62507PG/FG Emitter grounded 0.2 0 Ta = 25C 0.2 0.4 0.6 0.8
Power dissipation
0.2
0 0
25
50
75
100
125
150
Base current
IB (mA)
Ambient temperature
Ta
(C)
VCE (sat) - IC
TD62501PG/FG TD62505PG/FG TD62507PG/FG 0.3 Ta = 25C 0.1 VCE (sat) 0.03 IC/IB = 10 1 10000 TD62501PG/FG TD62505PG/FG TD62507PG/FG 3000 Ta = 25C 1000
hFE - IC
Collector-emitter saturation voltage VCE (sat) (V)
IC/IB = 25
DC current transfer ratio hFE
300 hFE (VCE = 10 V) 100
0.01
0.003
30
0.001 0.1
0.3
1
3
10
30
100
10 0.1
0.3
1
3
10
30
100
Collector current
IC (mA)
Collector current
IC (mA)
6
2006-06-14
TD62501~507PG/FG
TD62501PG/FG IIN - VIN
8 Ta = 25C 4
TD62502PG/FG IIN - VIN
(mA)
IIN
IOUT = 25 mA 4 50 100 2
IIN Input current
2 1 Ta = 25C IOUT = 25 to 100 mA 0 0
Input current
0 0
(mA)
6
3
0.2
0.4
0.6
0.8
1.0
10
20
30
40
50
Input voltage
VIN (V)
Input voltage
VIN (V)
TD62503PG/FG IIN - VIN
4 4
TD62504PG/FG IIN - VIN
(mA)
IIN
Input current
1 Ta = 25C IOUT = 25 to 100 mA 0 0 4 8 12 16 20
Input current
2
IIN
2 1 Ta = 25C IOUT = 25 to 100 mA 0 0 10 20 30 40 50
Input voltage
VIN (V)
(mA)
3
3
Input voltage
VIN (V)
IC - VCE (sat)
120 2 mA 1 mA
100
(mA)
Collector current IC
80
700 A
60
IIN = 500 A
40
20 Ta = 25C 0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
Output saturation voltage VCE (sat)
7
2006-06-14
TD62501~507PG/FG
Package Dimensions
Weight: 1.11 g (typ.)
8
2006-06-14
TD62501~507PG/FG
Package Dimensions
Weight: 0.16 g (typ.)
9
2006-06-14
TD62501~507PG/FG
Notes on Contents
1. Equivalent Circuits
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory purposes.
2. Test Circuits
Components in the test circuits are used only to obtain and confirm the device characteristics. These components and circuits are not guaranteed to prevent malfunction or failure from occurring in the application equipment.
IC Usage Considerations
Notes on Handling of ICs
(1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for a moment. Do not exceed any of these ratings. Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. Use an appropriate power supply fuse to ensure that a large current does not continuously flow in case of over current and/or IC failure. The IC will fully break down when used under conditions that exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal pulse noise occurs from the wiring or load, causing a large current to continuously flow and the breakdown can lead smoke or ignition. To minimize the effects of the flow of a large current in case of breakdown, appropriate settings, such as fuse capacity, fusing time and insertion circuit location, are required. If your design includes an inductive load such as a motor coil, incorporate a protection circuit into the design to prevent device malfunction or breakdown caused by the current resulting from the inrush current at power ON or the negative current resulting from the back electromotive force at power OFF. IC breakdown may cause injury, smoke or ignition. Use a stable power supply with ICs with built-in protection functions. If the power supply is unstable, the protection function may not operate, causing IC breakdown. IC breakdown may cause injury, smoke or ignition. Do not insert devices in the wrong orientation or incorrectly. Make sure that the positive and negative terminals of power supplies are connected properly. Otherwise, the current or power consumption may exceed the absolute maximum rating, and exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. In addition, do not use any device that is applied the current with inserting in the wrong orientation or incorrectly even just one time. Carefully select external components (such as inputs and negative feedback capacitors) and load components (such as speakers), for example, power amp and regulator. If there is a large amount of leakage current such as input or negative feedback condenser, the IC output DC voltage will increase. If this output voltage is connected to a speaker with low input withstand voltage, overcurrent or IC failure can cause smoke or ignition. (The over current can cause smoke or ignition from the IC itself.) In particular, please pay attention when using a Bridge Tied Load (BTL) connection type IC that inputs output DC voltage to a speaker directly.
(2)
(3)
(4)
(5)
10
2006-06-14
TD62501~507PG/FG
Points to Remember on Handling of ICs
(1) Heat Radiation Design In using an IC with large current flow such as power amp, regulator or driver, please design the device so that heat is appropriately radiated, not to exceed the specified junction temperature (Tj) at any time and condition. These ICs generate heat even during normal use. An inadequate IC heat radiation design can lead to decrease in IC life, deterioration of IC characteristics or IC breakdown. In addition, please design the device taking into considerate the effect of IC heat radiation with peripheral components. Back-EMF When a motor rotates in the reverse direction, stops or slows down abruptly, a current flow back to the motor's power supply due to the effect of back-EMF. If the current sink capability of the power supply is small, the device's motor power supply and output pins might be exposed to conditions beyond absolute maximum ratings. To avoid this problem, take the effect of back-EMF into consideration in system design.
(2)
11
2006-06-14
TD62501~507PG/FG
About solderability, following conditions were confirmed * Solderability (1) Use of Sn-37Pb solder Bath * solder bath temperature = 230C * dipping time = 5 seconds * the number of times = once * use of R-type flux (2) Use of Sn-3.0Ag-0.5Cu solder Bath * solder bath temperature = 245C * dipping time = 5 seconds * the number of times = once * use of R-type flux
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D
060116EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C * The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
12
2006-06-14


▲Up To Search▲   

 
Price & Availability of TD62501PFG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X