Part Number Hot Search : 
14D331K C1417 CHUMA8PT CP106 MPSR120 E001056 Z86K17 M62464AE
Product Description
Full Text Search
 

To Download TD62083AFNG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TD62083,084AFNG
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62083AFNG,TD62084AFNG
8CH DARLINGTON SINK DRIVER
The TD62083AFNG and TD62084AFNG are high-voltage, high-current darlington drivers comprised of eight NPN darlington pairs. All units feature integral clamp diodes for switching inductive loads. Applications include relay, hammer, lamp and display (LED) drivers. Please observe the thermal condition for using. The suffix (G) appended to the part number represents a Lead (Pb)-Free product.
Weight: 0.09 g (typ.)
Features
Package Type : SSOP18 pin High Sustaining Voltage Output : 50 V (Min) Output Current (Single Output) : 500 mA / ch (Max) Output Clamp Diodes Inputs compatible with Various Types of Logic.
TYPE TD62083AFNG TD62084AFNG INPUT BASE RESISTOR 2.7 k 10.5 k DESIGNATION TTL, 5-V CMOS 6~15-V P-MOS, CMOS
Pin connection (top view)
Schematics (each driver)
TD62083AFNG TD62084AFNG
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
1
2006-06-13
TD62083,084AFNG
Absolute Maximum Ratings (Ta = 25C)
CHARACTERISTIC Output Sustaining Voltage Output Current Input Voltage Clamp Diode Reverse Voltage Clamp Diode Forward Current Power Dissipation Operating Temperature Storage Temperature SYMBOL VCE (SUS) IOUT VIN VR IF PD (Note) Topr Tstg RATING -0.5~50 500 -0.5~30 50 500 0.96 -40~85 -55~150 UNIT V mA / ch V V mA W C C
Note:
On Glass Epoxy PCB (50 x 50 x 1.6 mm Cu 40%)
Recommended Operating Conditions (Ta = -40~85C)
CHARACTERISTIC Output Sustaining Voltage SYMBOL VCE (SUS) DC 1 Circuit Output Current IOUT (Note) Tpw = 25 ms, 8 Circuits Ta = 85C, Tj = 120C Duty = 10% Duty = 50% CONDITION MIN 0 0 0 0 2.5 8 Ta = 85C (Note) TYP. MAX 50 350 260 90 30 30 30 50 400 0.4 V V V mA W mA / ch UNIT V
Input Voltage Input Voltage (Output ON) TD62083 TD62084
VIN VIN(ON) VR IF PD
Clamp Diode Reverse Voltage Clamp Diode Forward Current Power Dissipation
Note:
On Glass Epoxy PCB (50 x 50 x 1.6 mm Cu 40%)
2
2006-06-13
TD62083,084AFNG
Electrical Characteristics (Ta = 25C)
CHARACTERISTIC SYMBOL TEST CIR- CUIT 1 TEST CONDITION VCE = 50 V ICEX VCE = 50 V VCE = 50 V Ta = 25C Ta = 85C VIN = 1 V MIN 50 1000 RL = 125 , VOUT = 50 V RL = 125 , VOUT = 50 V TYP. 1.3 1.1 0.9 0.93 0.35 1.0 65 15 0.1 0.2 MAX 50 100 500 1.6 1.3 1.1 1.35 0.5 1.45 2.4 2.7 3.0 5.0 6.0 7.0 8.0 50 100 2.0 A V pF s V A mA V A UNIT
Output Leakage Current
TD62083 TD62084
IOUT = 350 mA, IIN = 500 A Output Saturation Voltage VCE (sat) 2 IOUT = 200 mA, IIN = 350 A IOUT = 100 mA, IIN = 250 A TD62083 Input Current TD62084 IIN (ON) 3 VIN = 3.85 V VIN = 5 V VIN = 12 V IIN (OFF) 4 IOUT = 500 A, Ta = 85C VCE = 2 V, IOUT = 200 mA TD62083 VCE = 2 V, IOUT = 250 mA VCE = 2 V, IOUT = 300 mA Input Voltage TD62084 VIN (ON) 5 VCE = 2 V, IOUT = 125 mA VCE = 2 V, IOUT = 200 mA VCE = 2 V, IOUT = 275 mA VCE = 2 V, IOUT = 350 mA DC Current Transfer Ratio Clamp Diode Reverse Current Clamp Diode Forward Voltage Input Capacitance Turn-On Delay Turn-Off Delay hFE IR VF CIN tON tOFF 2 6 7 8 VCE = 2 V, IOUT = 350 mA Ta = 25C VR = 50 V Ta = 85C VR = 50 V IF = 350 mA
3
2006-06-13
TD62083,084AFNG
Test Circuit
1. ICEX 2. VCE (sat), hFE 3. IIN (ON)
4.
IIN (OFF)
5.
VIN (ON)
6.
IR
7.
VF
4
2006-06-13
TD62083,084AFNG
8. tON, tOFF
Note 1: Pulse Width 50 s, Duty Cycle 10% Output Impedance 50 , tr 5ns, tf 10 ns Note 2: See below Input Condition
TYPE NUMBER TD62083AFN TD62084AFN R1 0 0 VIH 3V 8V
Note 3: CL includes probe and jig capacitance
Precautions for Using
This IC does not include built-in protection circuits for excess current or overvoltage. If this IC is subjected to excess current or overvoltage, it may be destroyed. Hence, the utmost care must be taken when systems which incorporate this IC are designed. Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed due to short-circuit between outputs, air contamination fault, or fault by improper grounding.
5
2006-06-13
TD62083,084AFNG
TD62083AFNG
TD62084AFNG
TD62083AFNG
TD62084AFNG
6
2006-06-13
TD62083,084AFNG
7
2006-06-13
TD62083,084AFNG
Package Dimensions
SSOP18-P-225-0.65 Unit : mm
Weight: 0.09 g (Typ.)
8
2006-06-13
TD62083,084AFNG
Notes on Contents
1. Equivalent Circuits
The equivalent circuit diagrams may be simplified or some parts of them may be omitted for explanatory purposes.
2. Test Circuits
Components in the test circuits are used only to obtain and confirm the device characteristics. These components and circuits are not guaranteed to prevent malfunction or failure from occurring in the application equipment.
IC Usage Considerations
Notes on Handling of ICs
(1) The absolute maximum ratings of a semiconductor device are a set of ratings that must not be exceeded, even for a moment. Do not exceed any of these ratings. Exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. Use an appropriate power supply fuse to ensure that a large current does not continuously flow in case of over current and/or IC failure. The IC will fully break down when used under conditions that exceed its absolute maximum ratings, when the wiring is routed improperly or when an abnormal pulse noise occurs from the wiring or load, causing a large current to continuously flow and the breakdown can lead smoke or ignition. To minimize the effects of the flow of a large current in case of breakdown, appropriate settings, such as fuse capacity, fusing time and insertion circuit location, are required. If your design includes an inductive load such as a motor coil, incorporate a protection circuit into the design to prevent device malfunction or breakdown caused by the current resulting from the inrush current at power ON or the negative current resulting from the back electromotive force at power OFF. IC breakdown may cause injury, smoke or ignition. Use a stable power supply with ICs with built-in protection functions. If the power supply is unstable, the protection function may not operate, causing IC breakdown. IC breakdown may cause injury, smoke or ignition. Do not insert devices in the wrong orientation or incorrectly. Make sure that the positive and negative terminals of power supplies are connected properly. Otherwise, the current or power consumption may exceed the absolute maximum rating, and exceeding the rating(s) may cause the device breakdown, damage or deterioration, and may result injury by explosion or combustion. In addition, do not use any device that is applied the current with inserting in the wrong orientation or incorrectly even just one time. Carefully select external components (such as inputs and negative feedback capacitors) and load components (such as speakers), for example, power amp and regulator. If there is a large amount of leakage current such as input or negative feedback condenser, the IC output DC voltage will increase. If this output voltage is connected to a speaker with low input withstand voltage, overcurrent or IC failure can cause smoke or ignition. (The over current can cause smoke or ignition from the IC itself.) In particular, please pay attention when using a Bridge Tied Load (BTL) connection type IC that inputs output DC voltage to a speaker directly.
(2)
(3)
(4)
(5)
9
2006-06-13
TD62083,084AFNG
Points to Remember on Handling of ICs
(1) Heat Radiation Design In using an IC with large current flow such as power amp, regulator or driver, please design the device so that heat is appropriately radiated, not to exceed the specified junction temperature (Tj) at any time and condition. These ICs generate heat even during normal use. An inadequate IC heat radiation design can lead to decrease in IC life, deterioration of IC characteristics or IC breakdown. In addition, please design the device taking into considerate the effect of IC heat radiation with peripheral components. Back-EMF When a motor rotates in the reverse direction, stops or slows down abruptly, a current flow back to the motor's power supply due to the effect of back-EMF. If the current sink capability of the power supply is small, the device's motor power supply and output pins might be exposed to conditions beyond absolute maximum ratings. To avoid this problem, take the effect of back-EMF into consideration in system design.
(2)
10
2006-06-13
TD62083,084AFNG
About solderability, following conditions were confirmed * Solderability (1) Use of Sn-37Pb solder Bath * solder bath temperature = 230C * dipping time = 5 seconds * the number of times = once * use of R-type flux (2) Use of Sn-3.0Ag-0.5Cu solder Bath * solder bath temperature = 245C * dipping time = 5 seconds * the number of times = once * use of R-type flux
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D
060116EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C * The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
11
2006-06-13


▲Up To Search▲   

 
Price & Availability of TD62083AFNG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X