Part Number Hot Search : 
1K123 MC1402 CHX2089 1N4750A 001118 PAB223 IX4R11 CM2038
Product Description
Full Text Search
 

To Download TBU35005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TBU10/15/25/35G SERIES
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -200~300 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 10/15/25/35 Amperes TBU
.935(23.7) .895(22.7) .15? X23L (3.8? X5.7L) HOLE THRU
molded plastic technique
Plastic material has U/L
300 (7.5) .748(19.0) .709(18.0) .780(19.8) .740(18.8)
flammability classification 94V-0
Mounting postition:Any
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .244(6.2) .205(5.2)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
TBU 10005G SYMBOL 15005G 25005G 35005G VRRM VRMS VDC I(AV) TBU 10G IFSM VF IR TJ TSTG 50 30 50 10 3.0 200 TBU 15G TBU 1001G 1501G 2501G 3501G 100 70 100 TBU 1002G 1502G 2502G 3502G 200 140 200 15 3.2 250 TBU 1004G 1504G 2504G 3504G 400 280 400 TBU 1006G 1506G 2506G 3506G 600 420 600 25 3.6 300 TBU 1008G 1508G 2508G 3508G 800 560 800 TBU 1010G 1510G 2510G 3510G 1000 700 1000 35 TBU 35G 4.2 300
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0/7.5/12.5/17.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
UNIT
V V V A
TBU 25G
A V uA
1.1 10 500 -55 to +150 -55 to +150
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 100mm*100mm*1.6mm cu plate heatsink.
~ 339 ~
RATING AND CHARACTERISTIC CURVES TBU10/15/25/35AG SERIES
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES 350 300
TBU25/35G
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED CURRENT 40
TBU35G
30
250 200 150
TBU10
TBU25G
TBU15G
20
TBU15G
10
TBU10G
100 50 1 10 NUMBER OF CYCLES AT 60Hz 100
0 50 100 150
TEMPERATURE ()
FIG.3- TYPICAL FORWARD CHARACTERISTICS 100
TBU 35G TBU15G TBU25G TBU10G
FIG.4- TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS FORWARD CURRENT (AMPERES)
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
10
1.0
1.0
TJ = 25C
0.1
0.1
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 340 ~


▲Up To Search▲   

 
Price & Availability of TBU35005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X