Part Number Hot Search : 
HC4094 C847B 10619472 DFA01S 80C32X 1E106 SMB30CA 7N0603
Product Description
Full Text Search
 

To Download TBU35005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TBU10/15/25/35 SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 10/15/25/35 Amperes TBU
.935(23.7) .895(22.7) .15? X23L (3.8? X5.7L) HOLE THRU
FEATURES
Surge overload rating -240~400 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
300 (7.5) .748(19.0) .709(18.0) .780(19.8) .740(18.8)
flammability classification 94V-0
Mounting postition:Any
1.00 MIN. (25.4) .052(1.3)DIA. .048(1.2)TYP.
.087(2.2) .071(1.8)
.220(5.6) .180(4.6) .244(6.2) .205(5.2)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
TBU 10005 15005 25005 35005 50 30 50 10 TBU 10 IFSM VF IR TJ TSTG 1.0 3.0 240 TBU 15 TBU 1001 1501 2501 3501 100 70 100 TBU 1002 1502 2502 3502 200 140 200 15 3.2 300 TBU 1004 1504 2504 3504 400 280 400 TBU 1006 1506 2506 3506 600 420 600 25 3.6 400 TBU 1008 1508 2508 3508 800 560 800 TBU 1010 1510 2510 3510 1000 700 1000 35 TBU 35 4.2 400
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 (without heatsink) Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0/7.5/12.5/17.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Operating Temperature Range Storage Temperature Range @ TJ=25 @ TJ=125
SYMBOL
UNIT
VRRM VRMS VDC I(AV)
V V V A
TBU 25
A V uA
1.1 10.0 500 -55 to +125 -55 to +125
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2.Device mounted on 100mm*100mm*1.6mm cu plate heatsink.
~ 329 ~
RATING AND CHARACTERISTIC CURVES TBU10/15/25/35A SERIES
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES 400 300
TBU25-35
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT AMPERES 40
TBU35
30
240
TBU15
TBU25
20
TBU15
10
TBU10
TBU 10
0 50 100 150
1
10 NUMBER OF CYCLES AT 60Hz
100
TEMPERATURE ()
FIG.3- TYPICAL FORWARD CHARACTERISTICS 100
TBU 35 TBU 15 TBU 25 TBU 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS FORWARD CURRENT (AMPERES)
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
10
1.0
1.0
TJ = 25C
0.1
0.1
0.01 0.4 0.6 0.8 1.0 1.2 1.4
1.6 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 330 ~


▲Up To Search▲   

 
Price & Availability of TBU35005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X