Part Number Hot Search : 
BAW56T LC4512X 230035 ATF16V8C MKT07 A3020 RN1244 20EEJ1
Product Description
Full Text Search
 

To Download TBP204G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TBP2005G thru TBP210G
GLASS PASSIVATED BRIDGE RECTIFIERS FEATURES
Surge overload rating -60amperes peak Ideal for printed circuit board Plastic material has UL
REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 2.0 Amperes TBP
.125X45 (3.2) .600(15.24) .560(14.22) .500(12.70) .460(11.68)
flammability classification 94V-0
Mounting position :Any
.460(11.68) .420(10.67)
.640 MIN. (16.25)
.50 MIN. (12.7)
.034(0.86) .028(0.76) .154(3.9) .146(3.7)
.060 (1.52)
.160(4.1) .140(3.6)
.053(1.35) .045(1.15)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load,60HZ. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current Peak Forward Surage Current , 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 2.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element Maximum Reverse Current at Rated DC Blocking Voltage Per Element @TA=100 Operating Temperature Range Storage Temperature Range @TA=50
SYMBOL VRRM VRMS VDC I(AV)
TBP 2005G 50 35 50
TBP 201G 100 70 100
TBP 202G 200 140 200
TBP 204G 400 280 400 2.0
TBP 206G 600 420 600
TBP 208G 800 560 800
TBP 210G 1000 700 1000
UNIT V V V A
IFSM
60
A
VF IR IR TJ TSTG
1.1 10.0 1.0 -55 to +150 -55 to +150
V uA mA
~ 333 ~
RATING AND CHARACTERISTIC CURVES TBP2005G thru TBP210G
FIG.2-TYPICAL FORWARD CHARACTERISTICS FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT AMPERES 2.0 INSTANTANEOUS FORWARD CURRENT, AMPERES 20.0 10.0
1.0
0.1
TJ=25
0
50
100
150
AMBIENT TEMPERATURE
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
FIG.3-TYPIACL REVERSE CHARACTERISTICS PEAK FORWARD SURGE CURRENT AMPERES 10 60
FIG.4-MAXIMUM FORWARD SURGE CURRENT
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
40
1.0
TJ=25
0.1
TJ=25
1
10 NUMBER OF CYCLES AT 60HZ
100
0.01 0 100 120 140 0 0 0 PERCENT OF RATED PEAK REVERSE VOLTAGE 20 40 60 80
~ 334 ~


▲Up To Search▲   

 
Price & Availability of TBP204G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X