Part Number Hot Search : 
GG1178 AAT863 HZU3CLL J0000F RL4ZZ CLC1011 ACE100 SA130
Product Description
Full Text Search
 

To Download SR560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR520 thru SR5100
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 20 to 100 Volts FORWARD CURRENT - 5.0 Amperes DO- 27
FEATURES
Metal-Semiconductor junction with gard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low vlotage, high frequency inverters,
.052(1.3) .048(1.2) DIA. 1.0(25.4) MI
free wheeling, and polarity protection applications .375(9.5) .335(8.5)
210
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic Polarity: Color band denotes cathode Weight: 0.04ounces , 1.1grams Mounting position: Any
.220(5.6) .197(5.0) DIA. 1.0(25.4) MI
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.3759.5mm) Lead Lengths Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Maximum Forward Voltage at 5.0A DC Maximum DC Reverse Current at Rated DC Bolcking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TL=95
SYMBOL VRRM VRMS VDC I(AV)
SR520 20 14 20
SR530 30 21 30
SR540 40 28 40
SR550 50 35 50 5.0
SR560 60 42 60
SR580 80 56 80
SR5100 100 70 100
UNIT V V V A
IFSM VF IR CJ RJA TJ TSTG 500 15 0.45 0.55 0.6
150 0.7 1.0 50 350 10 -55 to +150 -55 to +150 0.85
A V mA pF /W
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction to ambient,
~ 171 ~
RATING AND CHARACTERTIC CURVES SR520 thru SR5100
FIG. 1 - FORWARD CURRENT DERATING CURVE 5.0 PEAK FORWARD SURGE CURRENT, (AMPERES 200 AVERAGE FORWARD CURRENT AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
4.0 3.0 2.0
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
150
100
1.0 0 25
50
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
50
75
100
125
150
175
0 1 2 5 10 20 50 100
LEAD TEMPERATURE NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL JUNCTION CAPACITANCE 100
SR520
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, (A)
4000
SR530
CAPACITANCE, (pF)
10
SR540
SR520-SR540
1000
SR550-SR560
1.0
SR580-SR5100
SR550-SR5100
TJ = 25
TJ = 25C f = 1 MHz
100 0.1
0.1 1 10 100 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 REVERSE VOLTAGE ,VOLTS INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5-TYPICAL REVER CHARACTERISTICS 20 INSTANTANEOUS REVERSE CURRENT(mA) 10
TJ=75
1.0
0.1
TJ=100
TJ=25
0.01
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 172 ~


▲Up To Search▲   

 
Price & Availability of SR560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X