Part Number Hot Search : 
RC242001 BAW56W08 UPD17051 S1C17555 AD821 2N2204 PAM2400 2SA100
Product Description
Full Text Search
 

To Download SR20150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR2020 - SR20150
20.0 AMPS. Schottky Barrier Rectifiers TO-220AB
Features
Low power loss, high efficiency. High current capability, Low VF. High reliability High surge current capability. Epitaxial construction. Guard-ring for transient protection. For use in low voltage, high frequency inventor, free wheeling, and polarity protection application
Mechanical Data
Cases: TO-220AB molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: o 260 C/10 seconds .25",(6.35mm) from case. Mounting torque: 5 in - lbs. max. Weight: 2.24 grams
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SR SR Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10A
Maximum D.C. Reverse Current at Rated DC Blocking Voltage @ Tc=25 C o @ Tc=100 C
o
Maximum Ratings and Electrical Characteristics o
SR SR SR SR SR SR 2020 2030 2040 2050 2060 2090 20100 20150
Units
V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR Cj
20 14 20
30 21 30
40 28 40
50 35 50
60 42 60 20 200
90 63 90
100 70 100
150 105 150
0.55 0.5 15 430
0.70 10
0.90 0.1 5.0 360
1.00
V mA mA pF
o
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 1) 1.0 RJC Operating Junction Temperature Range -65 to +125 -65 to +150 TJ Storage Temperature Range -65 to +150 TSTG Notes: 1. Thermal Resistance from Junction to Case Per Leg, with Heatsink size (4"x6"x0.25") Al-Plate. 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
C/W o C o C
- 142 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (SR2020 THRU SR20150)
FIG.1- FORWARD CURRENT DERATING CURVE
20.0 300
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDGE METHOD) Tj=Tj max.
PEAK FORWARD SURGE CURRENT. (A)
150
AVERAGE FORWARD CURRENT. (A)
16.0
250 200
SR2
SR2
050
12.0
020 -40
-150
150 100 50 25
8.0
4.0
0
0
50 100 o CASE TEMPERATURE. ( C)
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS PER LEG
10
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
Tj=100 0C
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
SR
20
10
20
-2
04
1.0
0
Tj=25 0C
01
1.0
SR
20
50
-2
06
0
.10
00
-2
15
0
90
SR
SR
20
20
.01
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 .001 0 20 40 60 80 100 120 140
0
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
4000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
JUNCTION CAPACITANCE.(pF)
2000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
10.0
1000 800 600 400
SR
202
0-4
0
SR
200
205
1
0-1
50
100 0.1
0.4
1.0
4
10
40
80100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
REVERSE VOLTAGE. (V)
Version: B07


▲Up To Search▲   

 
Price & Availability of SR20150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X