Part Number Hot Search : 
FU024 1313TC 835KM C2012X7 F4606 NLAS6234 FR104 G936T82T
Product Description
Full Text Search
 

To Download SR160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR120 thru SR1100
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE - 20 to 100Volts FORWARD CURRENT - 1.0 Amperes DO- 41
FEATURES
Metal-Semiconductor junction with gard ring Epitaxial construction Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low vlotage, high frequency inverters,
1.0(25.4) MIN.
.034(0.9) DIA .028(0.7)
free wheeling, and polarity protection applications
.205(5.2) MAX .107(2.7) DIA .080(2.0) 1.0(25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic Polarity: Color band denotes cathode Weight: 0.012 ounces , 0.34 grams Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.3759.5mm) Lead Lengths Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Bolcking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TL=100
SYMBOL VRRM VRMS VDC I(AV)
SR120 20 14 20
SR130 30 21 30
SR140 40 28 40
SR150 50 35 50 1.0
SR160 60 42 60
SR180 80 56 80
SR1100 100 70 100
UNIT V V V A
IFSM VF IR CJ RJL TJ TSTG 110 0.45 0.55 0.6
40 0.70 1.0 10 80 15 -55 to +150 -55 to +150 0.85
A V mA pF /W
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to lead.
~ 143 ~
RATING AND CHARACTERTIC CURVES SR120 thru SR1100
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 1.0 AVERAGE FORWARD CURRENT AMPERES 40 FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
0.8
30
0.6
20
0.4
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
10
0.2 0
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
0 1 2 5 10 20 50 100
25
50
75
100
125
150
175
LEAD TEMPERATURE () FIG.3 - TYPICAL JUNCTION CAPACITANCE 20
NUMBER OF CYCLES AT 60Hz FIG.4-TYPICAL FORWARD CHARACTERISTICS
SR120 SR130
INSTANTANEOUS FORWARD CURRENT, (A)
10
SR140
400
CAPACITANCE, (pF)
SR120-SR140
100
SR150-SR1100
SR150-SR160 SR180-SR1100
1.0
TJ= 25C f = 1 MHz
TJ = 25C PULSE WIDTH 300us 1% DUTY CYCLE
10 0.1 1 10 100 0.1 0 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 INSTANTANEOUS FORWARD VOLTAGE, (VOLTS) REVERSE VOLTAGE ,VOLTS FIG.2-TYPICAL REVER CHARACTERISTICS 100 INSTANTANEOUS REVERSE CURRENT(mA)
10
TJ=100
1.0
TJ=75
0.1
TJ=25
0.01
0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
~ 144 ~


▲Up To Search▲   

 
Price & Availability of SR160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X