Part Number Hot Search : 
50013 ASXXX 1N514 VT935G 16CTQ LTP1245 63245 DDTC144
Product Description
Full Text Search
 

To Download SMCJ150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMCJ5.0 THRU SMCJ188CA
Features
* Underwriters Laboratory recognition under UL standard for safety 497B : Isolated loop curcuit protection * Low profile package with built-in strain relief for surface mounted applications * Glass passivated junction * Low incremental surge resistance, excellent clamping capability * 1500W peak pulse power capability with a 10/1000iS waveform, repetition rate(duty cycle) : 0.01% * Very fast response time * High temperature soldering guaranteed : 250E /10 seconds at terminals
POWER 1500Watts VOLTAGE 5.0 to 188 Volts
DO-214AB (SMC)
0.124(3.15) 0.108(2.75) 0.245(6.22) 0.220(5.59)
0.280(7.11) 0.260(6.60) 0.012(0.31) 0.006(0.15) 0.103(2.62) 0.079(2.00) 0.050(1.27) 0.030(0.76) 0.008(0.203) MAX. 0.320(8.13) 0.305(7.75)
Mechanical Data
* Case : JEDEC DO-214AB(SMC) molded plastic over passivated chip * Terminals : Solder plated , solderable per MIL-STD-750, method 2026 * Polarity : For uni-directional types the band denotes the cathode, which is positive with respect to the anode under normal TVS operation * Mounting Position : Any * Weight : 0.007 ounce, 0.25 gram
Dimensions in inches and (millimeters)
Devices For Bidirectional Applications
* For bi-directional devices, use suffix C or CA (e.g. SMCJ10C, SMCJ10CA). Electrical characteristics apply in both directions.
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified)
Symbols
Peak pulse power dissipation with a 10/1000iS waveform (Note 1,2) Peak pulse current with a waveform (Note 1) Peak forward surge current, 8.3mm single half sine-wave unidirectional only (Note 2) Typical thermal resistance, junction to ambient (Note 3) Typical thermal resistance, junction to lead Operating junction and storage temperature range PPPM IPPM IFSM
Values
Minimum 1500 See next table 200 75 15 -55 to +150
Units
Watts Amps Amps E /W E /W E
Re JA Re JL
TJ,TSTG
Notes:
(1) Non repetitive current pulse, per Fig.3 and derated above TA=25E per Fig.2 (2) Mounted on 0.31 0.31"(8.0 8.0mm) copper pads to each terminal (3) Mounted on minimum recommended pad layout
ELECTRICAL CHARACTERISTIC
Ratings at 25E ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only)
Device Type S MC J 5.0(C ) S MC J 5.0(C )A(5) S MC J 6.0(C ) S MC J 6.0(C )A S MC J 6.5(C ) S MC J 6.5(C )A S MC J 7.0(C ) S MC J 7.0(C )A S MC J 7.5(C ) S MC J 7.5(C )A S MC J 8.0(C ) S MC J 8.0(C )A S MC J 8.5(C ) S MC J 8.5(C )A S MC J 9.0(C ) S MC J 9.0(C )A S MC J 10(C ) S MC J 10(C )A S MC J 11(C ) S MC J 11(C )A S MC J 12(C ) S MC J 12(C )A S MC J 13(C ) S MC J 13(C )A S MC J 14(C ) S MC J 14(C )A S MC J 15(C ) S MC J 15(C )A S MC J 16(C ) S MC J 16(C )A S MC J 17(C ) S MC J 17(C )A S MC J 18(C ) S MC J 18(C )A S MC J 20(C ) S MC J 20(C )A S MC J 22(C ) S MC J 22(C )A S MC J 24(C ) S MC J 24(C )A S MC J 26(C ) S MC J 26(C )A S MC J 28(C ) S MC J 28(C )A S MC J 30(C ) S MC J 30(C )A
Notes : (1) (2) (3) (4) (5)
Device Marking Code UNI BI G DD G DD G DE G DE G DF G DF G DG G DG G DH B DH G DK B DK G DL G DL G DM G DM G DN B DN G DP B DP G DQ B DG G DR B DR G DS B DS G DT B DT G DU B DU G DV B DV G DW B DW G DX B DX G DY G DY G DZ G DZ GE D BE D GE E BE E GE F GE F GE G GE G GE H BE H GE K BE K GE L BE L GE M BE M GE N GE N GE P GE P GE Q GE Q GE R GE R GE S BE S GE T BE T GE U BE U GE V BE V GE W BE W GE X BE X GE Y BE Y GE Z BE Z GFD BFD GFE BFE GFF BFF GFG BFG GFH BFH GFK BFK
Breakdown Voltage V(BR) at I T (1) (V) Min Max 6.40 7.82 6.40 7.07 6.67 8.15 6.67 7.37 7.22 8.82 7.22 7.98 7.78 9.51 7.78 8.60 8.33 10.2 8.33 9.21 8.89 10.9 8.89 9.83 9.44 11.5 9.44 10.4 10.0 12.2 10.0 11.1 11.1 13.6 11.1 12.3 12.2 14.9 12.2 13.5 13.3 16.3 13.3 14.7 14.4 17.6 14.4 15.9 15.6 19.1 15.6 17.2 16.7 20.4 16.7 18.5 17.8 21.8 17.8 19.7 18.9 23.1 18.9 20.9 20.0 24.4 20.0 22.1 22.2 27.1 22.2 24.5 24.4 29.8 24.4 26.9 26.7 32.6 26.7 29.5 28.9 35.3 28.9 31.9 31.1 38.0 31.1 34.4 33.3 40.7 33.3 36.8
Test Current I T (mA) 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30
Maximum Maximum Maximum Reverse Leakage Peak Pulse Surge Clamping at V WM Current I PPM Voltage at I PPM ID ( A) (3) i (A) (2) VC (V) 1000 156.3 9.6 1000 163.0 9.2 1000 131.6 11.4 1000 145.6 10.3 500 122.0 12.3 500 133.9 11.2 200 112.8 13.3 200 125.0 12.0 100 104.9 14.3 100 116.3 12.9 50 100.0 15.0 50 110.3 13.6 20 94.3 15.9 20 104.2 14.4 10 88.8 16.9 10 97.4 15.4 5.0 79.8 18.8 5.0 88.2 17.0 5.0 74.6 20.1 5.0 82.4 18.2 5.0 68.2 22.0 5.0 75.4 19.9 1.0 63.0 23.8 1.0 69.8 21.5 1.0 58.1 25.8 1.0 64.7 23.2 1.0 55.8 26.9 1.0 61.5 24.4 1.0 52.1 28.8 1.0 57.7 26.0 1.0 49.2 30.5 1.0 54.3 27.6 1.0 46.6 32.2 1.0 51.4 29.2 1.0 41.9 35.8 1.0 46.3 32.4 1.0 38.1 39.4 1.0 42.3 35.5 1.0 34.9 43.0 1.0 38.6 38.9 1.0 32.2 46.6 1.0 35.6 42.1 1.0 30.0 50.0 1.0 33.0 45.4 1.0 28.0 53.5 1.0 31.0 48.4
P uls e tes t: tp 50ms S urge current waveform per F ig. 3 and derate per F ig. 2 For bi-directional types having V WM of 10 V olts and les s, the ID limit is doubled All terms and s ymbols are cons is tent with ANS I/IE E E C 62.35 For the bi-directional S MC G /S MC J 5.0C A, the maximum V (B R ) is 7.25V
ELECTRICAL CHARACTERISTIC
Ratings at 25E ambient temperature unless otherwise specified. VF=3.5V at IF=100A (uni-directional only)
Device Type S MC J 33(C ) S MC J 33(C )A S MC J 36(C ) S MC J 36(C )A S MC J 40(C ) S MC J 40(C )A S MC J 43(C ) S MC J 43(C )A S MC J 45(C ) S MC J 45(C )A S MC J 48(C ) S MC J 48(C )A S MC J 51(C ) S MC J 51(C )A S MC J 54(C ) S MC J 54(C )A S MC J 58(C ) S MC J 58(C )A S MC J 60(C ) S MC J 60(C )A S MC J 64(C ) S MC J 64(C )A S MC J 70(C ) S MC J 70(C )A S MC J 75(C ) S MC J 75(C )A S MC J 78(C ) S MC J 78(C )A S MC J 85(C ) S MC J 85(C )A S MC J 90(C ) S MC J 90(C )A S MC J 100(C ) S MC J 100(C )A S MC J 110(C ) S MC J 110(C )A S MC J 120(C ) S MC J 120(C )A S MC J 130(C ) S MC J 130(C )A S MC J 150(C ) S MC J 150(C )A S MC J 160(C ) S MC J 160(C )A S MC J 170(C ) S MC J 170(C )A S MC J 188(C ) S MC J 188(C )A
Notes : (1) (2) (3) (4)
Device Marking Code UNI BI GFL BFL GFM BFM GFN BFN GFP BFP GFQ BFQ GFR BFR GFS BFS GFT BFT GFU GFU GFV GFV GFW GFW GFX GFX GFY GFY GFZ GFZ GGD GGD GGE GGE GGF GGF GGG GGG GGH GGH GGK GGK GGL GGL GGM GGM GGN GGN GGP GGP GGQ GGQ GGR GGR GGS GGS GGT GGT GGU GGU GGV GGV GGW GGW GGX GGX GGY GGY GGZ GGZ G HD G HD G HE G HE G HF G HF G HG G HG G HH G HH G HK G HK G HL G HL G HM G HM G HN G HN G HP G HP G HQ G HQ G HR G HR G HT G HT G HS G HS
Breakdown Voltage V(BR) at I T (1) (V) Min Max 36.7 44.9 36.7 40.6 40.0 48.9 40.0 44.2 44.4 54.3 44.4 49.1 47.8 58.4 47.8 52.8 50.0 61.1 50.0 55.3 53.3 65.1 53.3 58.9 56.7 69.3 56.7 62.7 60.0 73.3 60.0 66.3 64.4 78.7 64.4 71.2 66.7 81.5 66.7 73.7 71.1 86.9 71.1 78.6 77.8 95.1 77.8 86.0 83.3 102 83.3 92.1 86.7 106 86.7 95.8 94.4 115 94.4 104 100 122 100 111 111 136 111 123 122 149 122 135 133 163 133 147 144 176 144 159 167 204 167 185 178 218 178 197 189 231 189 209 209 255 209 231
Test Current I T (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off Voltage VWM (V) 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188 188
Maximum Maximum Maximum Reverse Leakage Peak Pulse Surge Clamping at VWM Current I PPM Voltage at I PPM ID ( A) (3) i (A) (2) VC (V) 1.0 25.4 59.0 1.0 28.1 53.3 1.0 23.3 64.3 1.0 25.8 58.1 1.0 21.0 71.4 1.0 23.3 64.5 1.0 19.6 76.7 1.0 21.6 69.4 1.0 18.7 80.3 1.0 20.6 72.7 1.0 17.5 85.5 1.0 19.4 77.4 1.0 16.5 91.1 1.0 18.2 82.4 1.0 15.6 96.3 1.0 17.2 87.1 1.0 14.6 103 1.0 16.0 93 1.0 14.0 107 1.0 15.5 96 1.0 13.2 114 1.0 14.6 103 1.0 12.0 125 1.0 13.3 113 1.0 11.2 134 1.0 12.4 121 1.0 10.8 139 1.0 11.9 126 1.0 9.9 151 1.0 10.9 137 1.0 9.4 160 1.0 10.3 146 1.0 8.4 179 1.0 9.3 162 1.0 7.7 196 1.0 8.5 177 1.0 7.0 214 1.0 7.8 193 1.0 6.5 231 1.0 7.2 209 1.0 5.6 268 1.0 6.2 243 1.0 5.2 287 1.0 5.8 259 1.0 4.9 304 1.0 5.5 275 1.0 4.4 344 1.0 4.6 328
P uls e tes t: tp = 50ms S urge current waveform per F ig. 3 and derate per F ig. 2 For bi-directional types having V WM of 10 V olts and les s, the ID limit is doubled All terms and s ymbols are cons is tent with ANS I/IE E E C 62.35
RATINGS AND CHARACTERISTIC CURVES SMCJ5.0 THRU SMCJ188CA
Fig. 1P eak P uls e Po wer R ating C ur ve
P eak P uls e P ower (P P P ) or C urrent (IP P ) Derating in P ercentage, %
100 100
Fig. 2 P uls e Derating C ur ve
P eak P uls e P ower (kW)
75
10
50
1 0.31 x 0.31" (8.0 x 8.0mm) C opper P ad Areas 0.1 0.1i s 1.0is 1 0is 100is 1.0ms 10ms
P PPM ,
25
0
0
25
50
75
100
125
150
175
200
td ,
P uls e Width (s ec.)
TA ,
Ambient Temperature ( oC )
Fig. 3 P uls e Waveform
150
Fig. 4 Typical J unction C apacitance Uni-Directional
20,000
P eak P uls e C urrent, % I R S M
100
P eak Value IP P M
J unction C apacitance (pF )
tr = 10i s
T J = 25 C P uls e Width (td) is defined as the point where the peak current decays to 50% of I P P M
o
10,000
Meas ured at Zero B ias
1,000 V R , Meas ured at S tand-Off Voltage, V WM 100 Uni-Directional B i-Directional 10 T J = 25 C f = 1.0MHz V s ig = 50mV p-p 100 400
o
Half Value IP P M 50
IP P 2
10/1000i W aveform s as defined by R .E .A. td
IP P M ,
0
0
1.0
2.0
3.0
4.0
CJ ,
1
10
t,
Time (ms )
V WM ,
R evers e S tand-Off Voltage (V )
F ig. 5T ypic al Trans ient T hermal Impedanc e
100
Fig. 6 - Maximum Non-R epetitive Forward S urge C urrent Uni-Directional Us e Only
200
Trans ient T hermal Impedance ( oC /W)
10
1.0
P eak F orward S urge C urrent, Amperes
100
0.1 0.001
10
0.01 0.1 1 10 100 1000
8.3ms S ingle Half S ine-Wave (J E DE C Method) T J = T J max.
1
10
100
tp ,
P uls e Duration (s ec)
Number of C ycles at 60Hz


▲Up To Search▲   

 
Price & Availability of SMCJ150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X