Part Number Hot Search : 
LVB14A X183BK REEL1 FN3595 FAN70851 STWD100P IRFF420 SC768110
Product Description
Full Text Search
 

To Download SMCJ150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
TVS Device Load Uni-Polar TVS Device Load
SMCJ5.0 . . . 170
Description
Mechanical Dimensions
Package SMC
6.60/7.11 5.59/6.10 7.75/8.12 .15/.30 .171 1.91/2.41 .051/.152
Uni-Polar
Features
n 1500 WATT PEAK POWER PROTECTION n EXCELLENT CLAMPING CAPABILITY n FAST RESPONSE TIME n TYPICAL IR < 1A ABOVE 10V n GLASS PASSIVATED CHIP CONSTRUCTION n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25 O C. Maximum Ratings Peak Power Dissipation...PPK TP = 1mS (Note 5) Steady State Power Dissipation...PD @ TT = 75C (Note 2)
SMCJ5.0...170
Units
......................................... 1500 Min. .......................................... ............................................. 5 ...............................................
Watts Watts Amps
............................................. 1 0 0 ............................................... Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 8.3 mS, 1/2 Sine Wave, Single Phase (Note 3) Weight...GRM Soldering Requirements (Time & Temp)...ST @ 250C Operating & Storage Temperature Range...TJ, TSTRG NOTES: 1. 2. 3. 4. 5. ............................................. 0.20 ...............................................
Grams
............................................. 11 Sec. ........................................... Min. to Solder ......................................... -65 to 175 .......................................... C
For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions. Mounted on 8mm Copper Pads to Each Terminal. 8.3 mS, 1/2 Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum. VBR Measured After It Applies for 300 uS. I T = Square Wave Pulse or Equivalent. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above TA = 25C per Fig. 2.
Page 10-44
Data Sheet
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Fig. 4 Typical Junction Capacitance
Fig. 1 Pulse Rating Curve
Measured @ Zero Bias
Measured @ Standoff Voltage
Pulse Width (Sec.)
Breakdown Voltage (Volts) Fig. 5 Steady State Power Derating Steady State Power (Watts)
Fig. 2 Pulse Derating Curve Peak Pulse Percentage
TA = Ambient Temperature (C) Fig. 3 Pulse Waveform
tr = 10s
T L = Terminal Temperature (C) Fig. 6 Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine Wave JEDEC Method
Peak Pulse Current
Peak Value IRSM
Pulse Width is defined as that point where the Peak Current decays to 50% of IRSM
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load.
Amps
T = Time ( ms)
Number of Cycles @ 60 Hz
For Capacitive Load, Derate Current by 20%.
Page 45
SMCJ5.0 . . . 170
Peak Pulse Power (kW)
pF
Data Sheet
5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Working Maximum Peak Peak Reverse Pulse Reverse Leakage Current Voltage @ VRWM IPP (A) VRWM (V) (Note 2) IR (A) 156.2 163.0 131.6 145.6 122.0 133.9 112.8 125.0 104.9 116.3 100.0 110.3 95.3 104.2 88.7 97.4 79.8 88.2 74.6 82.4 68.2 75.3 63.0 69.7 58.1 64.7 55.8 61.5 52.1 57.7 49.2 53.3 46.6 51.4 41.9 46.3 38.1 42.2 34.9 38.6 32.2 35.6 Maximum Maximum Clamping Temperature Voltage Coefficient of VBR @ IPP VC (V) % / C
SMCJ5.0 . . . 170
DEVICE
Breakdown Voltage VBR Volts (Note 1) Min. Max. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.20 11.90 10.80 12.60 11.50 11.50 13.50 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 25.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 @ IT (mA) 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
Case Marking
SMCJ5.0 SMCJ5.0A SMCJ6.0 SMCJ6.0A SMCJ6.5 SMCJ6.5A SMCJ7.0 SMCJ7.0A SMCJ7.5 SMCJ7.5A SMCJ8.0 SMCJ8.0A SMCJ8.5 SMCJ8.5A SMCJ9.0 SMCJ9.0A SMCJ10 SMCJ10A SMCJ11 SMCJ11A SMCJ12 SMCJ12A SMCJ13 SMCJ13A SMCJ14 SMCJ14A SMCJ15 SMCJ15A SMCJ16 SMCJ16A SMCJ17 SMCJ17A SMCJ18 SMCJ18A SMCJ20 SMCJ20A SMCJ22 SMCJ22A SMCJ24 SMCJ24A SMCJ26 SMCJ26A
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00
1000 1000 1000 1000 500 500 200 200 100 100 50.00 50.00 20.00 20.00 10.00 10.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00
9.60 9.20 11.40 10.30 12.30 11.20 13.30 12.00 14.30 12.90 15.00 13.60 15.90 14.40 16.90 15.40 18.80 17.00 20.10 18.20 22.00 19.90 23.80 21.50 25.80 23.20 26.90 24.40 28.80 26.00 30.50 27.60 32.20 29.20 35.80 32.40 39.40 35.50 43.00 38.90 46.60 42.10
0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102
GDD GDE GDF GDG GDH GDK GDL GDM GDN GDP GDQ GDR GDS GDT GDU GDV GDW GDX GDY GDZ GED GEE GEF GEG GEH GEK GEL GEM GEN GEP GEQ GER GES GET GEU GEV GEW GEX GEY GEZ GFD GFE
Page 10-46
Data Sheet
5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
Working Maximum Peak Peak Pulse Reverse Reverse Leakage Current Voltage @ VRWM IPP (A) VRWM (V) IR (A) (Note 2) 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 30.0 33.0 28.0 31.0 25.2 28.1 23.3 25.8 21.0 23.2 19.6 21.6 18.7 20.6 17.5 19.4 18.5 18.2 15.6 17.2 14.6 16.0 14.0 15.5 13.2 14.6 12.0 13.3 11.2 12.4 10.8 11.4 9.9 10.4 9.4 10.3 8.4 9.3 7.7 8.4 7.0 7.9 6.5 7.2 5.6 6.2 5.2 5.8 4.9 5.5 Maximum Clamping Voltage @ IPP VC (V) 50.10 45.40 53.50 48.40 59.00 53.30 64.30 58.10 71.40 64.50 76.70 69.40 80.30 72.70 85.50 77.40 91.10 82.40 96.30 87.10 103.00 93.60 107.00 96.80 114.00 103.00 125.00 113.00 134.00 121.00 139.00 126.00 151.00 137.00 160.00 146.00 179.00 162.00 196.00 177.00 214.00 193.00 231.00 209.00 268.00 243.00 287.00 259.00 304.00 275.00 Maximum Temperature Case Coefficient Marking of VBR % / C 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 0.104 GFF GFG GFH GFK GFL GFM GFN GFP GFQ GFR GFS GFT GFU GFV GFW GFX GFY GFZ GGD GGE GGF GGG GGH GGK GGL GGM GGN GGP GGQ GGR GGS GGT GGU GGV GGW GGX GGY GGZ GHD GHE GHF GHG GHH GHK GHL GHM GHN GHP GHQ GHR
DEVICE
Breakdown Voltage VBR Volts (Note 1) Min. Max. 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80 98.60 89.50 105.70 95.80 109.90 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 @ IT (mA) 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
SMCJ28 SMCJ28A SMCJ30 SMCJ30A SMCJ33 SMCJ33A SMCJ36 SMCJ36A SMCJ40 SMCJ40A SMCJ43 SMCJ43A SMCJ45 SMCJ45A SMCJ48 SMCJ48A SMCJ51 SMCJ51A SMCJ54 SMCJ54A SMCJ58 SMCJ58A SMCJ60 SMCJ60A SMCJ64 SMCJ64A SMCJ70 SMCJ70A SMCJ75 SMCJ75A SMCJ78 SMCJ78A SMCJ85 SMCJ85A SMCJ90 SMCJ90A SMCJ100 SMCJ100A SMCJ110 SMCJ110A SMCJ120 SMCJ120A SMCJ130 SMCJ130A SMCJ150 SMCJ150A SMCJ160 SMCJ160A SMCJ170 SMCJ170A
Page 10-47
SMCJ5.0 . . . 170


▲Up To Search▲   

 
Price & Availability of SMCJ150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X