Part Number Hot Search : 
150150 PXA90 30N40 ICM72 2SB118 2N3954 N120H 150KSR
Product Description
Full Text Search
 

To Download SMAJ45A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
SMAJ5.0 - - - SM AJ188CA
BREAKDOWN VOLTAGE: 5.0 --- 188 V PEAK PULSE POWER: 400 W
TRANSIENT VOLTAGE SUPPRESSOR
Plastic package has underwriters laboratory flammability classification 94V-0 Optimized for LAN protection applications Low profile package with built-in strain relief for surface mounted applications Glass passivated junction Low incremental surge resistance, excellent clamping capability 400W peak pulse power capability with a 10/1000s waveform, repetition rate (duty cycle): 0.01% (300W above 78V) Very fast response time High temperature soldering guaranteed: 250C/10 seconds at terminals
DO-214AC(SMA)
MECHANICAL DATA
Case:JEDEC DO-214AC molded plastic over passivated chip Terminals: solder plated, solderable per MIL-STD-750, method 2026 Polarity: foruni-directional types the color band denotes the cathode, which is postitive with respect to the anode under normal TVS operation Mounting position: any Weight: 0.002 ounces, 0.064 grams
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SMAJ10C, SMAJ10CA). Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
SYMBOL
Peak pow er dissipation w ith a 10/1000s w aveform (NOTE 1,2, FIG.1) Peak pulse current w ith a 10/1000s w aveform (NOTE 1) Typical thermal resistance, junction to ambient (NOTE 3) Peak forw ard surge current, 8.3ms single half sine-w ave ffff uni-directional only (NOTE 2) Typical thermal resistance, junction to ambient (NOTE 3) Operating junction and storage temperature range
VALUE
Minimum 400 See next table 120.0 40.0 30 -55---+150
UNIT
W A /W A
PPPM IPPM RJA IFSM RJL TJ, TSTG
/W
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2. Rating is 300W above 78V. (2) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal. (3) Mounted on minimum recommended pad layout.
www.galaxycn.com
Document Number 0285005
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS
Device marking code Uni SMA J5.0 SMA J5.0A (5) SMA J6.0 SMA J6.0A SMA J6.5 SMA J6.5A SMA J7.0 SMA J7.0A SMA J7.5 SMA J7.5A SMA J8.0 SMA J8.0A SMA J8.5 SMA J8.5A SMA J9.0 SMA J9.0A SMA J10 SMA J10A SMA J11 SMA J11A SMA J12 SMA J12A SMA J13 SMA J13A SMA J14 SMA J14A SMA J15 SMA J15A SMA J16 SMA J16A SMA J17 SMA J17A SMA J18 SMA J18A SMA J20 SMA J20A SMA J22 SMA J22A SMA J24 SMA J24A SMA J26 SMA J26A SMA J28 SMA J28A SMA J30 AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE CF CG CH Bi WD WE WF WG WH WK WL WM WN WP WQ WR WS WT WU WV WW WX WY WZ XD XE XF XG XH XK XL XM XN XP XQ XR XS XT XU XV XW XX XY XZ YD YE YF YG YH
R atings at 25
am bient tem perature unles s otherwis e spec if ied.V F =3.5V at I F =25A (uni-directional only )
Device ty pe
Breakdow n v oltage V (B R) at IT(1) (V ) Min 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 Max 7.81 7.08 8.15 7.37 8.82 7.98 9.51 8.60 10.3 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7
Test current IT(m A ) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-of f v oltage V W M (V ) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30
Max imum reverse leakage at V W M ID ( A ) (3) 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max imum peak puls s surge current I P P M (A ) (2) 41.7 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.7 29.4 25.2 27.8 23.7 26.0 21.3 23.5 19.9 22.0 18.2 20.1 16.8 18.6 15.5 17.2 14.9 16.4 13.9 15.4 13.1 14.5 12.4 13.7 11.2 12.3 10.2 11.3 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3
Max imum clamping v oltage at I P P M V c (V ) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4
36.8 1.0 30 SMA J30A CK YK 33.3 Notes : (1) Pulse test :tP 50ms (2) Surge c urrent w avef orm per Fig.3 and derate per Fig.2 (3) For bi-direc tional types hav ing V W M of 10 V olts and less ,the ID Iimit is doubled (4) A ll terms and sy mbols are c onsistent w ith A NSI/IEEE C62.35 (5) For the bidirectional SMA J5.0CA ,the maximum V (B R) is 7.25V
www.galaxycn.com
Document Number 0285005
BLGALAXY ELECTRICAL
2.
ELECTRICAL CHARACTERISTICS
Dev ic e marking code Uni SMA J33 SMA J33A SMA J36 SMA J36A SMA J40 SMA J40A SMA J43 SMA J43A SMA J45 SMA J45A SMA J48 SMA J48A SMA J51 SMA J51A SMA J54 SMA J54A SMA J58 SMA J58A SMA J60 SMA J60A SMA J64 SMA J64A SMA J70 SMA J70A SMA J75 SMA J75A SMA J78 SMA J78A SMA J85 SMA J85A SMA J90 SMA J90A SMA J100 SMA J100A SMA J110 SMA J110A SMA J120 SMA J120A SMA J130 SMA J130A SMA J150 SMA J150A SMA J160 SMA J160A SMA J170 SMA J170A SMA J188 CL CM CN CP CQ CR CS CT CU CV CW CX CY CZ RD RE RF RG RH RK RL RM RN RP RQ RR RS RT RU RV RW RX RY RZ SD SE SF SG SH SK SL SM SN SP SQ SR ST Bi YL YM YN YP YQ YR YS YT YU YV YW YX YY YZ ZD ZE ZF ZG ZH ZK ZL ZM ZN ZP ZQ ZR ZS ZT ZU ZV ZW ZX ZY ZZ VD VE VF VG VH VK VL VM VN VP VQ VR VT
R atings at 25
am bient tem perature unles s ot herwis e s pec if ied.V F =3.5V at I F =25A (uni-directional only )
Dev ic e type
Breakdow n v oltage V (B R) at IT(1) (V ) Min 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 209 Max 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147 176 159 204 185 218 197 231 209 255
Test current IT(m A ) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-of f v oltage V W M (V ) 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170 188
Max imum rev ers e leakage at V W M ID ( A ) (3) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max imum peak puls s surge current I P P M (A ) (2) 5.1 5.6 4.7 5.2 4.2 4.7 3.9 4.3 3.7 4.1 3.5 3.9 3.3 3.6 3.1 3.4 2.9 3.2 2.8 3.1 2.6 2.9 2.4 2.7 2.2 2.5 2.2 2.4 2.0 2.2 1.9 2.1 1.7 1.9 1.5 1.7 1.4 1.6 1.3 1.4 1.1 1.2 1.0 1.2 0.99 1.09 0.9 0.91
Max imum clamping v oltage at I P P M V c (V ) 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275 344 328
231 1.0 188 SMA J188A SS VS 209 Notes: (1) Puls e test :tP 50ms (2) Surge current w avef orm per Fig.3 and derate per Fig.2 (3) For bi-direc tional types having V W M of 10 V olts and less ,the ID Iimit is doubled (4) A ll terms and symbols are consistent w ith A NSI/IEEE C62.35
www.galaxycn.com
Document Number 0285005
BLGALAXY ELECTRICAL
3.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK PULSE POWER RATING CURVE
PEAK PULSE POWER PP) OR CURRENT (P DERATING IN PERCENTAGE, %
SMAJ5.0 - - -SMAJ188CA
FIG.2 -- PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
100
NON-REPETITIVE PULSE WAVEFORM SHOWN if FIG.3 TA=25
100
10
75
1.0
50
25
(IPPM)
0.1 0.1|I s
1.0|Is
1 0|Is
100|Is
1ms
10ms
0
0
25
50
75
100
125
150
175
200
td, PULSE WIDTH, SEC.
TA, AMBIENT TEMPERATURE.
FIG.3 -- PULSE WAVEFORM
150
FIG.4 -- TYPICAL JUNCTION CAPACITANCE H HHHHHHH UNIDIRECTIONAL
10,000 TJ=25 f=1.0MHZ Vsig=50mVp-p MEASURED at STAND-OFF VOLTAGE, VWM Uni-Directional
IPPM , PEAK PULSE CURRENT, %
tr=10 sec PEAK VALUE IPPM
100
PULES WIDTH (td) is DEFINDE as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
CJ, JUNCTION CAPACITANCE, pF
1,000
50
HALF VALUE - IPP 2 10/1000 s WAVEFORM as DEFINED by R.E.A.
100
Bi-Directional
td 0 0 1.0 2.0 3.0 4.0
10
1.0
10
100
200
t, TIME, ms
V(BR), BREAKDOWN VOLTAGE, V
IFSM, PEAK FORWARD SURGE CURRENT,
FIG.5 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.6 -- MAXIMUM NON-REPETITIVE FORWARD HHHH H CURRENT UNIDIRECTIONAL ONLY SURGE
50 TJ=TJ m ax. 8.3m SING HALFSINE-M s LE AVE (JEDECM ETHO D)
TRANSLENT THERMAL IMPEDANCE
1000
40
AMPERES
100
30
/W )
10
(
10
1 0.001
0.01
0.1
1
10
100
1000
0
1
10
100
TL, LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz
www.galaxycn.com
Document Number 0285005
BLGALAXY ELECTRICAL
4.


▲Up To Search▲   

 
Price & Availability of SMAJ45A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X