Part Number Hot Search : 
LM311MX AD5372 307C1330 58500 PSO6M 91001 M62213P C2500
Product Description
Full Text Search
 

To Download SIR23-21C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet Reverse Package Infrared LED
SIR23-21C/TR8
Features
Small double-end package Low forward voltage Good spectral matching to Si photo detector Package in 8mm tape on 7" diameter reel Pb free The product itself will remain within RoHS complaint version
Descriptions
SIR23-21C/TR8 is an infrared emitting diode in miniature SMD package molded in a water clear plastic with flat top View lens The device is spectrally matched with silicon photodiode and phototransistor.
Applications
Household Appliances Electric Appliances Smoke detector Floppy disk drive
Device Selection Guide LED Part No.
SIR
Chip Material
GaAlAs
Lens Color
Water clear
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 1 of 10
Prepared bybian changyou
SIR23-21C/TR8
Package Dimensions
Polarity
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.1mm
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 2 of 10
Prepared bybian changyou
-
+
SIR23-21C/TR8
Absolute Maximum Ratings (Ta=25)
Parameter Continuous Forward Current Reverse Voltage Operating Temperature Storage Temperature Power Dissipation at(or below) 25Free Air Temperature Soldering Temperature Symbol IF VR Topr Tstg Pd Rating 65 5 -40 ~ +85 -40 ~ +85 110 Units mA V mW
Reflow Soldering : 260 for 10 sec. Tsol Hand Soldering : 350 for 3 sec.
Notes: *1. Soldering time5 seconds.
Electro-Optical Characteristics (Ta=25)
Parameter Radiant Intensity Peak Wavelength Spectral Bandwidth Forward Voltage Reverse Current View Angle Symbol Ee p IF=20mA IF=20mA VF IR 21/2 IF=100mA
Pulse Width100s ,Duty1%
Condition IF=20mA IF=20mA
Min. 0.20 -------
Typ. 0.80 875 80 1.3 1.4 -160
Max. ---1.6 1.8 10 --
Units mW /sr nm nm
V A deg
VR=5V IF=20mA
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 3 of 10
Prepared bybian changyou
SIR23-21C/TR8
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs. Ambient Temperature
140 120
Fig.2 Spectral Distribution
100 80
IF=20mA Ta=25 C
100 80 60 40 20
0
60 40 20
20 40 60 80 100
-40 -20 0
0 810 835 855 875 905 925 945 965 985
Fig.3 Peak Emission Wavelength Ambient Temperature
920
Fig.4 Forward Current vs. Forward Voltage 4 10
900
3 10
875
2 10
860
840 -25
1 10
0 25 50 75 100
0
1
2
3
4
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 4 of 10
Prepared bybian changyou
SIR23-21C/TR8
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Intensity vs. Forward Current Fig.6 Relative Radiant Intensity vs. Angular Displacement
100
Ie-Radiant Intensity(mW/sr)
-20
-10
0
10
20 30
10
1.0
1
40 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
0.9 0.8 0.7
0 10
0
10
1
10
2
10
3
10 4
IF-Forward Current (mA)
Fig.7 Relative Intensity vs. Ambient Temperature(C) Fig.8 Forward Voltage vs. Ambient Temperature(C)
1.0
1.4
0.8
IF=20mA
1.3
IF=20mA
0.6
1.2
0.4
25 50 75 100 120
1.1
25 50 75 100 120
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 5 of 10
Prepared bybian changyou
SIR23-21C/TR8
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. 2.3 The LEDs should be used within a year. 2.4 After opening the package, the LEDs should be kept at 30 or less and 60%RH or less. 2.5 The LEDs should be used within 168 hours (7 days) after opening the package. 2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 24 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board.
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 6 of 10
Prepared bybian changyou
SIR23-21C/TR8
4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder. 5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 7 of 10
Prepared bybian changyou
SIR23-21C/TR8
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Sample Cycles Sizes 22pcs 22pcs IRUx2 EeLx0.8 VFUx1.2 UUpper Specification Limit LLower Specification Limit Failure Judgement Criteria Ac/Re
1 REFLOW Soldering TEMP.2605 6Mins 5secs 15mins 50Cycles 2 Temperature Cycle H : +100 5mins L : -40 15mins 3 Thermal Shock H :+100 L :-10 4 High Temperature Storage 5 Low Temperature Storage 5mins 50Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs
0/1 0/1
22pcs
0/1
TEMP.+100 TEMP.-40
22pcs 22pcs 22pcs 22pcs
0/1 0/1 0/1 0/1
6 DC Operating Life IF=20mA 7 High Temperature/ 85 / 85% R.H High Humidity
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 8 of 10
Prepared bybian changyou
SIR23-21C/TR8
Package Dimensions
Taping Dimensions
Note: The tolerances unless mentioned is 0.1mm, Unit = mm
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001 http:\\www.everlight.com Prepared date30-Aug-2005 Rev 1 Page: 9 of 10
Prepared bybian changyou
SIR23-21C/TR8
Packing Quantity Specification
1.2000Pcs/1Volume1Volume/1Bag 2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
xxxxxx xxxxxx
RoHS
xxxxxxxxxxxx xxxx xxxxxxxx
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoSZDTS-023-001
http:\\www.everlight.com Prepared date30-Aug-2005
Rev 1
Page: 10 of 10
Prepared bybian changyou


▲Up To Search▲   

 
Price & Availability of SIR23-21C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X