Part Number Hot Search : 
STD9N10L ADREF02H BZX83C15 VDC1110 Z84C4204 Z84C4406 MTE2050 LY2ZL2
Product Description
Full Text Search
 

To Download SI5855DC04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si5855DC
Vishay Siliconix
P-Channel 1.8-V (G-S) MOSFET With Schottky Diode
MOSFET PRODUCT SUMMARY
VDS (V)
-20
FEATURES
ID (A)
-3.6 -3.0 -2.4
rDS(on) (W)
0.110 @ VGS = -4.5 V 0.160 @ VGS = -2.5 V 0.240 @ VGS = -1.8 V
D TrenchFETr Power MOSFETS D Ultra Low Vf Schottky D Si5853DC Pin Compatible
APPLICATIONS
D Charging Circuit in Portable Devices
SCHOTTKY PRODUCT SUMMARY
VKA (V)
20
Vf (V) Diode Forward Voltage
0.375 V @ 1 A
IF (A)
1.0 S K
1206-8 ChipFETr
1
A K K D D A S G
G
Marking Code JB XXX Lot Traceability and Date Code
Bottom View
Part # Code
D P-Channel MOSFET
A
Ordering Information: Si5855DC-T1 Si5855DC-T1--E3 (Lead Free)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage (MOSFET) Reverse Voltage (Schottky) Gate-Source Voltage (MOSFET) Continuous Drain Current (TJ = 150_C) (MOSFET)a Pulsed Drain Current (MOSFET) Continuous Source Current (MOSFET Diode Conduction)a Average Foward Current (Schottky) Pulsed Foward Current (Schottky) Maximum Power Dissipation (MOSFET)a Maximum Power Dissipation (Schottky)a Operating Junction and Storage Temperature Range Soldering Recommendations (Peak Temperature)b, c TA = 25_C TA = 85_C TA = 25_C TA = 85_C TJ, Tstg PD TA = 25_C TA = 85_C
Symbol
VDS VKA VGS ID IDM IS IF IFM
5 sec
-20 20 "8 -3.6 -2.6 -10 -1.8 1.0 7 2.1 1.1 1.9 1.0
Steady State
Unit
V
-2.7 -1.9 -0.9 A
1.1 0.6 1.1 0.56 -55 to 150 260 _C W
Notes a. Surface Mounted on 1" x1" FR4 Board. b. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder interconnection. c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components. Document Number: 72232 S-40932--Rev. B, 17-May-04 www.vishay.com
1
Si5855DC
Vishay Siliconix
THERMAL RESISTANCE RATINGS
Parameter
t v 5 sec Junction-to-Ambienta J ti t A bi t Steady St t St d State
Device
MOSFET Schottky MOSFET Schottky MOSFET Schottky
Symbol
Typical
50 54
Maximum
60 65 110 115 40 40
Unit
RthJA
90 95
_C/W
Junction-to-Foot Junction to Foot Notes a. Surface Mounted on 1" x 1" FR4 Board.
Steady State
RthJF
30 30
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = -250 mA VDS = 0 V, VGS = "8 V VDS = -20 V, VGS = 0 V VDS = -20 V, VGS = 0 V, TJ = 85_C VDS v -5 V, VGS = -4.5 V VGS = -4.5 V, ID = -2.7 A Drain-Source On-State Resistancea rDS(on) VGS = -2.5 V, ID = -2.2 A VGS = -1.8 V, ID = -1 A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = -10 V, ID = -2.7 A IS = -0.9 A, VGS = 0 V -10 0.095 0.137 0.205 7 -0.8 -1.2 0.110 0.160 0.240 S V W -0.45 -1.0 "100 -1 -5 V nA mA A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd td(on) tr td(off) tf trr IF = -0.9 A, di/dt = 100 A/ms VDD = -10 V, RL = 10 W ID ^ -1 A, VGEN = -4.5 V, Rg = 6 W VDS = -10 V, VGS = -4.5 V, ID = -2.7 A , , 5.1 1.2 1.0 16 30 30 27 20 25 45 45 40 40 ns 7.7 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
SCHOTTKY SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Forward Voltage Drop
Symbol
VF
Test Condition
IF = 1 A IF = 1 A, TJ = 125_C Vr = 20 V Vr = 20 V, TJ = 85_C Vr = 20 V, TJ = 125_C Vr = 10 V
Min
Typ
0.34 0.255 0.05 2 10 90
Max
0.375 0.290 0.500 20 100
Unit
V
Maximum Reverse Leakage Current g Junction Capacitance www.vishay.com
Irm CT
mA pF
2
Document Number: 72232 S-40932--Rev. B, 17-May-04
Si5855DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
10 VGS = 5 thru 3 V 8 I D - Drain Current (A) 2.5 V I D - Drain Current (A) 8 10 TC = -55_C 25_C
MOSFET
Transfer Characteristics
6 2V 4
6
125_C
4
2
1.5 V
2
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.6 VGS = 1.8 V r DS(on) - On-Resistance ( W ) 0.5 C - Capacitance (pF) 600 0.4 0.3 0.2 0.1 0.0 0 2 4 6 8 10 0 0 Crss 4 VGS = 2.5 V VGS = 4.5 V Ciss 800
Capacitance
400
200
Coss
8
12
16
20
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 2.7 A 4 rDS(on) - On-Resiistance (Normalized) 1.4 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V ID = 2.7 A
3
1.2
2
1.0
1
0.8
0 0 1 2 3 4 5 6 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Document Number: 72232 S-40932--Rev. B, 17-May-04
www.vishay.com
3
Si5855DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
10 0.4
MOSFET
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
ID = 2.7 A 0.3
I S - Source Current (A)
TJ = 150_C
0.2
TJ = 25_C
0.1
1 0.0
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 1 2 3 4 5 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4 0.3 V GS(th) Variance (V) ID = 250 mA 0.2 0.1 0.0 -0.1 -0.2 -50 10 Power (W) 30 50
Single Pulse Power
40
20
-25
0
25
50
75
100
125
150
0 10-4
10-3
10-2
10-1 Time (sec)
1
10
100
600
TJ - Temperature (_C)
100
Safe Operating Area
IDM Limited
10 I D - Drain Current (A)
rDS(on) Limited
P(t) = 0.001 1 ID(on) Limited 0.1 TA = 25_C Single Pulse BVDSS Limited 0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V) P(t) = 0.01 P(t) = 0.1 P(t) = 1 P(t) = 10 dc
www.vishay.com
4
Document Number: 72232 S-40932--Rev. B, 17-May-04
Si5855DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
2 1 Normalized Effective Transient Thermal Impedance
MOSFET
Normalized Thermal Transient Impedance, Junction-to-Ambient
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 90_C/W
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec) 2 1 Normalized Effective Transient Thermal Impedance
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Reverse Current vs. Junction Temperature
100 10 I R - Reverse Current (mA) 1 0.1 0.01 0.001 20 V 10 V I F - Forward Current (A) 10
SCHOTTKY
Forward Voltage Drop
1
TJ = 150_C TJ = 25_C
0.0001 -50
-25
0
25
50
75
100
125
150
0.1 0.0
0.1
0.2
0.3
0.4
0.5
0.6
TJ - Junction Temperature (_C) Document Number: 72232 S-40932--Rev. B, 17-May-04
VF - Forward Voltage Drop (V) www.vishay.com
5
Si5855DC
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
600 500 400 300 200 100 0 0 4 8 12 16 20
SCHOTTKY
Capacitance
CT - Junction Capacitance (pF)
VKA - Reverse Voltage (V
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance 0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 95_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1
10
100
600
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05
0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
6
Document Number: 72232 S-40932--Rev. B, 17-May-04
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SI5855DC04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X