Part Number Hot Search : 
K176TM2 2SK3554 74LVC126 VICES EL7556BC KF284 D7528AC 0EP16
Product Description
Full Text Search
 

To Download SGL-0622Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
SGL-0622Z
Product Description
The SGL-0622 is a low power, high gain, fully matched LNA designed for 0.1 - 4GHz operation. This LNA is designed for low power, 2.7 to 3.6V battery operation. This amplifer is fully matched and requires only 4-5 external components to achieve 28.5 dB gain at 1.575 GHz and a noise figure of 1.5dB. This RFIC is fabricated using Silicon Germanium technology. The matte tin finish on Sirenza's lead-free "Z" package is applied using a post annealing process to mitigate tin whisker formation and is RoHS compliant per EU Directive 2002/95. The package body is manufactured with green molding compounds that contain no antimony trioxide or halogenated fire retardants.
Pb
RoHS Compliant & Green Package
100 - 4000 MHz Low Noise Amplifier Silicon Germanium
Typical Performance
40 35 30 25 4
Gain
3.5 3
Product Features * Lead Free, RoHS Compliant & Green Package * High Gain and Low Noise, * * * * *
28.5dB and 1.5dB respectively @ 1575MHz Low Power Consumption, 9mA @ 3.3V Fully Matched LNA, only 4-5 external components Operates from 2.7 to 3.6V Small Package: 2x2 QFN High input overdrive capability, +18dBm
NF (dB)
2.5 2 1.5 1
Gain (dB)
20 15 10 5 0 100
NF
600 1100 1600 2100 2600 3100
0.5 0
Frequency (MHz)
Symbol Parameters Units
Applications * High Gain GPS Receivers * ISM & WiMAX LNAs
Frequency Min. Typ. Max.
S21
Small Signal Gain
dB
1.575 GHz 2.44 GHz 3.5 GHz 1.575 GHz 2.44 GHz 3.5 GHz 1.575 GHz 2.44 GHz 3.5 GHz 1.575 GHz 2.44 GHz 3.5 GHz 1.575 GHz 2.44 GHz 3.5 GHz 1.575 GHz 2.44 GHz 3.5 GHz 0.05 - 4 GHz 7.5
28.5 23 17 1.50 2 2.8 5.3 1.5 -1.4 -13 -12 -8.5 14.3 12.0 10.0 9.5 14.0 22.0 -28 10.5 12.5
NF
Noise Figure
dB
P1dB
Output Power at 1dB Compression
dBm
IIP3
Input Third Order Intercept Point
dBm
IRL
Input Return Loss
dB
ORL S12 ID
Test Conditions:
Output Return Loss Reverse Isolation Operating Current
VCC = 3.3V TL = 25C ID = 10.5mA Typ. ZS = ZL = 50 Ohms
dB dB mA
IIP3 Tone Spacing = 1MHz, Pout per tone = -15 dBm
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2005 Sirenza Microdevices, Inc.. All worldwide rights reserved.
303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 1
http://www.sirenza.com
EDS-104519 Rev C
Preliminary SGL-0622Z 100-4000 MHz SiGe Low Noise Amplifier Typical RF Performance at Key Operating Frequencies (With Application Circuit)
Frequency (MHz) 450 850 34.4 32.8
Symbol S21 IIP3 P1dB S11 S22 S12 NF
Parameter Small Signal Gain Input Third Order Intercept Point Output at 1dB Compression Input Return Loss Output Return Loss Reverse Isolation Noise Figure
VCC = 3.3V TL = 25C
Unit dB dBm dBm dB dB dB dB
100 34.6
200 34.9
1575 28.5 -13.0 5.3 14.3 9.5 35.6 1.50
1950 26.1
2440 23.0 -12.0 1.5 12.0 14.0 32.0 2.01
3500 17.0 -8.5 -1.4 10.0 22.0 29.0 2.81
15.1 9.2 38.8 1.25
20.0 12.2 39.8 0.96
12.6 11.8 38.7 0.84
16.0 10.4 39.9 1.16
12.8 12.1 34.8 1.78
Test Conditions:
ID = 10.5 mA Typ. ZS = ZL = 50 Ohms
IIP3 Tone Spacing = 1MHz, Pout per tone = -15 dBm
Absolute Maximum Ratings
Reliability & Qualification Information Parameter ESD Rating - Human Body Model (HBM) Moisture Sensitivity Level Rating Class 1C MSL 1
Parameter
Max Device Current (ID) Max Device Voltage (VD) Max. RF Input Power* (See Note) Max. Junction Temp. (TJ)
Absolute Limit
20mA 4V +18 dBm +150C -40C to +85C +150C
This product qualification report can be downloaded at www.sirenza.com
Noise Figure vs. Frequency
4 3.5 3 2.5
25C 85C
Operating Temp. Range (TL) Max. Storage Temp. *Note: Load condition 1, ZL = 50 Ohms Load condition 2, ZL = 10:1 VSWR
2 1.5 1 0.5 0 1.5 2 2.5 3 3.5
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table on page one. Bias Conditions should also satisfy the following expression: TL=TLEAD IDVD < (TJ - TL) / RTH, j-l
dB
Caution: ESD sensitive
Frequency (GHz)
Appropriate precautions in handling, packaging and testing devices must be observed.
-6 -8 -10
IIP3 vs. Frequency
10 8 6
P1dB vs. Frequency
25C -40C 85C
P1dB (dBm)
3.5
IIP3 (dBm)
-12 -14 -16 -18 -20 1.5 2 2.5 3 25C -40C 85C
4 2 0 -2 -4 1.5 2 2.5 3 3.5
Frequency (GHz)
303 S. Technology Ct. Broomfield, CO 80021 Phone: (800) SMI-MMIC 2
Frequency (GHz)
http://www.sirenza.com
EDS-104519 Rev C
Preliminary SGL-0622Z 100-4000 MHz SiGe Low Noise Amplifier
Application Circuit Data, VCC= 3.3V, ID= 9mA
IM3 vs. Frequency
-35 -40 25C -45 -40C 85C
20 18 16 14 12 25C -40C 85C
DCIV over Temperature
IM3 (dBc)
-50 -55 -60 -65 -70 1.5
Id (mA)
2 2.5 3 3.5
10 8 6 4 2 0 0 1 2 3 4
Frequency (GHz)
Vd (V)
S11 vs. Frequency 0 -5 -10
S21 vs. Frequency 40 35 30 25 dB 20 15 10 5 0
4
S21_25C S21_-40C S21_85C
dB
-15 -20 -25 -30 0 1 2 Frequency (GHz) 3
S11_25C S11_-40C S11_85C
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
S22 vs. Frequency 0
S22_25C S22_-40C S22_85C
S12 vs. Frequency 0 -10 -20 dB -30 -40 -50 0 0.5 1 1.5 2 Frequency (GHz) 2.5 3 3.5 4
S12_25C S12_-40C S12_85C
-5 -10 dB -15 -20 -25 -30 0 0.5 1
1.5 2 2.5 Frequency (GHz)
3
3.5
4
303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 3
http://www.sirenza.com
EDS-104519 Rev C
Preliminary SGL-0622Z 100-4000 MHz SiGe Low Noise Amplifier
Application Schematic
Vs 1uF 1200 pF 100pF
2 4 RF in 100pF Epad
SGL-0622Z
68nH 1 RF out 100pF
Evaluation Board Layout
Bill of Materials C1 C2 C3 C4 C5 1x TAJB105KLRH Rohm 1.0uF 1x MCH185C122KK Rohm 1200pF 1x MCH185A101JK Rohm 100pF 1x MCH185A101JK Rohm 100pF 1x MCH185A101JK Rohm 100pF
L1 1x LL1608-FS56NJ Toko 68nH Connectors 2x PSF-S01-1mm GigaLane Co. Heat sink EEF-102059 PCB QFN2x2
303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 4
+
http://www.sirenza.com
EDS-104519 Rev C
Preliminary SGL-0622Z 100-4000 MHz SiGe Low Noise Amplifier
Pin # 1 2 3,5,6,7,8 4 Function RF OUT/VD GND N/A RF IN Description RF output and bias pin. Bias should be supplied to this pin through an external RF choke. (See application circuit) Connect to ground per application circuit drawing. Not Used RF input pin. This pin requires the use of an external DC blocking capacitor as shown in the application schematics. Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for thermal and RF performance. Vias should be located under the EPAD as shown in the recommended land pattern.
EPAD
GND
Suggested Pad Layout
Part Number Ordering Information Part Number SGL-0622Z Reel Size 7" Devices / Reel 3000
Part Identification
Nominal Package Dimensions
Dimensions in inches [millimeters] Refer to drawing posted at www.sirenza.com for tolerances.
303 S. Technology Ct. Broomfield, CO 80021
Phone: (800) SMI-MMIC 5
http://www.sirenza.com
EDS-104519 Rev C


▲Up To Search▲   

 
Price & Availability of SGL-0622Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X