Part Number Hot Search : 
C1210 HCT2G 2SC383 SMB75 0N60B2 BUT12A ESS3890 P6KE150A
Product Description
Full Text Search
 

To Download SF301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF301 THRU SF306
Features
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Super fast recovery time * Good for use in switching mode circuits * Plastic package has Underwrites Laboratory Flammability Classification 94V-0
CURRENT 30.0 Amperes VOLTAGE 50 to 400 Volts
TO-3P
.120(3.05) DIA. .115(2.92) .180(4.53) .170(4.32) .840(21.34) .820(20.83) .12(3.0) .11(2.8) .170(4.32) .150(3.81) .095 (2.4) .635(16.13) .625(15.88) .320(8.13) .310(7.87) .205(5.21) .195(4.49)
30
Mechanical Data
* Case : JEDEC TO-3P molded plastic body * Terminals : Lead solderable per MIL-STD-750, method 2026 * Polarity : As marked * Mounting Position : Any * Weight : 0.2 ounce, 5.60 gram
.800(20.32) .770(19.56)
.050(1.27) .045(1.14) .225(5.7) .205(5.2)
.030(0.8) .020(0.5)
PIN 1 PIN 3 Positive CT Suffix "C"
+
CASE PIN 2
PIN 1 PIN 3 Negative CT Suffix "A" CASE PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=100E Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 15.0A Maximum DC reverse current at rated DC blocking voltage TC=25E TC=100E Trr CJ TJ TSTG VRRM VRMS VDC I(AV) IFSM VF IR
SF301
50 35 50
SF302
100 70 100
SF303
150 105 150 30.0 250
SF304
200 140 200
SF305
300 210 300
SF306
400 280 400
Units
Volts Volts Volts Amps Amps
0.95 10 500 35 175 -55 to +150 -55 to +150
1.30
Volts
iA ns pF E
Maximum reverse recovery time (Note 1) TJ=25E Typical junction capacitance (Note 2) Operating junction and storage temperature range
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
RATINGS AND CHARACTERISTIC CURVES SF301 THRU SF306
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC
NONINDUCTIVE
AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
10
trr
+0.5A PULSE GENERATOR ( NOTE 2 )
DUT (+ ) 50Vdc (approx) (-)
NONINDUCTIVE
0 -0.25A
OSCILLOSCOPE (NOTE 2 )
-1.0A 1cm SET TIME BASE FOR 5/ 10ns / cm
NOTES: 1 . RISE TIME = 7nsmax. INPUT IMPEDANCE= 1 MEGOHM 22p 2 . RISE TIME = 10ns max. SOURSE IMPEDANCE = 50ohmsf
AVERAGE FORWARD CURRENT . ( A )
. FIG 2 -MAXIMUM AVERAGE FORWARD CURRENT DERATING CURVE 36 30 24 12 6.0 0 0 50 100
O
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS PER LEG 1000 INSTANEOUS REVERSE CURRENT MICRO AMPERES
TC=100 C
O
100
10
150
CASE TEMPERATURE . ( C ) PEAK FORWARD SURGE CURRENT . ( A )
1.0
TC=25 C
O
300 250 200 150 INSTANTANEOUS FORWARD CURRENT . ( A) 100 50 0 1 2 5 10 20 50 100
8.3ms Single Half Sine Wave JEDEC Method T J= TJ max
0.1 0
PERCENT OF RATED PEAK REVERSE VOLT AGE . (%)
20
40
60
80
100
120
140
FIG . 6 -TYPICAL FRWARD CHARACTERISTICS PER LEG 100 20 10 4 1.0 .4 .1 SF305-306 SF301-304
NMBER OF CYCLES AT 60Hz FIG . 5 -TYPICAL JUNCTIOON CAPACITANCE PER LEG
CAPACITANCE ( pF)
125 OC O 25 C
Tj=25 OC t=1MHz Vsig= 50M Vp-p .1 .5 1.0 5.0 10.0 REVERSE VOLTAGE . (V ) 50 100
Pulse Width=300 2% Duty Cycle 0
s
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 forward voltage . (v )


▲Up To Search▲   

 
Price & Availability of SF301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X