Part Number Hot Search : 
L431VA E721A SDR2KSM HT46R71D AX232CPE BFR92A 2SC2782A PIC24F16
Product Description
Full Text Search
 

To Download SD103AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Central Micro-electrical
Schottky Barrier Diode
FEATURES
Low Forward Voltage Drop. Guard Ring Construction For Transient Protection. Negligible Reverse Recovery Time. Low Reverse Capacitance.
Production specification
SD103AW/SD103BW/SD103CW
Pb
Lead-free
APPLICATIONS
Schotty barrier switching. SOD-123
ORDERING INFORMATION
Type No. SD103AW SD103BW SD103CW Marking S4 S5 S6 Package Code SOD-123 SOD-123 SOD-123
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Peak Repetitive Peak reverse voltage Working Peak DC Reverse Voltage RMS Reverse Voltage Forward Continuous Current Repetitive Peak Forward Current @t1.0s Power Dissipation Thermal Resistance Junction to Ambient Storage temperature Symbol VRR VRWM VR VR(RMS) IF IFRM Pd RjA Tstg 28 350 1.5 400 300 -65~+125 21 14 V mA A mW /W 40 30 20 V SD103AW SD103BW SD103CW Unit
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKA014 Rev.A
www.galaxycn.com 1
BL Galaxy Central Micro-electrical
Schottky Barrier Diode
Parameter Reverse Breakdown Voltage SD103AW SD103BW SD103CW Symbol V(BR)R Min. 40 30 20 0.37 0.60 5.0 50 10 Typ. Max.
Production specification
SD103AW/SD103BW/SD103CW
Unit V Conditions IR=10A IR=10A IR=10A IF=20mA IF=200mA VR=30V VR=20V VR=10V VR=0,f=1MHz IR=IF=200mA Irr=0.1*IR,RL=100
Forward voltage Reverse current SD103AW SD103BW SD103CW
VF
V
IRM CT trr
A pF ns
Capacitance between terminals Reverse Recovery Time
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKA014 Rev.A
www.galaxycn.com 2
BL Galaxy Central Micro-electrical
Schottky Barrier Diode
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
SD103AW/SD103BW/SD103CW
SOD-123
K B C
SOD-123
Dim A B
A
Min 1.4 2.55
Max 1.8 2.85
D H E J
C D E H J K
1.15 Typical 0.5 0.3 0.02 0.6 0.4 0.10
0.1 Typical 3.55 3.85
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device
INFORMATION
Package SOD-123 Shipping 3000/Tape&Reel
SD103AW-SD103CW
Document number: BL/SSSKA014 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of SD103AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X