Part Number Hot Search : 
128160 I41T56 HSMS2850 LM334S8 AP8942 A58005 B100B SMBJ12
Product Description
Full Text Search
 

To Download SD101AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER DIODE
SD101AW THRU SD101CW
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
40 To 60 Volts 15 mA
Fast Switching speed Low forward voltage Low capacitance Guard ring for transient and ESD protection Also available in the DO-35 package as SD101A and Mini-MELF as LL101A
MECHANICAL DATA
* * * *
Case: SOD-123 Plastic Terminals: solderable per MIL-STD-202 Method 208 Polarity: Color band denotes cathode end Weight: 0.00035 ounce, 0.01 gram
SOD-123
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
*
Ratings at 25OC ambient temperature unless otherwise specified
SYMBOLS Repetitive Peak Reverse Voltage Continuous Reverse Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ T = 1.0S T = 1.0S Peak Forward Surge Current@ TP < 1 Sec, TA = 25 C Maximum Forward Voltage @ 1.0mA 15mA Maximum Leakage Current, @ TJ = 25O Maximum Reverse Recovery Time IF = 10mA, IR=10mA, IRR = 1mA, RL = 100 Power dissipation (Note 1) Typical Junction Capacitance , VF = 1V, f = 1MHz Typical Thermal Resistance Operating Junction Temperature Range Storage Temperature Range
O
VRRM VR Vrms IFM IFSM IFSM VF IR trr PTOT CJ RJA TJ TSTG
SD101CW SD101BW SD101CW UNIT 60 50 40 Volt 60 50 40 Volt 42 35 28 Volt 15 mA 50 mA 2.0 Amps 150 mA
0.41 1.0 200 @VF =50V 0.4 0.95 200 @VF =40V 0.39 0.90 200 @VF =30V
Volts nA nS
1 2.0 400 2.1 300 (-55 to +150) (-55 to +150) 2.2
mW pF O C/W O C O C
Notes: 1. Valid provided terminals are kept at ambient
Sep-03, Rev A
Micro Electronic Instrument Inc.
RATINGS AND CHARACTERISTIC CURVES SD101AWTHRU SD101CW
Sep-03, Rev A
Micro Electronic Instrument Inc.


▲Up To Search▲   

 
Price & Availability of SD101AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X