Part Number Hot Search : 
FDLL921 ER507 IRCZ24 DM712 1N5264A BA2904 7C1360V GFG0675F
Product Description
Full Text Search
 

To Download SD101AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Central Micro-electrical
Schottky Barrier Diode
FEATURES
Low Forward Voltage Drop. Guard Ring Construction For Transient Protection. Negligible Reverse Recovery Time.
Production specification
SD101AW/SD101BW/SD101CW
Pb
Lead-free
APPLICATIONS
Schotty barrier switching. SOD-123
ORDERING INFORMATION
Type No. SD101AW SD101BW SD101CW Marking S1 S2 S3 Package Code SOD-123 SOD-123 SOD-123
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Peak Repetitive Peak reverse voltage Working Peak DC Reverse Voltage RMS Reverse Voltage Forward Continuous Current Repetitive Peak Forward Current @t<1.0s @t=10s Power Dissipation Thermal Resistance Junction to Ambient Storage temperature Symbol VRR VRWM VR VR(RMS) IFM IFRM Pd RjA Tstg 42 15 50 2.0 400 300 -65~+125 35 28 V mA mA A mW /W 60 50 40 V SD101AW SD101BW SD101CW Unit
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKA013 Rev.A
www.galaxycn.com 1
BL Galaxy Central Micro-electrical
Schottky Barrier Diode
Parameter Reverse Breakdown Voltage SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW SD101AW SD101BW SD101CW Symbol V(BR)R Min. 60 50 40 0.41 0.40 0.39 1.00 0.95 0.90 0.2 2.0 2.1 2.2 1.0 Typ. Max.
Production specification
SD101AW/SD101BW/SD101CW
Unit V Conditions IR=10A IR=10A IR=10A IF=1.0mA IF=1.0mA IF=1.0mA IF=15mA IF=15mA IF=15mA VR=50V VR=40V VR=30V VR=0,f=1MHz IR=IF=5mA Irr=0.1*IR,RL=100
Forward voltage
VF
V
Reverse current
IRM
A
Capacitance between terminals SD101AW SD101BW SD101CW Reverse Recovery Time
CT
pF
trr
ns
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKA013 Rev.A
www.galaxycn.com 2
BL Galaxy Central Micro-electrical
Schottky Barrier Diode
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
SD101AW/SD101BW/SD101CW
SOD-123
K B C
SOD-123
Dim A B
A
Min 1.4 2.55
Max 1.8 2.85
D H E J
C D E H J K
1.15 Typical 0.5 0.3 0.02 0.6 0.4 0.10
0.1 Typical 3.55 3.85
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device
INFORMATION
Package SOD-123 Shipping 3000/Tape&Reel
SD101AW-SD101CW
Document number: BL/SSSKA013 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of SD101AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X