Part Number Hot Search : 
20121 150K0 DL4734A EZ240D05 SWSS0 TLP74 S0603 BCF81
Product Description
Full Text Search
 

To Download SAF1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAF Series Air Velocity Switch
The solid state SAF Series airflow switch assures dependable thermal control and protection for air cooled systems. The SAF Series advantages include:
Can drive logic circuits, audible/optical alarms and magnetic relays Available in sealed and dust-proof versions Can be socket mounted, PCB or hard wired Available in 50 to 1500 linear feet per minute ranges Not affected by ambient temperatures 5 VDC design with low power dissipation Signal conditioning not required
The advanced SAF Series Airflow Switch provides early detection and protection from overheating in high-end computer systems and peripherals, large power supplies, HVAC equipment, medical diagnostic systems and other electronic systems requiring forced air cooling. The patented* design is based on a heated thermistor which monitors the airstream and detects a loss or reduction of airflow due to fan failures, clogged filters or obstructions in the air inlet/outlet. The thermistor temperature and, therefore, its resistance, is affected by changes in air velocity. The SAF thermistor is part of a sensing bridge which compares its own resistance against a reference circuit and determines the air velocity at which the device will trigger an output. The innovative, low profile airflow sensor is easily mountable directly on the most densely populated circuit boards with as little as .625 inch spacing between boards, in sockets or bracket mount in plenums. All SAF models are complete, self-contained sensor/alarm devices requiring no additional circuitry.
*US Patent No. 4,686,450
All SAF Series Sensors are designed to be used in conjunction with typical logic circuitry. They operate on a +5 VDC supply and their output provides an open collector NPN transistor with its emitter connected to ground (0v). This type of versatile output allows driving logic circuits, indicating incandescent or LED lights or even magnetic relays, from DC sources from 5V to 30V.
Mounting Accessories
Military Socket Assembly with leads, no
mounting bracket - P/N 4-1-261
Bracket only, with leads attached to SAF
Sensor - P/N 4-1-270
Socket Assembly with mounting bracket
and leads - P/N 4-1-260
IMPROVED AMBIENT TEMPERATURE COMPENSATION Warren G-V design criteria for the SAF Solid-State Airflow Sensor incorporates ambient temperature compensation techniques which provide close operating point tolerances over the ambient range of +10 to +60C. The typical operating point versus ambient temperature curve for 250 FPM is illustrated. Curves for other settings are available.
SPECIFICATIONS Input Voltage: +5 VDC (5%) Power Dissipation: 1/2w max Output: open collector, solid state, able to sink up to 100 MA to ground, from DC sources up to 30V Sensing range: 50 to 1500 F.P.M. Sensing Tolerance: +10C to +60C see ambient temperature compensation curve Sensitivity: 25 F.P.M. from actual setting Hysteresis: Series SAF1005 (Standard Model) is typically 10% of the setting
THE SAF SERIES The Standard Series/SAF1005 - indicates an "alarm condition" on low or no airflow by turning output transistor "on"; output is similar to a closed mechanical contact between output and ground when in alarm condition. A round version, SAF1006 without a flange is available for less board space utilization. The Fail Safe Series/SAF1025 - an alternative to abovedescribed series, a device failure indicates an "alarm condition" by turning the output "off"; similar to open contacts in alarm condition. It will operate with a wider hysteresis. The Hermetically Sealed Series - withstands all board washing methods; more suitable for applications with hostile environments. Sealed versions of all the above units are available.
Output on Alarm Condition Driving A Load (Relay, Lamp) Logic Interface (Pull-up Resistor) ON OFF
SAF Model Options Dust Proof Flanged Round Base SAF1006 SAF1026 Hermetically Sealed Flanged Round Base SAF1008 SAF1028
ON OFF
SAF1005 SAF1025
SAF1007 SAF1027


▲Up To Search▲   

 
Price & Availability of SAF1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X