Part Number Hot Search : 
6200S8 HJW0001 C14040B 001SMB 87760 AD5732R G4BC30 HCU04
Product Description
Full Text Search
 

To Download RS403L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
RS401L --- RS407L
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 4.0 A
SILICON BRIDGE RECTIFIERS
KBL
.768 (19.5) .728 (18.5)
Rating to 1000V PRV Surge overload rating to 150 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208
.052 (1.3) DIA. .048 (1.2) TYP. .580 (14.7) .540 (13.7)
.640 (16.3) .600 (15.2) AC
.750 (19.0) MIN.
.083 (2.1)
.220 (5.6) .180 (4.6) .256 (6.5) .236 (6.0)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RS 401L
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
RS 402L
100 70 100
RS 403L
200 140 200
RS 404L
400 280 400 4.0
RS 405L
600 420 600
RS 406L
800 560 800
RS 407L
1000 700 1000
UNITS
V V V A
V RRM V RMS V DC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 2.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA=100
IFSM
150.0
A
VF IR TJ TSTG
1.0 5.0 1.0 - 55 ---- + 150 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287017
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD OUTPUT CURRENT, AMPERSE
RS401L --- RS407L
FIG.2 -- MAXIMUM FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERSE
5
150
4
120
8.3ms SINGLE HALF SINE-WAVE (JEDEC METHOD)
3
90
2
60
1
6 0H z R E S IS T IV E O R IN D U C T IV E L O A D
0 0 20 50 100 150
30
0
10
100
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
100
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
10
INSTANTANEOUS FORWARD CURRENT, AMPERSE
40 20
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERSE
TJ=100
1
10
4.0 2.0
1.0
.1
0.4 0.2
J= 5 T2 P ls W th u e id =0u 30S
TJ=25
.01 0 20 40 60 80 100 120 140
0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
www.galaxycn.com
Document Number 0287017
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RS403L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X