Part Number Hot Search : 
89534LHC P3925 GBPC3508 MA2130 KSR211G CD4579A S3V39 10N65KL
Product Description
Full Text Search
 

To Download RS202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
RS201- - - RS207
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 2.0 A
SILICON BRIDGE RECTIFIERS
KBP
0.20(5.1) 0.18(4.6) 0.039(1.0) 0.055(1.4) 0.600(15.2) 0.560(14.2)
Rating to 1000V PRV Surge overload rating to 50 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product
0.125(3.2)X45
0.460(11.7) 0.420(10.7) AC
0.50(12.7)MIN
Lead solderable per MIL-STD-202 method 208
0.60(15.2)MIN
Glass passivated chip junctions
0.034(0.86)DIA 0.028(0.76)TYP 0.160(4.1) 0.140(3.6)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RS201 RS202 RS203 RS204 RS205 RS206 RS207 UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA =25
V RRM V RMS V DC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 2.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 2.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA=100
IFSM
50.0
A
VF IR TJ TSTG
1.1 10.0 1.0 - 55 ---- + 125 - 55 ---- + 150
V A mA
Operating junction temperature range Storage temperature range
www.galaxycn.com
Document Number 0287091
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERSE
RS201- - - RS207
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERSE
50
2.0
40
1.5
Resislive or Inductive Load
30
8 .3 m s S in g le H a lf S in e W a v e T J= 1 2 5
1.0
20
0.5
PC Board Mounted with 0.47" x 0.47" COPPERPADS (12mm x 12mm)
10
0
1
10
100
0 0
25
50
75
100
125
150
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
10
10
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERSE
1.0
1.0
TJ=100
AMPERSE
TJ=25
0.1
Pulse Width =300u S
0.1
TJ=25
.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
.01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
www.galaxycn.com
Document Number 0287091
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RS202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X