Part Number Hot Search : 
34063 2SK37 SRB1660C 4DFT2 BZV55C10 IME02TS L443HDT MA4E1338
Product Description
Full Text Search
 

To Download RS202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS201 thru RS207
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 2.0 Amperes RS-2 FEATURES
Surge overload rating -50 amperes peak Ideal for printed circuit board Reliable low cost construction utilizong molded plastic
.551(14.0) .512(13.0) .610(15.5) .571(14.5) .709(19.0) .669(17.0)
technique results in expensive product
Mounting position :Any Lead: Sliver plated copper lead
.035(0.9)DIA .028(0.7)TYP. .750 MIN. (19.0)
.160(4.1) .140(3.6)
.276(7.0) .236(6.0) .148(3.75) .108(2.75)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.3759.5mm) Lead Lengths Peak Forward Surage Current , 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) I2t Rating for Fusing (t8.3ms) Maximum Forward Voltage Drop Per Element at 2.0A Peak Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25 TA=100 @TA=40
SYMBOL VRRM VRMS VDC I(AV)
RS201 50 35 50
RS202 100 70 100
RS203 200 140 200
RS204 400 280 400 2.0
RS205 600 420 600
RS206 800 560 800
RS207 1000 700 1000
UNIT V V V A
IFSM I2t VF IR CJ TJ TSTG
50 15.0 1.1 10.0 1.0 30 -55 to +125 -55 to +125
A A2s V uA mA pF
Typical Junction Capacitance Per Element (Note1) Operating Temperature Range Storage Temperature Range
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
~ 249 ~
RATING AND CHARACTERISTIC CURVES RS201 thru RS207
FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERAGE AMPERES 2.0 PEAK FORWARD SURGE CURRENT AMPERES 60 50 40 30 20 10 0 1
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
TA=25 SINGLE SINE-WAVE JEDEC METHOD
0 50 100 150 AMBIENT TEMPERATURE ,
10 NUMBER OF CYCLES AT 60HZ FIG.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20
100
FIG.3-TYPICAL FORWARD CHARACTERISTICS 10 6.0 INSTANTANEOUS REVERSE CURRENT MICROAMPERES 4.0
TJ=100
2.0 1.0 0.6 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD CURRENT, AMPERES
10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
TJ=25 PULSE WIDTH:300S 1% DUTY CYCLE
TJ=25
INSTANTANEOUS FORWARD VOLTAGE.
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT 100 60 40 CAPACITANCE,(pF) 20 10 6.0 4.0 2.0 1.0 0.1 0.2 0.4 1.0 2.0 4.0 10 20 40 100
TJ=25, f=1MHZ
Vsig=50m p-p
REVERSE VOLTAGE,VOLTS
~ 250 ~


▲Up To Search▲   

 
Price & Availability of RS202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X