Part Number Hot Search : 
BLM15A 04304 4756A SP8481JP IW4013B IW4013B PLG1A 160NTD
Product Description
Full Text Search
 

To Download RS202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS201 THRU RS207
Features
* Glass Passivated Die Construction * High Case Dielectric Strength of 1500VRMS * Low Reverse Leakage Current * Surge Overload Rating to 65A Peak * Ideal for Printed Circuit Board Applications * Plastic Material - UL Flammability Classification 94V-0
A
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
B
+
H
C
RS
Mechanical Data
* Case : Molded Plastic * Terminals : Plated Leads, Solderable per MIL-STD-202, Method 208 * Polarity : As Marked on Body * Approx. Weight : 1.52 grams * Mounting Position : Any * Marking : Type Number
G
Dim
Min 15.50 10.00 15.00 3.70 2.50 2.30
Max 16.00 10.50 4.00 3.00 2.50
D
A B C
E
D E G H
0.70 T ypical
A ll Dimens ions in mm
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 50 E VRMM VRWM VR VR(RMS) Io IFSM VFM IRM Cj Re JC Tj TSTG
RS 201
50 35
RS 202
100 70
RS 203
200 140
RS 204
400 280 2.0 50 1.0 10.0 1000 25 38 -55 to +150
RS 205
600 420
RS 206
800 560
RS 207
1000 700
Units
Volts Volts Amps Amps Volts iA pF E /W E
Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load per element (JEDEC method) Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance per Element (Note 2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range @ IF=1.0 A @ TC=25E @ TC=100E
Notes:
(1) Thermal resistance from junction to case per element. Unit mounted on 75 x 75 x 16mm aluminum plate heat sink. (2) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
RATING AND CHARACTERISTIC CURVES RS201 THRU RS207
2.0 (A)
(A) 10
CURRENT
1.5
Lead
I F , INST ANT ANEOUS FWD CURRENT
T J = 150C T J = 25C
Case
1.0
RECTIFIED
1.0
Ambient
I O , AVERAGE
0.1
0.5
Pulse Width = 300 s
0 0 50 100 150
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
T, TEMPERA TURE (C) Fi g. 1 Forward Current Deratin g Curve
V F , INST ANT ANEOUS FWD VOL TAGE (V) Fi g. 2 Typical Fwd Characteristics
100
T j = 150c Single Half Sine Wave (JEDEC Method)
100
(A)
T j = 25C f = 1MHz
I FSM , PEAK FWD S URGE CURRENT
60
C j, JUNCTION CAP ACIT ANCE (pF)
80
10
40
20
0 1 10 100
1 1 10 V R , REVERSE VOL TAGE (V) Fi g. 4 Typical Junction Capacitance 100
NUMBER OF CYCLES AT 60 Hz Fi g. 3 Max Non-Repetitive Peak Fwd S urge C urrent
10,000 (mA) CURRENT 1000
T j = 150C
100
T j = 125C T j = 100C
I R , INST ANT ANEOUS REVERSE
10
1.0
T j = 25C
0.1 0.01 0 PERCENT 20 40 60 80 100 120 140 OF RA TED PEAK REVERSE VOL TAGE (%) Fi g. 5 Typical Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of RS202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X