Part Number Hot Search : 
L1210 SE5532N LN233RPH M37451M8 LN233RPH SEL5755C 12500 2SD904
Product Description
Full Text Search
 

To Download PIR67-21C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet Top View LED
PIR67-21C/L231/TR8
Features
Low forward voltage. Compatible with infrared and vapor phase reflow solder process. Package in 8mm tape on 7" diameter reels. Size of emitting area 0.370mm * 0.370mm Pb free Typical peak wavelength 740nm The product itself will remain within RoHS compliant version
Descriptions
PIR67-21C/L231/TR8 is an infrared emitting diode in miniature SMD package which is molded in a water clear plastic with spherical top view lens. The device is spectrally matched with silicon photodiode and phototransistor.
Applications
Sensor technology IR free air transmission For drive and control circuits Optoelectronic switch Infrared applied system
Device Selection Guide LED Part No.
PIR67-21C/L231/TR8
Chip Material
AIGaAs
Epoxy color
Water clear
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 1 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Package Dimensions
edoh taC edonA
1.5
1.5
1.5
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.1mm
Absolute Maximum Ratings (Ta=25)
Parameter Continuous Forward Current Reverse Voltage Surge current(t=10s) Operating Temperature Storage Temperature Thermal resistance junction to ambient mounted on PC-board Thermal resistance junction to soldering point,mounted on metal block Soldering Temperature *1 Power Dissipation at(or below) 25Free Air Temperature *2:Soldering time10 seconds. Symbol IF VR IFSM Topr Tstg RthJA RthJS Tsol Pd Rating 100 5 1 -40 ~ +100 -40 ~ +100 210 260 260 190 Units mA V A K/W K/W mW
Notes: : *1:IFP Conditions--Pulse Width100s and Duty1%.
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 2 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Electro-Optical Characteristics (Ta=25)
Parameter Radiant Intensity Total Radiated Power Peak Wavelength Spectral Bandwidth Forward Voltage Reverse Current Rise Time Fall Time Capacitance View Angle Active chip area Dimensions of the active chip area Symbol Ie Po p VF IR tr tf Co 21/2 A L*W Condition IF=20mA IF=50mA IF=50mA IF=20mA IF=20mA IF=20mA IF=50mA VR=5V IF=50mA IF=50mA VR=0V, f=1MHz IF=20mA ----Min. -3.0 -725 --------Typ. 2.5 6.0 18 740 30 1.8 2.0 -80 80 55 120 0.140 0.370*0.370 Max. ---755 -2.2 2.8 10 ----mW nm nm V A ns ns pF deg mm2 mm*mm Units mW/sr
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 3 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs. Ambient Temperature
041
Fig.2 Spectral Distribution
100 80 60 40 20 0
IF=20mA Ta=25C
Fig.3 Peak Emission Wavelength vs. Ambient Temperature
Everlight Electronics Co., Ltd. Device NoDTR-067-249
021 001 02 04 08 06
0
-40 -20 0
20 40 60 80 100 120
680 700 720 740 760 780 800 820 840
Fig.4 Forward Current vs. Forward Voltage
780
100 90 80 70 60 50 40 30 20 10 0
0 25 50 75 100
760
740
720
700 -25
1.2
1.6
2.0
2.4
2.8
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 4 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Radiant Intensity vs. Angular Displacement
0
1.0
10
20 30 40 50
0.8
0.6
R elative Intensity
60
0.4
70 80
-80 -70 -60 -50 -40 -30 -20 -10 0
0.2
0.0 -90
90
Angle(Degree)
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 5 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Precautions For Use
1. Over-current-proof Customer must apply resistors for protection , otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package, the LEDs should be kept at 30 or less and 90%RH or less. 2.3 The LEDs should be used within a year. 2.4 After opening the package, the LEDs should be kept at 30 or less and 70%RH or less. 2.5 The LEDs should be used within 168 hours (7 days) after opening the package. 2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 605 for 48 hours. 3. Soldering Condition 3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board.
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 6 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder. 5.Repairing Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 7 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10%
NO. Item Test Conditions Test Hours/ Sample Cycles 1 REFLOW TEMP.2605 6Mins Sizes 22pcs IRUx2 15mins 50Cycles 5mins 15mins 5mins 50Cycles 10secs 5mins 1000hrs 1000hrs 1000hrs 1000hrs 22pcs 22pcs 22pcs 22pcs 22pcs 22pcs IeLx0.8 VFUx1.2 UUpper Specification Limit LLower Specification TEMP.-40 Limit 0/1 0/1 0/1 0/1 0/1 0/1 Failure Judgement Criteria 0/1 10secs 2 Temperature Cycle H : 100 L : -40 3 Thermal Shock H :+100 L :-10 4 High Temperature Storage 5 Low Temperature Storage 6 DC Operating Life IF=20mA 7 High Temperature/ 85 / 85% R.H High Humidity Ac/Re
TEMP.+100
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 8 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Package Dimensions
Taping Dimensions
Unit: mm
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 9 of 10
Prepared byDaniel Yang
PIR67-21C/L231/TR8
Packing Quantity Specification
1.2000Pcs/1Volume1Volume/1Bag 2.10Boxes/1Carton
Label Form Specification
CPN: Customer's Production Number P/N : Production Number QTY: Packing Quantity
RoHS
CAT: Ranks HUE: Peak Wavelength REF: Reference LOT No: Lot Number MADE IN TAIWAN: Production Place
PIR67-21C/L231/TR8
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 2. When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. 3. These specification sheets include materials protected under copyright of EVERLIGHT corporation. Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent.
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Everlight Electronics Co., Ltd. Device NoDTR-067-249
http:\\www.everlight.com Prepared date06-08-2007
Rev 3
Page: 10 of 10
Prepared byDaniel Yang


▲Up To Search▲   

 
Price & Availability of PIR67-21C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X