Part Number Hot Search : 
TDZ16 EL5246CS SMCJ20 SC3356 TEA5711 SAA7391 DG942408 3843G
Product Description
Full Text Search
 

To Download PI74AVC164245LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 1 2109876543212109876543210987654321098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA
16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Features
* PI74AVC164245LA is designed for low voltage operation: 1.5V - 2.5V to 3.3V * Industrial operation at -40C to +85C * Packag (Pb-free & Green available): - 48-pin plastic 240-mil TSSOP (A) - 48-pin plastic 173-mil TVSOP (K)
Description
Pericom Semiconductor's PI74AVC164245LA, a 16-bit (dual-octal) noninverting bus transceiver, contains two separate supply rails: B port (VCCB), set at 3.3V, and A port (VCCA), set to operate at 1.5-2.5V. This arrangement permits translation from a 1.5-2.5V to 3.3V environment and vice versa. The control pins, OE and DIR are controlled by VCCB . The PI74AVC164245LA is designed for asynchronous communication between data buses. To ensure the high impedance state during power up or power down, the output-enable (OE) input should be tied to VCC through a pullup resistor: the minimum value of the resistor is determined by the current-sinking capability of the driver.
Truth Table (each 8-bit section)
Inputs Ope ration OE L L H DIR L H X B data to A bus A data to B bus Isolation
Block Diagram
Pin Configuration
(LVTTL)1DIR 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 1OE(LVTTL) 1A1 1A2 GND 1A3 1A4 VCCA(1.5V-2.5V) 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCCA(1.5V-2.5V) 2A5 2A6 GND 2A7 2A8 2OE(LVTTL)
1DIR
1 48 47 2 1OE
1B1 1B2 GND 1B3 1B4 (3.3V)VCCB 1B5 1B6 GND 1B7 1B8 2B1 2B2 GND
1A1
1B1
To Seven Other Channels 2DIR 24 25 36 13 2OE
48-Pin A, K
36 35 34 33 32 31 30 29 28 27 26 25
2B3 2B4 (3.3V)VCCB 2B5 2B6
2A1
2B1
GND 2B7 2B8 (LVTTL)2DIR
To Seven Other Channels
06-0016
1
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Maximum Ratings
(Absolute maximum ratings over operating free-air temperature range from VCCB at 3.3V & VCCA at 1.5 - 2.5V, unless otherwise noted) Supply voltage range: VCCA .................................. -0.5V to 3.8V VCCB .................................. -0.5V to 4.6V Input Voltage Range, VI Except I/O ports(1) ......-0.5V to 4.6V I/O port A(2) ... -0.5V to VCCA+0.5V I/O port B(1) .... -0.5V to VCCB+0.5V Input clamp current, IIK (VI <0) .................................... -50mA Output clamp current, IOK (VO <0) .............................. -50mA Continuous output current, IO ............................................... 50mA Continuous current through each VCC or GND ...........100mA Package thermal impedance, 0JA(3): A package .......... 89C/W K package ............................ 58C/W V package ............................ 94C/W Storage temperature range, TSTG ........................... -65C to 150C
Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions for VCCB at 3.3V(4)
M in. VCCB(1) VIH VIL VIA VOB IOH IOL t/v TA Supply voltage High- level voltage Low- level voltage Input Voltage Output Voltage High- level output current Low- level output current Input transition rise or fall rate Operating free- air temperature -40 0 0 3.0 2 0. 8 VCCB VCCB -12 12 10 85 mA ns/V C V M ax. 3. 6 Units
Recommended Operating Conditions for VCCA at 2.5V(4)
M in. VCCA VIH VIL VIB VOA IOH IOL t/v TA
(2)
M a x. 2.7 0 .7
Units
Supply voltage High- level voltage Low- level voltage Input voltage Output voltage High- level output current Low- level output current Input transition rise or fall rate Operating free- air temperature VCCA = 2.3V VCCA = 2.7V VCCA = 2.3V VCCA = 2.7V VCCA = 2.3V to 2.7V VCCA = 2.3V to 2.7V
2 .3 1. 7
V
0 0
VCCA VCCA -8 -12 8 12 10 ns/V C mA
-40
85
Notes: 1. This value is limited to 4.6V maximum. 2. This value is limited to 3.8V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51. 4. To ensure proper device operation, all unused device inputs must be held at the associated VCC or GND.
06-0016
2
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Recommended Operating Conditions for VCCA at 1.5V(2)
M in. VCCA(1) VIH VIL VIB VOA IOH IOL t/v TA Supply voltage High- level voltage Low- level voltage Input voltage Output voltage High- level output current Low- level output current Input transition rise or fall rate Operating free- air temperature -4 0 VCCA = 1.4V VCCA = 1.6V VCCA = 1.4V VCCA = 1.6V VCCA = 1.4V to 1.6V VCCA = 1.4V to 1.6V 0 0 1.4 0.65 x VCCA 0.35 x VCCA VCCA VCCA -2 -6 2 6 10 85 ns/V C mA V M ax. 1.6 Units
Electrical Characteristics (VCCB) (Over recommended operating free-air temperature range for VCCB = 3.3V)
Parame te rs IOH = -100A VOH (A to B) IOH = -12mA Te s t Conditions VCCB 3.0V 3.6V 3.0V 3.6V 3.0V 3.6V 3.0V IOL = 12mA II IOZ(4) ICC ICC (5) CI CIO Control Inputs VI = VCCB or GND A or B ports VO = VCCB or GND VI = VCCB or GND, IO = 0 One input at VCCB -0.6V, Other inputs at VCCB or GND Control Inputs VI = VCCB or GND A or B ports VO = VCCB or GND 3.6V 3 . 6V 3 . 6V 3.6V 3.0V to 3.6V 3 . 3V 3 . 3V 4. 5 pF 6.5 M in. 2.8 3.4 2.2 2.8 V IOL = 100A VOL (A to B) 0.2 0.2 0.5 0.5 5 10 20 500 A Typ(3) M ax. Units
Notes: 1. Value limited to 4.6V maximum.. 2.To ensure proper device operation, all unused device inputs must be held at the associated VCC or GND. 3. Typical values are measured at VCC = 3.3V, TA = 25C 4. For I/O ports, the parameter IOZ includes the input leakage current. 5. This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than at 0 or the associated VCC.
06-0016
3
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Electrical Characteristics (VCCA) (Over recommended operating free-air temperature range for VCCA = 2.5V)
Parame te rs IOH = -100A VOH (B to A) IOH = -8mA IOH = -12mA IOL = 100A VOL (B to A) IOL = 8mA IOL = 12mA II IOZ(3) ICC ICC(1) CI CIO Control Inputs VI = VCCA or GND A or B ports VO = VCCA or GND VI = VCCA or GND, IO = 0 One input at VCCA -0.6V, Other inputs at VCCA or GND Control Inputs VI = VCCA or GND A or B ports VO = VCCA or GND Te s t Conditions VCCA 2.3V to 2.7V 2.3V 2.7V 2.7 V 2.3V to 2.7V 2.3 V 2.7V 2.7V 2.7V 2.7 V 2.3V to 2.7V 2.5V 2.5V 4.5 pF 6.5 M in. VCC- 0.1 1. 7 2. 0 1.8 0.2 0 .4 0 .5 5 10 30 500 A V Typ.(2) M ax. Units
Electrical Characteristics (VCCA) (Over recommended operating free-air temperature range for VCCA = 1.5V)
Parame te rs IOH = -100A VOH (B to A) IOH = -2mA IOH = -6mA IOL = 100A VOL (B to A) IOL = 2mA IOL = 6mA IOZ(3) ICC ICC(1) CI CIO Control Inputs A or B ports A or B ports VO = VCCA or GND VI = VCCA or GND, IO = 0 One input at VCCA -0.6V, Other inputs at VCCA or GND VI = VCCA or GND VO = VCCA or GND Te s t Conditions VCCA 1.4V to 1.6V 1.4V 1.6V 1.6V 1.4V 1.6V 1.6V 1.6V 1.6V 1.4V to 1.6V 1.5V 1.5V 4.5 pF 6 .5 M in. VCC -0.1 1.1 1.3 1.1 0.2 0.3 0.4 5 20 30 0 V Typ.(2) M ax. Units
Notes: 1. The increase in supply current for each input at one of the specified TTL voltage levels rather than at the associated VCC. 2. Typical values are measured at VCC = 2.5V or 1.5V, TA = 25C 3. For I/O ports, the parameter IOZ includes the input leakage current.
06-0016
4
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Switching Characteristics
(Over recommended operating free-air temperature range, CL = 30pF (unless otherwise noted), see Figures 1, 2, 3
PI74AVC164245LA VCCB = 3.3V 0.3V From (Input) A tP D tEN tDIS tEN tDIS tsk(o)(1) tsk(b)(1) B OE OE OE OE To (Output) B A B B A A VCCA = 1.5V 0.10V M in. M a x. VCCA = 2.5V 0.2V M in. 1.0 1.0 1.2 1.0 1.2 1.5 M a x. 3 .0 2 .8 3 .5 3 .5 3 .5 3 .5 0.3 0.25 ns Units
Parame te r
1.0 1.0 1.7 1.5 1.7 2.0
3.5 3.5
4.5 4.5 4.5 4.5
Note: 1. This is the skew between any two outputs of the same package, and switching in the same direction. For tsk(o), Output 1 and Output 2 are any two outputs. For tsk(b), Output 1 and Output 2 are in the same bank. These parameters are warrented but not production tested.
Operating Characteristics, TA = 25C
Te s t Conditions Outputs Enabled (A or B) CL = 30pF, F = 10 MHz VCCA = 2.5V VCCB = 3.3V Typical 56 6 Units pF
Parame te rs CPD Power Dissipation Capacitance
06-0016
5
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Parameter Measurement Information, VCCA = 1.5V 0.10V
From Output Under Test CL = 30pF
VIN
1000
2 x VCC Open GND
Te s t tPD tPLZ/tPZL tPHZ/tPZH
S1 Open 2 x VCC GND
1000
Load Circuit
Output Control (low-level enabling) 3.0V Input 1.5V 1.5V 0V tPLH Output 0.75V tPHL VOH 0.75V VOL Output Waveform 2 S1 at GND tPZH tPHZ 0.75V Output tPZL Waveform 1 S1 at 6V 3.0V 1.5V 1.5V tPLZ 0.75V 0V 1.5V
VOL+0.10V VOL VOH VOH -0.10V 0V
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Figure 1. Load Circuit and Voltage Waveforms Notes: * CL includes probe and jig capacitance. * Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. * All input pulses are supplied by generators having the following characteristics: PRR 10Mz, ZO = 50, tR 2.5ns, tF 2.5ns. * The outputs are measured one at a time with one transition per measurement. * tPLZ and tPHZ are the same as tDIS. * tPZL and tPZH are the same as tEN. * tPLH and tPHL are the same as tPD.
06-0016
6
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Parameter Measurement Information, VCCA = 2.5V 0.2V
From Output Under Test CL = 30pF
VIN
500
2 x VCC Open GND
Te s t tPD tPLZ/tPZL tPHZ/tPZH
S1 Open 2 x VCC GND
500
Load Circuit
Output Control (low-level enabling) 3.0V Input 1.5V 1.5V 0V tPLH Output 1.25V tPHL VOH 1.25V VOL Output Waveform 2 S1 at GND tPZH tPHZ 1.25V VOH VOH -0.2V 0V Output tPZL Waveform 1 S1 at 6V 3.0V 1.5V 1.5V tPLZ 1.25V 0V 2.5V VOL+0.2V VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Figure 2. Load Circuit and Voltage Waveforms Notes: * CL includes probe and jig capacitance. * Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. * All input pulses are supplied by generators having the following characteristics: PRR 10Mz, ZO = 50, tR 2.5ns, tF 2.5ns. * The outputs are measured one at a time with one transition per measurement. * tPLZ and tPHZ are the same as tDIS. * tPZL and tPZH are the same as tEN. * tPLH and tPHL are the same as tPD.
06-0016
7
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Parameter Measurement Information, VCCB = 3.3V 0.3V
From Output Under Test CL = 30pF
VIN
500
S1
6V Open GND
Te s t tPD tPLZ/tPZL tPHZ/tPZH
S1 Open 6V GND
500
Load Circuit
Output Control (low-level enabling) VCCA Input VCCA/2 VCCA/2 0V tPLH Output 1.5V tPHL VOH 1.5V VOL Output Waveform 2 S1 at GND tPZH tPHZ 1.5V Output tPZL Waveform 1 S1 2 x VCCB 3V 1.5V 1.5V tPLZ 1.5V 0V 3V VOL+0.3V VOL VOH VOH -0.3V 0V
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Figure 3. Load Circuit and Voltage Waveforms Notes: * CL includes probe and jig capacitance. * Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. * All input pulses are supplied by generators having the following characteristics: PRR 10Mz, ZO = 50, tR 2.5ns, tF 2.5ns. * The outputs are measured one at a time with one transition per measurement. * tPLZ and tPHZ are the same as tDIS. * tPZL and tPZH are the same as tEN. * tPLH and tPHL are the same as tPD.
06-0016
8
PS8600B
02/09/06
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Packaging Mechanical: 48-Pin TSSOP (A)
48
.236 .244
6.0 6.2
1
.488 12.4 .496 12.6 .047 1.20 Max SEATING PLANE
.004 0.09 .008 0.20 0.45 .018 0.75 .030 .319 BSC 8.1
X.XX X.XX
DENOTES DIMENSIONS IN MILLIMETERS
.0197 BSC 0.50
.007 .010 0.17 0.27
.002 .006 0.05 0.15
06-0016
9
PS8600B
02/09/06
Ordering Information
Ordering Code PI74AVC164245LAA PI74AVC164245LAAE PI74AVC164245LAK PI74AVC164245LAKE Package Code A A K K Speed Grade A A A A Package Description 48-pin, 240-mil wide plastic TSSOP Pb-free & Green, 48-pin, 240-mil wide plastic TSSOP 48-pin, 173-mil wide plastic TVSOP Pb-free & Green, 48-pin, 173-mil wide plastic TVSOP
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74AVC164245LA 16-Bit 1.5-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
Packaging Mechanical: 48-Pin TVSOP (K)
48
.169 .177
4.30 4.50 .0035 .008 0.09 0.20
1
.378 9.60 .386 9.80
.031 .041 0.80 1.05
0.45 .018 0.75 .030 .252 BSC 6.4 SEATING PLANE
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
.016 BSC 0.40
.0051 .009 0.13 0.23
.002 .006 0.05 0.15
Max. .047 1.20
Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com
06-0016
10
PS8600B
02/09/06


▲Up To Search▲   

 
Price & Availability of PI74AVC164245LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X