Part Number Hot Search : 
AN8746 OP279 BDX53B FN1053 LM7808CT LM7808CT FN1053 BPC3502
Product Description
Full Text Search
 

To Download PG781 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT Coils < Pin Type: PG Series>
Type: PG78 /FM, PG78/AM, PG78/SW, PG78/MW
Product Description
7.6x7.6mm Max.(LxW), 8.7mm Max. Height. Operating frequency:20MHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements.
Feature
Variable shielded type. FM,AM,SW,MW types are available. Internally assembled condenser is available. Ideally used in Radio (FM, AM,SW,MW),TV. Transceiver RoHS Compliance
Dimensions (mm)
1.00.15
3.50.3
7.5
+0.1 0.5-0.05
4.50.15
8.20.5
0.5 3.0
4.50.15 7.30.3
Dimension does not include solder used on coil. Pin pitch shall be measured at the root of terminal. Dimension without tolerance are approx. Connection (Bottom View)
S

S
S S


S
S
S
PG78/FM "S" is winding start
PG78/AM
PG78/SW
PG78/MW
Please refer to the sales offices on our website for a representative near you www.sumida.com
7.30.3
S
1/2
IFT Coils < Pin Type: PG Series>
Type: PG78 /FM, PG78/AM, PG78/SW, PG78/MW
Specification (PG78/FM) (Part No. 2176-T060)
(1-3) Using frequency Unloaded Qu Capacity (Int.)
. Min.
Measuring Condition Variable
.
Ext stray capacity 0pF between (1-3) at measuring.
Specification (PG78/AM) (Part No. S0975881)
Item Frequency Unloaded Qu Capacity (INT.)
(1-3) 455kHz2% Variable 50 Min. 180pF10%
Measuring Conditions 455kHz
Specification (PG78/SW) (Part No. 2178-T044)
Item Inductance Unloaded Qu
(1-3) 110H 4% Variable 40 Min.
Measuring Conditions 2.52MHz 2.52MHz
Specification (P-7GB/MW) (Part No. 2177-T074)
Item Inductance Unloaded Qu
(1-3)
400 5 55 Variable
Measuring Condition KHz KHz
Min.
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of PG781

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X