Part Number Hot Search : 
M57924 AN8028 VSKU105 10C80 TSOP6138 1N6278A E100E 16ST6125
Product Description
Full Text Search
 

To Download P75N02LTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LTG
TO-220 Lead-Free
D
PRODUCT SUMMARY V(BR)DSS 25 RDS(ON) 5m[ ID 75A 1. GATE 2. DRAIN 3. SOURCE
G S
ABSOLUTE MAXIMUM RATINGS (TC = 25 C Unless Otherwise Noted) PARAMETERS/TEST CONDITIONS Gate-Source Voltage Continuous Drain Current Pulsed Drain Current 1 Avalanche Current Avalanche Energy Repetitive Avalanche Energy 2 Power Dissipation L = 0.1mH L = 0.05mH TC = 25 C TC = 100 C Operating Junction & Storage Temperature Range Lead Temperature ( /16" from case for 10 sec.) THERMAL RESISTANCE RATINGS THERMAL RESISTANCE Junction-to-Case Junction-to-Ambient Case-to-Heatsink
1 2 1
SYMBOL VGS
LIMITS 20 75 50
UNITS V
TC = 25 C TC = 100 C
ID IDM IAR EAS EAR PD Tj, Tstg TL
A
170 60 140 5.6 60 32.75 -55 to 150 275 C W mJ
SYMBOL RJC RJA RCS
TYPICAL
MAXIMUM 2.3 62.5
UNITS
C / W
0.6
Pulse width limited by maximum junction temperature. Duty cycle 1H
ELECTRICAL CHARACTERISTICS (TC = 25 C, Unless Otherwise Noted) PARAMETER SYMBOL TEST CONDITIONS STATIC Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current V(BR)DSS VGS(th) IGSS IDSS VGS = 0V, ID = 250A VDS = VGS, ID = 250A VDS = 0V, VGS = 20V VDS = 20V, VGS = 0V VDS = 20V, VGS = 0V, TJ = 125 C 25 1 1.5 3 250 25 250 nA A V LIMITS UNIT MIN TYP MAX
1
Sep-09-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LTG
TO-220 Lead-Free
On-State Drain Current 1 Drain-Source On-State Resistance1 Forward Transconductance1
ID(ON) RDS(ON) gfs
VDS = 10V, VGS = 10V VGS = 10V, ID = 30A VGS = 7V, ID = 24A VDS = 15V, ID = 30A DYNAMIC
70 5 6 16 7 8
A m[ S
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
2 2
Ciss Coss Crss Qg Qgs Qgd
2
5000 VGS = 0V, VDS = 15V, f = 1MHz 1800 800 140 VDS = 0.5V (BR)DSS, VGS = 10V, ID = 35A 40 75 7 VDS = 15V, RL = 1[ ID 30A, VGS = 10V, RGS = 2.5[ 7 24 6 nS nC pF
Gate-Source Charge Gate-Drain Charge2 Turn-On Delay Time Rise Time
2
td(on) tr td(off) tf
Turn-Off Delay Time2 Fall Time2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 C) Continuous Current Pulsed Current 3 Forward Voltage1 Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge
1 2
IS ISM VSD trr IRM(REC) Qrr IF = IS, dlF/dt = 100A / S IF = IS, VGS = 0V 37 200 0.043
75 170 1.3
A V nS A C
Pulse test : Pulse Width 300 sec, Duty Cycle 2H. Independent of operating temperature. 3 Pulse width limited by maximum junction temperature. REMARK: THE PRODUCT MARKED WITH "P75N02LTG", DATE CODE or LOT # Orders for parts with Lead-Free plating can be placed using the PXXXXXXXG parts name
2
Sep-09-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LTG
TO-220 Lead-Free
TO-220 (3-Lead) MECHANICAL DATA
mm Dimension Min. A B C D E F G 28.5 14.6 8.4 0.72 9.78 2.61 Typ. 10.16 2.74 20 28.9 15.0 8.8 0.8 29.3 15.4 9.2 0.88 Max. 10.54 2.87 H I J K L M N Dimension Min. 2.4 1.19 4.4 1.14 2.3 0.26 Typ. 2.54 1.27 4.6 1.27 2.6 0.46 7 Max. 2.68 1.35 4.8 1.4 2.9 0.66 mm
J A B K
C
I
D
1
2
3
F
E
H
L G M
3
Sep-09-2004


▲Up To Search▲   

 
Price & Availability of P75N02LTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X