Part Number Hot Search : 
C3115 2SD1910 OC18E12A 1415920 MB1005 D7201 18030 371903
Product Description
Full Text Search
 

To Download P600G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P600A thru P600M
PLASTIC SILICON RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 6.0 Amperes R-6
FEATURES
Low cost Diffused junction Low forward voltage drop Low reverse leakage current High current capability The plastic material carries UL recognition 94V-0
1.0(25.4) MIN
.052(1.3) DIA .048(1.2)
.360(9.1) .340(8.6)
2100
.360(9.1) DIA .340(8.6)
MECHANICAL DATA
Case: JEDEC R-6 molded plastic Polarity: Color band denotes cathode Weight: 0.07 ounces , 2.1 grams Mounting position: Any
1.0(25.4) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Maximum Forward Voltage at 6.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @TJ=25 @TJ=100 @TA =60
SYMBOL VRRM VRMS VDC I(AV)
P600A 50 35 50
P600B 100 70 100
P600D 200 140 200
P600G 400 280 400 6.0
P600J 600 420 600
P600K 800 560 800
P600M 1000 700 1000
UNIT V V V A
IFSM VF IR CJ RJA TJ TSTG
400 0.95 10 100 100 10 -55 to +125 -55 to +150
A V uA pF /W
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance junction of lead.
~ 17 ~
RATING AND CHARACTERTIC CURVES P600A thru P600M
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT AMPERES 6.0 AVERAGE FORWARD CURRENT AMPERES 5.0 4.0 3.0 2.0 1.0 0 20 40 60 80 100 120 140
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 400
PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD)
300
200
100
0 1 2 5 10 20 50 100
AMBIENT TEMPERATURE
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT,(A) 100
FIG.4-TYPICAL FORWARD CHARACTERISTICS
CAPACITANCE, (pF)
10 TJ = 25C
100
1.0
TJ = 25C f = 1 MHZ
PULSE WIDTH 300us
10 0.1 1 4 10 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE,VOLTS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~ 18 ~


▲Up To Search▲   

 
Price & Availability of P600G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X