Part Number Hot Search : 
B80N0 SMARTI 5ETTT 322125 MC9S12 AS1538 R30R160 LNK302P
Product Description
Full Text Search
 

To Download P-7LCFM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT COILS< Pin Type:P-7 Series>
Type: P-7LC/FM, P-7LC/AM, P-7LC/MW, P-7LC/SW
*Y
Product Description
*E *E *E *E 5.9A 5.9mm Max.(LA W), 6.5mm Max. Height. Inductance:1~820E H Max. Operating frequency:20MHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements
*Y
Feature
*E *E *E *E *E
*Y
Variable shielded type. AM, FM,MW,SW types are available. Internally assembled condenser is available. Ideally used in Radio (AM,FM,MW,SW),TV. Transceiver RoHS Compliance
Dimensions (mm)
3.3 * } 0 .3 1.3 * } 0 .15
8.0
ST A
+ 0 .1 O 0 .5-0.05
4.5 * } 0 .15 4.5 * } 0.1 5
7.8 * } 0 .3
MAX . 8.0
3.0 * } 0 .5
*- *- *-
Dimension does not include solder used on coil. Pin pitch shall be measured at the root of terminal. Dimension without tolerance are approx.
*Y
Connection (Bottom View)
B A C S
S B
C A
7. 8 * } 0 . 3
S B
A
C
B A
C
S
@
E
@
E
@
E
@
E
P-7LC/FM "S" is winding start.
P-7LC/AW
P-7LC/MW
P-7LC/SW
Please refer to the sales offices on our website for a representative near you www.sumida.com
1/2
IFT COILS< Pin Type:P-7 Series>
Type: P-7LC/FM, P-7LC/AM, P-7LC/MW, P-7LC/SW
*Y
Specification (P-7LC/FM) (Part No. 2165-T046)
Item
Tuning frequency Unloaded Qu Capacity(Int.) (4-6) 4.5MHz2% Variable 40 Min. 51pF10% Within 4.5MHz Measuring Condition
Ext. stray capacity 4pF between (4-6) at measuring.
*Y
Specification (P-7LC/AM) (Part No. 2164-T030)
Item
Tuning Frequency Unloaded Qu INT. Capacity (1-3) 455kHz2% Variable Min.60 180pF10% 455kHz Measuring Conditions
Ext. stray capacity 0pF between (1-3) at measuring.
*Y
Specification (P-7LC/MW) (Part No. 2166-T033)
Item
Inductance Unloaded Qu 270E (1-3) H 3% Variable 60 Min. Measuring Conditions 796kHz 796kHz
*Y
Specification (P-7LC/SW) (Part No. 2167-T015)
Item
Inductance Unloaded Qu 32E (4-6) H 1% Variable 40 Min. Measuring Conditions 2.52MHz 2.52MHz
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of P-7LCFM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X