Part Number Hot Search : 
IPB180 SPEAR LC100 P4SMA13A 0924DH LDA211S P4KE15 40160
Product Description
Full Text Search
 

To Download P-5LGMW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT COILS < Pin Type: P-5 Series>
Type: P-5LG/FM, P-5LG/AM, P-5LG/MW, P-5LG/SW
Product Description
*Y
*E 6.0A
5.9mm Max.(LA
W), 6.5mm Max. Height.
*E Inductance:1~680H Max. *E Operating frequency:20MHz Max. *E In addition to the reference versions of parameters shown here,custom designs are available to meet your exact requirements.
*Y
Feature
*E Variable shielded types. *E FM,AM,MW,SW types are available. *E Internally assembled condenser is available. *E Ideally used in Radio (FM,AM,MW,SW),TV. Transceiver *E RoHS Compliance
*Y
Dimensions (mm)
.}.2 2 0* 8
.1 0{*
.0 6
..5 1 0 |* 0 .4 0
..5 0 O 40 | * 0
.1 0 {*
.5*.5 3 0} 1
(Color:Wite) h
.5 6
MAX .
..4 2 }* 0 6
.5*.5 3 0} 1 5.8}.3 0*
*- *- *- *Y
Dimension does not include solder used on coil. Pin pitch shall be measured at the root of terminal. Dimension without tolerance are approx.
Connection (Bottom View)
S B A @ ES C
B A C
S
B A S @
C
S
B A S @
C
S @
E
E
E
P-5LG/FM "S" is winding start *Y
P-5LG/AM
P-5LG/MW
P-5LC/SW
Specification (P-5LG/FM) (Part No. 4176-T051)
Please refer to the sales offices on our website for a representative near you www.sumida.com
5.8.3 0 }*
1/1
IFT COILS < Pin Type: P-5 Series>
Type: P-5LG/FM, P-5LG/AM, P-5LG/MW, P-5LG/SW
Item Tuning Capacity Unloaded Q Inductance
(4-6) 65pF4% Variable
Measuring Condition 10.7MHz 10.7MHz
Min. 55 3.4H (Ref.)
*Y
Specification (P-5LG/AM) (Part No. 4175-T083)
Item Frequency Capacity (Int.) Unloaded Q (1-3) 455kHz2% Variable Measuring Condition
180pF10% 45 Min 455kHz
Ext. stray capacity 0pF between (1-3) at measuring.
*Y
Specification (P-5LG/MW) (Part No. 4177-T039)
Item Inductance Unloaded Q 125E (1-3) H 4% Variable Min. 50 Measuring Condition 796kHz 796kHz
*Y
Specification (P-5LG/SW) (Part No. S1325005)
Item Inductance Unloaded Q Using Frequency: 4MHz 5 E (1-4) H 4% Variable Measuring Condition 7.96MHz 7.96MHz
Min. 55
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of P-5LGMW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X