|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IFT COILS< Pin Type: P-4 Series> Type: P-4SB/AM,P-4SB/FM Product Description 5.1x5.1mm Max.(LxW), 4.5mm Max. Height. Inductance:680H Max., reference unloaded Q:65 Operating frequency:25MHz Max. In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements. Feature Variable shielded type. Ideally used in Radio (AM, FM),TV. Transceiver RoHS Compliance Dimensions (mm) +0.1 0.7-0.05 +0.1 0.4-0.0 5 5 .0 3.00.15 MAX.4. 5 2.50.4 3.00.15 4.80.3 Dimension does not include solder used on coil. Pin pitch shall be measured at the root of terminal. Dimension without tolerance are approx. Connection (Bottom View) 3 2 S 1 6 4 Specification P-4SB/AM Item Inductance Measuring Condition 796KHz 640H 6% Variable 55 Min. P-4SB/FM (1-3) Measuring Condition 7.96MHz 2.0H 4% Variable 55 Min. "S" is winding start Unloaded Q Please refer to the sales offices on our website for a representative near you www.sumida.com 4.80.3 1/1 |
Price & Availability of P-4SBFM |