Part Number Hot Search : 
SRW9U 30201103 CL1100 01VXC SP207CT 2SK354 30009 2SK354
Product Description
Full Text Search
 

To Download MUR12060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR12060
Ultra Fast Recovery Diodes
Dimensions TO-247AC A C(TAB) C A=Anode, C=Cathode, TAB=Cathode A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
MUR12060
VRSM V 600
VRRM V 600
Symbol IFRMS IFAVM IFAV IFRM
Test Conditions TVJ=TVJM TC=70oC; rectangular, d=0.5 TC=110oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 126 77 tbd 600 660 540 600 1800 1800 1450 1500 -40...+150 150 -40...+150
Unit
A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
357 0.8...1.2 6
W Nm g
MUR12060
Ultra Fast Recovery Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=70A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 3 0.75 20 1.12 1.3 0.85 3.5 0.35 0.25 35
Unit
IR
mA
VF VTO rT RthJC RthCK RthJA trr IRM
V V m K/W
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=350V; IF=80A; -diF/dt=200A/us; L<0.05uH; TVJ=100 C
o
35 17
50 21
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
MUR12060
Ultra Fast Recovery Diodes
150 A 125 IF Qr 100
TVJ=150C
7 T = 100C uC VJ V = 300V 6R 5 4 3
IF=140A IF= 70A IF= 35A
80 A TVJ= 100C 70 VR = 300V IRM 60 50 40
IF=140A IF= 70A IF= 35A
75
TVJ=100C
50 2 25
TVJ=25C
30 20 10 0 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt
1 0 100
0 0.0
0.5
1.0 V VF
1.5
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
240 ns
TVJ= 100C VR = 300V
Fig. 3 Peak reverse current IRM versus -diF/dt
60 V 50 VFR 40
tfr VFR
1.4
1.2 Kf 1.0
Qr
220 trr 200
IF=140A IF= 70A IF= 35A
3.0 TVJ= 100C IF = 100A us 2.5 tfr 2.0 1.5 1.0 0.5 0.0 1000 A/us
180
30 20 10
0.8
IRM
160
0.6 140 0.4 0 50 100 TVJ C 150 0 200 400 600 A/us 1000 800 -diF/dt
0 0 200 400 600 800 diF/dt
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
1 K/W
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i Rthi (K/W) 0.017 0.0184 0.1296 0.185 ti (s) 0.00038 0.0026 0.0387 0.274
D=0.7 0.5
ZthJC 0.1
0.3 0.2 0.01 0.05 Single Pulse
1 2 3 4
0.01 0.001
0.01
0.1
1s
10 t
Fig. 7 Transient thermal resistance junction to case at various duty cycles


▲Up To Search▲   

 
Price & Availability of MUR12060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X