Part Number Hot Search : 
FPD6836 P003H BGD902 5HN02M C8015 12003 SH223SV CM1895
Product Description
Full Text Search
 

To Download MMST2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
FEATURES
Epitaxial planar die construction. Complements the MMST2907A. Ultra-small surface mount package.
Production specification
MMST2222A
Pb
Lead-free
APPLICATIONS
NPN Silicon Epitaxial Planar Transistor. SOT-323
ORDERING INFORMATION
Type No. MMST2222A Marking K3P
Package Code SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC Tj,Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Collector Dissipation Junction and Storage Temperature Value 75 40 6 600 200 -55~150 Units V V V mA mW
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTF006 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
Parameter Symbol Test conditions
Production specification
MMST2222A
MIN TYP MAX UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10A,IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
B
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10A,IC=0
6
V
Collector cut-off current
ICBO
VCB=60V,IE=0
10
nA
Emitter cut-off current
IEBO
VEB=3V,IC=0 VCE=10V,IC=0.1mA VCE=10V,IC=1mA 35 50 75 100 40 300 -
10
nA
DC current gain
hFE
VCE=10V,IC=10mA VCE=10V,IC=150mA VCE=10V,IC=500mA
Collector-emitter saturation voltage
VCE(sat)
ICE=500mA,IB=50mA ICE=150mA,IB=15mA
B B
0.3 1.0 0.6 300 8 1.2 2.0
V
Base-emitter saturation voltage Transition frequency Collector output capacitance
VBE(sat) fT Cob
ICE=500mA,IB=50mA ICE=150mA,IB=15mA
B B
V MHz pF
VCE=20V, IC= 20mA,f=100MHz VCB=10V,IE=0,f=1MHz
Document number: BL/SSSTF006 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Silicon Epitaxial Planar Transistor
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
MMST2222A
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE
Device MMST2222A
INFORMATION
Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSTF006 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMST2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X