Part Number Hot Search : 
MAX17047 04001 UPD16716 PM100 67F075 04001 AB01B MBRB1
Product Description
Full Text Search
 

To Download MMBTA05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
NPN General Purpose Transistor
FEATURES
Epitaxial planar die construction. Complementary PNP type available (MMBTA55/MMBTA56). Also available in lead free version.
Production specification
MMBTA05/MMBTA06
Pb
Lead-free
APPLICATIONS
Ideal for medium power amplification and switching SOT-23
ORDERING INFORMATION
Type No. MMBTA05 MMBTA06 Marking 1H 1GM Package Code SOT-23 SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PC RJA Tj ,Tstg Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) Collector dissipation Thermal Resistance, Junction to Ambient junction and storage temperature MMBTA05 MMBTA06 MMBTA05 MMBTA06 Value 60 80 60 80 4 0.5 0.35 357 -55-150 UNIT V V V A W C/W C
Document number: BL/SSSTC119 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
NPN General Purpose Transistor
Symbol V(BR)CBO Parameter Collector-base breakdown voltage MMBTA05 MMBTA06 Collector-emitter breakdown voltage MMBTA05 MMBTA06 Emitter-base breakdown voltage collector cut-off current collector cut-off current MMBTA05 MMBTA06 MMBTA05 MMBTA06 Test
Production specification
MMBTA05/MMBTA06
conditions MIN. 60 80 60 80 4 100 100 0.1 0.1 0.25 V MHz MAX. UNIT V
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
IC=100A,IE=0
V(BR)CEO V(BR)EBO ICBO ICEO hFE VCE(sat) fT
IC=1.0mA,IB=0
B
V V A A
IE=100A,IC=0 IE = 0; VCB = 60V IE = 0; VCB = 80V IE = 0; VCE = 60V IE = 0; VCE = 80V VCE = 1V; IC= 10mA VCE = 1V;IC = 100mA IC = 100mA; IB = 10mA
B
DC current gain collector-emitter saturation voltage transition frequency
IC = 10mA; VCE = 2.0V; f = 100MHz
PACKAGE OUTLINE
Plastic surface mounted package
A E
SOT-23
SOT-23
Dim A B C D
J
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
E G H
H C
J K
0.1Typical
All Dimensions in mm
Document number: BL/SSSTC119 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
NPN General Purpose Transistor
SOLDERING FOOTPRINT
Production specification
MMBTA05/MMBTA06
Unit : mm
PACKAGE
Device
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
MMBTA05/MMBTA06
Document number: BL/SSSTC119 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBTA05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X