Part Number Hot Search : 
ML4869 MC56F8 RN2422 PU160 12N60A4 IRFB4 SD103C MMSZ5235
Product Description
Full Text Search
 

To Download MMBT2907A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
PNP General Purpose Amplifier
FEATURES
Epitaxial planar die construction. Complementary NPN type available MMBT2222A. Ideal for medium power amplification and switching.
Production specification
MMBT2907A
Pb
Lead-free
APPLICATIONS
This device is designed as a general purpose amplifier and switching. The useful dynamic range extends to 600mA as a switch and to 100MHz as a amplifier. SOT-23
ORDERING INFORMATION
Type No. MMBT2907A Marking 2F Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCBO VCEO VEBO IC PD RjA Tj,Tstg Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current -Continuous Total Device Dissipation Thermal Resistance Junction to Ambient Junction and Storage Temperature Value -60 -60 -5 -600 300 375 -55to+150 Unit V V V mA mW /W
These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Document number: BL/SSSTC072 Rev.A www.galaxycn.com 1
BL Galaxy Electrical
PNP General Purpose Amplifier
ELECTRICAL CHARACTERISTICS @ Ta=25
Parameter Collector-base breakdown voltage Symbol V(BR)CBO Test conditions IC=-10A IE=0
Production specification
MMBT2907A
unless otherwise specified MIN -60 TYP MAX UNIT V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA IB=0
B
-60
V
Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency
V(BR)EBO ICBO ICEO IEBO hFE VCE(sat) VBE(sat) fT
IE=-10A IC=0 VCB=-50V IE=0 VCE=-3V VCE=-3V IB=0
B
-5 -0.1 -0.1 -0.1 100 50 300 -1 -2
V A A A
IC=0
VCE=-10V IC=-150mA VCE=-10V IC=-1mA IC=-500mA IB=-50mA
B
V V MHz
IC=-500mA IB=-50mA
B
VCE=-20V f=100MHz
IC=-50mA 200
Delay time Rise time Storage time Fall time
td tr ts tf
VCE=-30V, IC=-150mA, IB1= -IB2=-15mA VCE=-6V, IC=-150mA IB1=-IB2=-15mA
10 40 80 30
ns ns ns ns
Document number: BL/SSSTC072 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
PNP General Purpose Amplifier
Production specification
MMBT2907A
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSTC072 Rev.A
www.galaxycn.com 3
BL Galaxy Electrical
PNP General Purpose Amplifier
PACKAGE OUTLINE
Plastic surface mounted package
A E
Production specification
MMBT2907A
SOT-23
SOT-23
Dim A B C D Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35 Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
J
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE
Device MMBT2907A
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSTC072 Rev.A
www.galaxycn.com 4


▲Up To Search▲   

 
Price & Availability of MMBT2907A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X