Part Number Hot Search : 
Y7C13 08U0M LT1ZR95A SF2116D 7302B KSC5021 03DRL CY8C20
Product Description
Full Text Search
 

To Download MMBD4148A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface mount switching diode FEATURES
Fast switching speed. High conductance.
Production specification
MMBD4148A/CA/CC/SE
Pb
Lead-free MMBD4148A MMBD4148CA
For general purpose switching applications. Surface mount package ideally suited for automatic insertion.
APPLICATIONS
Small signal switching
MMBD4148CC
MMBD4148SE
ORDERING INFORMATION
Type No. MMBD4148A MMBD4148CA MMBD4148CC MMBD4148SE Marking 5H D6 D5 D4
SOT-23
Package Code SOT-23 SOT-23 SOT-23 SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Reverse Voltage Symbol VRRM VRWM VR Limits 100 Unit V
Forward Continuous Current Power Dissipation Storage temperature
IFM Pd TSTG
200 350 -55-150
mA mW
Document number: BL/SSSDC068 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface mount switching diode
Production specification
MMBD4148A/CA/CC/SE
unless otherwise specified Max. Unit V V 1 25 5 4 4 V nA A pF ns Conditions IR=100A IR=5A IF=10mA VR=25V VR=75V VR=0V,f=1MHz IF=10mA,VR=6V Irr=0.1*IR,RL=100
ELECTRICAL CHARACTERISTICS @ Ta=25
Parameter Reverse Breakdown Voltage Forward voltage Reverse current Diode Capacitance Reverse Recovery Time Symbol V(BR)R1 V(BR)R2 VF IR1 IR2 CD trr Min. 100 75 Typ.
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDC068 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface mount switching diode PACKAGE OUTLINE
Plastic surface mounted package
Production specification
MMBD4148A/CA/CC/SE
SOT-23
SOT-23
A E
Dim A B C D E G
G
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D
J
H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device MMBD4148A/CA/CC/SE Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSDC068 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBD4148A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X