Part Number Hot Search : 
C144E CAT4002A CS439204 7805S LM148 Q8040K7 3N212 TDA7460N
Product Description
Full Text Search
 

To Download MMBD4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface mount switching diode FEATURES
Fast switching speed. High conductance.
Production specification
MMBD4148
Pb
Lead-free
For general purpose switching applications. Surface mount package ideally suited for automatic insertion.
APPLICATIONS
Small signal switching SOT-23
ORDERING INFORMATION
Type No. MMBD4148 Marking KA2
Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter Peak Repetitive Peak reverse voltage Working Peak Reverse Voltage DC Reverse Voltage Symbol VRRM VRWM VR Limits 75 Unit V
Non-repetitive peak reverse voltage RMS Reverse voltage Forward Continuous Current Power Dissipation Storage temperature
VRM VR(RMS) IFM Pd TSTG
100 53 300 350 -65-150
V V mA mW
Document number: BL/SSSDC120 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface mount switching diode
Production specification
MMBD4148
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Reverse breakdown voltage Symbol VR(BR) Min. 75 Typ. Max. Unit Conditions IR=100A
Maximum Forward voltage
VFM
0.715 0.855 1.0 1.25 2.5 25 2 4
V
IF=1.0mA IF=10mA IF=50mA IF=150mA VR=75V VR=20V VR=0V,f=1MHz IF=IR=10mA,Irr=0.1*IR,RL =100
Reverse current Diode Capacitance Reverse Recovery Time
IR1 IR2 CD trr
A nA pF ns
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSDC120 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface mount switching diode PACKAGE OUTLINE
Plastic surface mounted package
Production specification
MMBD4148
SOT-23
SOT-23
A E
Dim A B C D E G
G
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D
J
H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device MMBD4148 Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSSDC120 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of MMBD4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X