Part Number Hot Search : 
ES51928 DM7438 UTC2206B 14S121K PH97005 CLR130 FJB102 TFS170D
Product Description
Full Text Search
 

To Download MBRF7100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF735 THRU MBRF7100
Isolation 7.5 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts Current 7.5 Amperes
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
.185(4.7) .173(4.4) .124(3.16) .118(3.00)
ITO-220AC
.406(10.3) .390(9.90) .13 4(3. 4)D IA . 11 3(3. 0)D IA . 112 (2. 85) . 100 (2.5 5)
.2 72( 6. 9) .2 48( 6. 3)
. 606(1 5.5 ) . 583(1 4.8 )
.0 63 (1 .6 ) MA X
.161(4.1)
Mechanical Data
Cases: ITO-220AC molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
.146(3.7)
.110( 2.8) .0 98(2 .5)
. 071 (1. 8) MA X
. 543( 13. 8) . 512( 13. 2)
2
PIN 1 PIN 2 Case Positive
. 10 0( 2 . 55)
. 100 (2.5 5)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF MBRF MBRF MBRF MBRF MBRF Units Type Number 735 745 750 760 790 7100 V Maximum Recurrent Peak Reverse Voltage VRRM 35 45 50 60 90 100 V Maximum RMS Voltage VRMS 24 31 35 42 63 70 V Maximum DC Blocking Voltage VDC 35 45 50 60 90 100 Maximum Average Forward Rectified Current I(AV) 7.5 A See Fig. 1
Peak Repetitive Forward Current (Square Wave, 20KHz) at Tc=105oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=7.5A,Tc=25 IF=7.5A,Tc=125 IF=15A,Tc=25 IF=15A,Tc=125 Maximum Instantaneous Reverse Current @ Tc =25 at Rated DC Blocking Voltage (Note 1) @ Tc=125 Voltage Rate of Change (Rated VR) Maximum Thermal Resistance, (Note 3) Typical Junction Capacitance Operating Junction Temperature Range
IFRM IFSM IRRM VF IR dV/dt
RJC Cj TJ TSTG
350 1.0
- 0.57 0.84 0.72
15.0 150 0.5
0.75 0.65 - -0.92 0.82 - --
A A A
V mA mA V/uS /W pF
0.1 15.0
0.5 1,000 10,000 7.0 280 -65 to +150 -65 to +175
0.1 -
200
Storage Temperature Range Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25in Al-plate.
- 110 -
RATINGS AND CHARACTERISTIC CURVES (MBRF735 THRU MBRF7100)
FIG.1- FORWARD CURRENT DERATING CURVE
10 175 RESISTIVE OR INDUCTIVE LOAD 8
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
150
125 100
6
4
75
2 MBRF735-MBRF745 MBRF750-MBRF7100 0 0 50 CASE TEMPERATURE. ( C)
o
50
25 100 150 1 10 NUMBER OF CYCLES AT 60Hz 100
40
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.4- TYPICAL REVERSE CHARACTERISTICS
50 MBRF735-MBRF745 MBRF750-MBRF7100
INSTANTANEOUS FORWARD CURRENT. (A)
10
Tj=125 0C
10
INSTANTANEOUS REVERSE CURRENT. (mA)
Pulse Width=300 s 1% Duty Cycle 1 Tj=25 0C
Tj=125 0C 1
0.1
Tj=75 0C
0.1 MBRF735-MBRF745 MBRF750-MBRF760 MBRF790-MBRF7100
0.01
Tj=25 0C 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 0.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
4,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
100
1,000
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
JUNCTION CAPACITANCE.(pF)
10
1
100 MBRF735-MBRF745 MBRF750-MBRF760 MBRF790-MBRF7100 0.1 1.0 10 REVERSE VOLTAGE. (V)
40
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
- 111 -


▲Up To Search▲   

 
Price & Availability of MBRF7100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X