Part Number Hot Search : 
3000TR LJSA2N2M 3080E CMPTA29 CY2278A DTDU0 FDMS8 035PT
Product Description
Full Text Search
 

To Download MBRF1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1035 THRU MBRF10100
Isolation 10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 35 to 100 Volts Current 10.0 Amperes
Features
.185(4.7)
ITO-220AC
.406(10.3) .390(9.90) .13 4(3. 4)D IA . 11 3(3. 0)D IA . 112 (2. 85) . 100 (2.5 5)
.173(4.4) .124(3.16) .118(3.00)
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
.2 72( 6. 9) .2 48( 6. 3)
. 606(1 5.5 ) . 583(1 4.8 )
.0 63 (1 .6 ) MA X
.161(4.1) .146(3.7)
Mechanical Data
Cases: ITO-220AC molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
.110( 2.8) .0 98(2 .5)
. 071 (1. 8) MA X
. 543( 13. 8) . 512( 13. 2)
2
. 10 0( 2 . 55)
. 100 (2.5 5)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF MBRF MBRF MBRF MBRF MBRF Units Type Number 1035 1045 1050 1060 1090 10100 Maximum Recurrent Peak Reverse Voltage V VRRM 35 45 50 60 90 100 Maximum RMS Voltage V VRMS 24 31 35 42 63 70 Maximum DC Blocking Voltage V VDC 35 45 50 60 90 100
Maximum Average Forward Rectified Current See Fig. 1 Peak Repetitive Forward Current (Square Wave, 20KHz) at Tc=135oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Voltage Rate of Change (Rated VR) Maximum Instantaneous Forward Voltage at (Note 2) IF=10A, Tc=25OC IF=10A, Tc=125OC IF=20A, Tc=25OC IF=20A, Tc=125OC Maximum Instantaneous Reverse Current @ Tc =25at Rated DC Blocking Voltage (Note 2) @ Tc=125 Typical Junction Capacitance
I(AV) IFRM IFSM IRRM dV/dt VF
1.0
10 20.0 150 0.5 10,000
0.57 0.84 0.72 0.1 15.0 390 300 4.0 -65 to +150 -65 to +175 0.80 0.70 0.95 0.85 0.85 0.71 0.1 6.0 220
A A A A V/uS
V
IR
Cj
mA mA pF /W
Maximum Thermal Resistance, Junction to Case RJC (Note 3) TJ Operating Junction Temperature Range TSTG Storage Temperature Range Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
- 130 -
RATINGS AND CHARACTERISTIC CURVES (MBRF1035 THRU MBRF10100)
FIG.1- FORWARD CURRENT DERATING CURVE
12
175
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD 10
150
8
125 100
6
75 50
4 2 0 0 50 CASE TEMPERATURE. ( C)
o
MBRF1035-MBRF1045 MBRF1050-MBRF10100
25
100 150
0.1
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
40
FIG.4- TYPICAL REVERSE CHARACTERISTICS
50
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=125 0C
10
INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=125 0C
Pulse Width=300 s 1% Duty Cycle
1 Tj=75 0C
1 Tj=25 C
0
0.1
0.1 MBRF1035-MBRF1045 MBRF1050-MBRF1060 MBRF1090-MBRF10100
0.01
Tj=25 0C
MBRF1035-MBRF1045 MBRF1050-MBRF10100 0.01 0 0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V) 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
5,000
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
100
1,000
Tj=25 0C f=1.0MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
100
JUNCTION CAPACITANCE.(pF)
10
500
1
100 0.1
MBRF1035-MBRF1045 MBRF1050-MBRF1060 MBRF1090-MBRF10100 1.0 10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1
10
100
T, PULSE DURATION. (sec)
- 131 -


▲Up To Search▲   

 
Price & Availability of MBRF1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X