Part Number Hot Search : 
MHO11FCD L1104S CXD2424R VC18ZQ AN2823 AE10060 COREAPB NJM8202E
Product Description
Full Text Search
 

To Download MBR25100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
MBR2530CT---MBR25100CT
VOLTAGE RANGE: 30 - 100 V CURRENT: 30 A
SCHOTTKY BARRIER RECTIFIER
High s urge capacity. For us e in low voltage, high frequency inverters , free 111wheeling, and polarity protection applications . Metal s ilicon junction, m ajority carrier conduction. High current capacity, low forward voltage drop. Guard ring for over voltage protection.
TO-220AB
MECHANICAL DATA
Cas e:JEDEC TO-220AB,m olded plas tic body Term inals :Leads, s olderable per MIL-STD-750, 11 Method 2026 Polarity: As m arked Pos ition: Any Weight: 0.08ounce, 2.24 grams
mm
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
MBR MBR MBR MBR MBR MBR MBR MBR UNITS 2530CT 2535CT 2540CT 2545CT 2550CT 2560CT 2580CT 25100CT
Maximum recurrent peak reverse voltage Maximum RMS V oltage Maximum DC blocking voltage Maximum average forw ard total device m rectified current @TC = 130C Peak forw ard surge current 8.3ms single half b sine-w ave superimposed on rated load Maximum forward voltage (Note 1) (IF=15A,TC=25 (I F=15A,TC=125 (IF=30A ,TC=25 (IF=30A,TC=125 Maximum reverse current at rated DC blocking voltage ) ) ) )
V RRM V RMS V DC IF(AV) IFSM
30 21 30
35 25 35
40 28 40
45 32 45 30 150
50 35 50
60 42 60
80 56 80
100 70 100
V V V A A
-
0.75 0.65 1.0
0.85 mA V
VF
0.82 0.73 0.2 40 1.5
@TC =25 @TC =125
IR R JC TJ TSTG
50 /W
Maximum thermal resistance (Note2) Operating junction temperature range Storage temperature range
NOTE: 1. Pulse test:300s pulse width,1% duty cy cle. 2. Thermal resistance from junction to case.
- 55 ---- + 150 - 55 ---- + 150
www.galaxycn.com
Document Number 0267007
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
MBR2530CT---MBR25100CT
FIG.2 -- FORWARD DERATING CURVE
150
25
120
AMPERES
8.3ms Single Half Sine Wave TJ=125
20
90
15
60
10
30
5.0
0 1
0 25 50 75 100 125 150
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
100 TJ=125
Pulse width = 300s 1% Duty Cycle
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
500
10
MBR2530CT-MBR2560CT
TJ=25
AMPERES
10
1.0
MBR2580CT-MBR25100CT
.1
MBR2530CT-MBR2560CT
1
MBR2530CT-MBR2545CT MBR2550CT-MBR2560CT MBR2580CT-MBR25100CT
MBR2580CT-MBR25100CT
.01
TC=125ae TC=25ae
0
20
40
60
80
100
120
140
.1
.3
.4
.5 .6
.7
.8
.9 1.0 1.1 1.2 1.3 1.4 1.5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
www.galaxycn.com
Document Number 0267007
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of MBR25100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X